Part Number Hot Search : 
BGY587 3269T IRF780 220S33 SF007 6675B D1NJ10 LTC3563
Product Description
Full Text Search
 

To Download B43303R0157M007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Snap-In Capacitors Standard - 85 C B41303, B43303
General-purpose grade capacitors Applications
I Switch-mode power supplies in industrial and
B41303 B43303
entertainment electronics Features
I High ripple current capability I Different case sizes available for
each capacitance value Construction
I I I I I I
Charge-discharge proof, polar Aluminum case, fully insulated Snap-in solder pins to hold component in place on PC-board Minus pole marking on case surface Minus pole not insulated from case Overload protection (safety vent)
Terminals
I Standard version with 2 terminals
2 lengths available: 6,3 and 4,5 mm
I 3 terminals: length 4,5 mm
(terminal arrangement ensures correct insertion)
210 10/02
B41303 / B43303 Standard - 85 C
Specifications and characteristics in brief B41303 Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Leakage current IL (5 min, 20 C) Self-inductance ESL Useful life 85 C, UR; I~R 40 C, UR; 1,15 * I~R Requirements: > 2 000 h > 100 000 h C/C 45 % of initial value ESR 3 times initial spec. limit IL initial specified limit > 2 000 h > 100 000 h C/C 30 % of initial value ESR 3 times initial spec. limit IL initial specified limit 10 ... 100 VDC 1,15 * UR 680 ... 47 000 F 20 % M B43303 (not for new design) 200 ... 500 VDC 1,15 * UR (for UR 250 VDC) 1,10 * UR (for UR 385 VDC) 22 ... 1 500 F 20 % M
C R U R 0,7 I L 0,3 A ae ------- ------- o + 4 A e F V o
Approx. 20 nH
Failure percentage: 1 % Failure rate: 100 fit ( 100 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 85C; UR Post test requirements: 2 000 h 2 000 h C/C 10 % of initial value C/C 15 % of initial value ESR 1,3 times initial spec. limit ESR 1,3 times initial spec. limit IL initial specified limit IL initial specified limit To IEC 60068-2-6, test Fc: displacement amplitude 0,35 mm, frequency range 10 ... 55 Hz, acceleration max. 5 g, duration 3 x 2 h To IEC 60068-1: 40/085/56 (- 40C/+ 85C/56 days 25/085/56 (- 25C/+ 85C/56 days damp heat test) damp heat test) Detail specification Sectional specification Similar to CECC 30301-806 IEC 60384-4
Vibration resistance
IEC climatic category
211 10/02
B41303 / B43303 Standard - 85 C
Dimensional drawings
Minus pole marking Minus pole marking
Mounting holes Mounting holes
KAL0140-J
KAL0324-F
Snap-in terminals, standard (length 6,3 1 mm). Also available in a shorter version with a length of 4,5 -1 mm. For packing mode and ordering example see next page. Dimensions (mm) d+1 l2 22 22 22 22 22 25 25 25 25 25 25 30 35 40 45 25 30 35 40 45 Approx. Packing units weight (g) (pieces) 9 12 15 18 20 13 17 19 22 25 160 160 160 160 160 130 130 130 130 130
Snap-in capacitors are also available with 3 terminals (length 4,5 -1 mm). For packing mode and ordering example see next page. Dimensions (mm) d+1 l2 30 30 30 30 30 30 30 35 35 35 35 35 20 25 30 35 40 45 50 20 40 45 50 55 Approx. Packing units weight (g) (pieces) 14 17 23 29 36 41 46 19 44 52 59 66 80 80 80 80 80 80 80 60 60 60 60 60
212 10/02
B41303 / B43303 Standard - 85 C
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in part) in the correct position for insertion. Ordering codes Snap-in terminals Version Standard terminals (6,3 1) mm Short terminals (4,5 -1) mm 3 terminals (4,5 -1) mm Ordering example: B41303A3109M007 B41303A3109M002 Identification in 3rd block of ordering code M000 M007 M002
} }
snap-in capacitor with short terminals snap-in capacitor with 3 terminals 213 10/02
B41303 / B43303 Standard - 85 C
Overview of available types Type B41303
UR (VDC) CR (F)
680 1 000 1 500 2 200 3 300 4 700 6 800 10 000 15 000 22 000 33 000 47 000
10
16
25
40
63
100 22 x 30 25 x 25 22 x 35 25 x 30
Case dimensions d x l (mm)
22 x 30 25 x 25 22 x 35 25 x 30 22 x 30 25 x 25 22 x 30 25 x 25 22 x 30 25 x 25 22 x 30 25 x 25 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 45 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 45 22 x 35 25 x 30 25 x 35 30 x 30 30 x 35 30 x 45 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 50 25 x 35 30 x 30 30 x 35 30 x 45
25 x 35 30 x 30 30 x 35 30 x 45
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
214 10/02
B41303 / B43303 Standard - 85 C
Overview of available types Type B43303 (not for new design)
UR (VDC) CR (F)
22 33 47 68 100 120 150 180 220 270 330 390 470 560 680 1 000 1 200 1 500
200
250
385
400
450
500 22 x 25 22 x 30 22 x 40
Case dimensions d x l (mm)
22 x 25 22 x 30 25 x 25 22 x 40 25 x 30 25 x 40 30 x 35
22 x 30 22 x 35 25 x 30 25 x 30 22 x 40 25 x 30 25 x 40 30 x 30 30 x 35
22 x 35 22 x 40 25 x 35 30 x 35 30 x 35
25 x 40 30 x 40
22 x 25
30 x 50
22 x 25
22 x 30 25 x 25 22 x 40 25 x 35
30 x 50 30 x 45 35 x 40 35 x 45 35 x 50
22 x 30 25 x 25
30 x 45
30 x 45 30 x 45 35 x 40
22 x 40 30 x 25 25 x 40 30 x 35 30 x 45 35 x 40 35 x 45 35 x 50
25 x 40 30 x 30
35 x 40 35 x 45
35 x 45 35 x 50 35 x 55
30 x 40 35 x 45 35 x 50
The capacitance and voltage ratings listed above are available in different cases upon request. Other voltage and capacitance ratings are also available upon request.
215 10/02
B41303 / B43303 Standard - 85 C
Technical data and ordering codes
UR
CR 100 Hz 20 C VDC F
B41303 10 10 000 10 000 15 000 15 000 22 000 22 000 33 000 16 47 000 6 800 6 800 10 000 10 000 15 000 15 000 22 000 25 33 000 4 700 4 700 6 800 6 800 10 000 10 000 15 000 22 000
Case dimensions dxl mm 22 x 30 25 x 25 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 45 22 x 30 25 x 25 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 45 22 x 30 25 x 25 22 x 35 25 x 30 25 x 35 30 x 30 30 x 35 30 x 45
ESRmax 100 Hz 20 C m
66 66 54 54 46 46 41 38 71 71 58 58 49 49 43 39 77 77 62 62 52 52 45 40
Zmax 10 kHz 20 C m
59 59 49 49 43 43 39 36 59 59 52 52 45 45 40 37 67 67 56 56 48 48 42 38
I~max 100 Hz 40 C A
4,7 4,7 5,6 5,6 6,7 6,7 7,3 8,3 4,5 4,5 5,2 5,2 6,4 6,4 7,3 8,1 4,4 4,4 4,9 4,9 5,5 5,5 7,0 8,1
I~R1) 100 Hz 85 C A
1,8 1,8 2,2 2,2 2,6 2,6 2,8 3,2 1,8 1,8 2,0 2,0 2,5 2,5 2,8 3,1 1,7 1,7 1,9 1,9 2,3 2,3 2,7 3,1
Ordering code 2)
B41303A3109M000 B41303J3109M000 B41303B3159M000 B41303J3159M000 B41303A3229M000 B41303J3229M000 B41303B3339M000 B41303B3479M000 B41303A4688M000 B41303J4688M000 B41303B4109M000 B41303J4109M000 B41303A4159M000 B41303J4159M000 B41303B4229M000 B41303B4339M000 B41303A5478M000 B41303J5478M000 B41303B5688M000 B41303J5688M000 B41303B5109M000 B41303J5109M000 B41303B5159M000 B41303B5229M000
Preferred types 1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
216 10/02
B41303 / B43303 Standard - 85 C
CR 100 Hz 20 C VDC F
40 3 300 3 300 4 700 4 700 6 800 6 800 10 000 63 15 000 1 500 1 500 2 200 2 200 3 300 3 300 4 700 100 6 800 680 680 1 000 1 000 1 500 1 500 2 200 3 300
UR
Case dimensions dxl mm 22 x 30 25 x 25 22 x 35 25 x 30 25 x 40 30 x 30 30 x 35 30 x 50 22 x 30 25 x 25 22 x 35 25 x 30 25 x 35 30 x 30 30 x 35 30 x 45 22 x 30 25 x 25 22 x 35 25 x 30 25 x 35 30 x 30 30 x 35 30 x 45
ESRmax 100 Hz 20 C m
77 77 66 66 55 55 47 41 120 120 89 89 69 69 58 49 180 180 130 130 97 97 75 60
Zmax 10 kHz 20 C m
71 71 59 59 50 50 44 39 100 100 77 77 62 62 52 45 150 150 110 110 83 83 66 54
I~max 100 Hz 40 C A
4,4 4,4 4,9 4,9 6,1 6,1 6,8 8,4 3,5 3,5 4,2 4,2 5,2 5,2 6,2 7,3 2,9 2,9 3,4 3,4 4,4 4,4 5,5 6,5
I~R1) 100 Hz 85 C A
1,7 1,7 1,9 1,9 2,4 2,4 2,6 3,3 1,4 1,4 1,6 1,6 2,0 2,0 2,4 2,8 1,1 1,1 1,3 1,3 1,7 1,7 2,1 2,5
Ordering code 2)
B41303A7338M000 B41303J7338M000 B41303B7478M000 B41303J7478M000 B41303A7688M000 B41303J7688M000 B41303B7109M000 B41303A7159M000 B41303A8158M000 B41303J8158M000 B41303B8228M000 B41303J8228M000 B41303B8338M000 B41303J8338M000 B41303B8478M000 B41303B8688M000 B41303A9687M000 B41303J9687M000 B41303B9108M000 B41303J9108M000 B41303B9158M000 B41303J9158M000 B41303B9228M000 B41303B9338M000
Preferred types 1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
217 10/02
B41303 / B43303 Standard - 85 C
Technical data and ordering codes
UR
CR 100 Hz 20 C VDC F
Case dimensions dxl mm
ESRmax 100 Hz 20 C m
1250 900 800 560 560 390 390 260 260 220 180 1400 920 920 620 620 440 440 300 220 180 2700 1800 1800 1200 1200 800 800 540 410 340
Zmax 10 kHz 20 C m
960 640 640 450 450 310 310 210 210 180 140 1200 740 740 500 500 360 360 240 170 150 2200 1500 1500 940 940 640 640 440 330 280
I~max 100 Hz 40 C A
1,7 2,2 2,3 2,9 3,0 3,8 4,0 5,3 5,6 6,4 7,4 1,4 1,8 1,8 2,5 2,5 3,2 3,1 4,2 5,8 6,6 1,0 1,3 1,3 1,7 1,7 2,3 2,4 3,2 4,1 4,7
I~R1) 100 Hz 85 C A
0,77 1,0 1,0 1,3 1,3 1,7 1,8 2,4 2,5 2,9 3,3 0,63 0,82 0,84 1,1 1,2 1,4 1,4 1,9 2,6 3,0 0,45 0,58 0,59 0,79 0,77 1,0 1,1 1,4 1,8 2,1
Ordering code 2)
B43303 (not for new design) 200 220 22 x 25 330 330 470 470 680 680 1 000 1 000 1 200 1 500 250 150 220 220 330 330 470 470 680 1 000 1 200 385 68 100 100 150 150 220 220 330 470 560 22 x 30 25 x 25 22 x 40 30 x 25 25 x 40 30 x 35 30 x 45 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 40 25 x 35 25 x 40 30 x 30 30 x 40 35 x 45 35 x 50 22 x 25 22 x 30 25 x 25 22 x 40 25 x 30 25 x 40 30 x 35 30 x 45 35 x 40 35 x 45
B43303D0227M000 B43303D0337M000 B43303M0337M000 B43303D0477M000 B43303M0477M000 B43303D0687M000 B43303M0687M000 B43303D0108M000 B43303E0108M000 B43303A0128M000 B43303A0158M000 B43303C2157M000 B43303C2227M000 B43303L2227M000 B43303C2337M000 B43303L2337M000 B43303C2477M000 B43303L2477M000 B43303C2687M000 B43303A2108M000 B43303A2128M000 B43303H0686M000 B43303H0107M000 B43303R0107M000 B43303H0157M000 B43303R0157M000 B43303H0227M000 B43303P0227M000 B43303H0337M000 B43303E0477M000 B43303A0567M000
1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
218 10/02
B41303 / B43303 Standard - 85 C
CR 100 Hz 20 C VDC F
400 68 100 100 120 150 150 220 220 270 330 390 390 470 560 680 450 68 100 120 150 180 220 270 330 390 470 500 22 33 47 68 100 150
UR
Case dimensions dxl mm 22 x 30 22 x 35 25 x 30 25 x 30 22 x 40 25 x 30 25 x 40 30 x 30 30 x 35 30 x 45 30 x 45 35 x 40 35 x 45 35 x 50 35 x 55 22 x 35 22 x 40 25 x 35 30 x 35 30 x 35 30 x 50 30 x 45 35 x 40 35 x 45 35 x 50 22 x 25 22 x 30 22 x 40 25 x 40 30 x 40 30 x 50
ESRmax 100 Hz 20 C m
2400 1600 1600 1350 1100 1100 700 700 580 450 400 440 360 300 250 3700 2500 2100 1700 1370 1200 910 840 710 590 9200 6200 4400 3000 2100 1400
Zmax 10 kHz 20 C m
2000 1420 1420 1180 920 920 630 630 520 420 360 350 290 240 200 3080 2080 1730 1420 1180 1000 790 670 570 470 7700 5200 3700 2500 1800 1200
I~max 100 Hz 40 C A
1,0 1,3 1,4 1,5 1,7 1,7 2,2 2,2 2,6 3,2 3,5 3,7 4,3 4,9 5,6 1,1 1,4 1,6 1,9 2,1 2,7 2,9 3,4 3,9 4,5 0,52 0,68 0,91 1,2 1,6 2,1
I~R1) 100 Hz 85 C A
0,48 0,61 0,63 0,69 0,79 0,77 1,0 1,0 1,2 1,4 1,6 1,7 1,9 2,2 2,5 0,50 0,64 0,72 0,88 0,97 1,2 1,3 1,5 1,8 2,0 0,24 0,31 0,41 0,54 0,71 0,94
Ordering code 2)
B43303G0686M000 B43303G0107M000 B43303Q0107M000 B43303A9127M000 B43303A9157M000 B43303B9157M000 B43303B9227M000 B43303A9227M000 B43303A9277M000 B43303G0337M000 B43303A9397M000 B43303A0397M000 B43303F0477M000 B43303F0567M000 B43303A0687M000 B43303A5686M000 B43303B5107M000 B43303A5127M000 B43303A5157M000 B43303A5187M000 B43303A5227M000 B43303A5277M000 B43303A5337M000 B43303A5397M000 B43303A5477M000 B43303A6226M000 B43303A6336M000 B43303A6476M000 B43303A6686M000 B43303A6107M000 B43303A6157M000
1) 120 Hz conversion factor of ripple current: I~ (120 Hz) = 1,03 * I~ (100 Hz) 2) Ordering code for standard terminals (6,3 mm). To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 213.
219 10/02
B41303 / B43303 Standard - 85 C
Useful life depending on ambient temperature TA under ripple current operating conditions 1)
UR 100 VDC
3,0
KAL0539-6
~ ~R
B41303 2,5 2,0 1,5 1,0
100 000 h 50 000 h 25 000 h
5 000 h
2 500 h
0 40
50
60
70
80
2 000 h
0,5
10 000 h
C TA
90
UR 200 VDC
2,5
KAL0540-9
~ ~R
B43303 2,0
1,5
1,0
100 000 h
50 000 h
25 000 h
10 000 h
0,5
5 000 h
0 40
50
60
70
80
C TA
2 000 h
90
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
220 10/02
B41303 / B43303 Standard - 85 C
Frequency factor of permissible ripple current I~ versus frequency f UR 100 VDC
1,5
KAL0152-8
Frequency factor of permissible ripple current I~ versus frequency f UR 200 VDC
1,5
KAL0144-H
~ f ~100 Hz
1,3 1,2 1,1 1,0 0,9 0,8 5
B41303 63 V, 100 V
~f ~100 Hz
1,3 1,2
B43303
25 V, 40 V
10 V, 16 V
1,1 1,0 0,9 0,8
10 2
5
10 3 Hz 2 f
5
10 2
5
10 3 Hz 2 f
Frequency characteristics of ESR Typical behavior UR 100 VDC
1,5 B41303 ESR f ESR 100 Hz 1,3 1,2 1,1 1,0 0,9 0,8 0,7 0,6 0,5 5 10 2 5 10 3 Hz 2 f 10, 16 V 25 V, 40 V 63 V, 100 V
KAL0149-N
Frequency characteristics of ESR Typical behavior UR 200 VDC
1,5 B43303 ESR f ESR 100 Hz 1,3 1,2 1,1 1,0 0,9 0,8 0,7 0,6 0,5 5 10 2 5 10 3 Hz 2 f
KAL0155-X
221 10/02
B41303 / B43303 Standard - 85 C
Impedance Z versus frequency f Typical behavior at 20 C UR 100 VDC
10 2
KAL0153-G
Impedance Z versus frequency f at different temperatures T for 100 F/400 VDC Typical behavior
10 3
KAL0325-N
Z
10 1 4 10 0 4 10
_1
B41303
Z
10 2 4 10 1 4
1000 F/100 V 10000 F/40 V
B43303
_ 40 C
_ 25 C
0 C 20 C
10 0 4 10
_1
4 10
_2
4 10
_3
4 10
10 2 10 3 10 4 10 5 10 6 Hz 10 7 f
_2
85 C 10 1 10 2 10 3 10 4 10 5 Hz 10 6 f
10 1
222 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B43303R0157M007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X