|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Single-Ended Capacitors 140 C B41867 Long-life grade capacitors for telecommunication and automotive electronics Applications I Circuits that requires very high ambient temperature I I I I I I I I B41867 environments and heavy duty services Telecommunications Industrial Automotive Military Power supplies Smoothing circuits Control circuits High-temperature environments KAL0707-F Features I High ripple current capability I High reliability and long useful life I Wide temperature range up to 140 C Construction I I I I I I Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulating sleeve Case with safety vent Stand off rubber seal Delivery mode Special terminal configuratiosn and packing: I I I I I Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal) Refer to page 503 for further details and ordering example. 485 10/02 B41867 140 C Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Useful life 140 C; UR; I~R > 1 500 h 10 ... 63 VDC 1,15 * UR 4,7 ... 4 700 F 20 % M Requirements: C/C tan IL 35 % of initial value 3 times initial specified limit initial specified limit Failure percentage: 1 % Failure rate: 10 fit ( 10 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 140 C; UR 1 000 h Post test requirements: C/C tan IL 30 % of initial value 2 times initial specified limit initial specified limit Vibration resistance To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 ... 2000 Hz, acceleration max. 10 g, duration 3 x 2 h To IEC 60068-1: 55/140/56 (- 55 C/+ 140 C/56 days damp heat test) IEC 60384-4 IEC climatic category Sectional specification 486 10/02 B41867 140 C Dimensional drawing d max. d Stand-off rubber seal + max. Safety vent 15 min. 5 min. KAL0811-E-E a Minus pole marking Dimensions and weights Dimensions (mm) Approx. weight dxl 10 10 x 16 x 20 dmax x lmax 10,5 x 17 10,5 x 22 13 x 27 16,5 x 22 16,5 x 27 16,5 x 33,5 18,5 x 32,5 18,5 x 36 18,5 x 41 20,5 x 42 a 0,5 5,0 5,0 5,0 7,5 7,5 7,5 7,5 7,5 7,5 10 ob b 0,60 0,05 0,60 0,05 0,60 0,05 0,80 0,05 0,80 0,05 0,80 0,05 0,80 0,1 0,80 0,1 0,80 0,1 0,80 0,1 g 1,9 2,6 4,5 5,5 7,5 7,8 11 13 16 20 12,5 x 25 16 x 20 16 16 18 18 18 20 x 25 x 31,5 x 31,5 x 35 x 40 x 40 487 10/02 B41867 140 C Overview of available types UR (VDC) CR (F) 4,7 10 22 33 47 100 220 330 470 1 000 2 200 3 300 4 700 10 16 25 35 50 x 16 x 16 x 16 x 16 x 20 x 25 x 31,5 x 35 x 40 63 Case dimensions d x l (mm) 10 10 10 10 10 10 10 10 x 16 x 20 10 x 16 x 20 10 10 16 16 18 20 x 16 x 20 x 20 x 25 x 40 x 40 12,5 x 25 12,5 x 25 16 16 18 20 x 25 x 31,5 x 31,5 x 40 16 18 18 18 10 16 18 18 18 x 20 x 25 x 31,5 x 35 x 40 12,5 x 25 12,5 x 25 12,5 x 25 12,5 x 25 16 18 18 20 x 25 x 31,5 x 40 x 40 12,5 x 25 12,5 x 25 12,5 x 25 16 18 18 x 31,5 x 31,5 x 35 The capacitance and voltage ratings listed above are available in smaller cases upon request. Other voltage and capacitance ratings are also available upon request. 488 10/02 B41867 140 C Technical data and ordering codes UR VDC 10 CR 120 Hz 20 C F 220 330 470 1 000 2 200 3 300 4 700 100 220 330 470 1 000 2 200 3 300 4 700 100 220 330 470 1 000 2 200 3 300 Case dimensions dxl mm 10 10 x 16 x 20 IL 5 min 20 C A 22 33 47 100 220 330 470 16 35 53 75 160 352 528 752 25 55 83 118 250 550 825 35 77 116 165 350 770 tan max 120 Hz 20 C 0,24 0,24 0,24 0,24 0,26 0,28 0,30 0,20 0,20 0,20 0,20 0,20 0,22 0,24 0,26 0,17 0,17 0,17 0,17 0,17 0,19 0,21 0,14 0,14 0,14 0,14 0,14 0,16 ESRmax 120 Hz 20 C 1,8 1,2 0,85 0,40 0,20 0,14 0,10 3,3 1,5 1,0 0,71 0,33 0,17 0,12 0,09 2,8 1,3 0,85 0,60 0,28 0,14 0,11 2,3 1,1 0,70 0,49 0,23 0,12 I~R 120 Hz 140 C mA 180 240 350 520 870 1000 1200 130 210 325 380 580 950 1300 1650 140 265 370 445 590 1055 1550 200 300 410 540 750 1250 Ordering code 1) B41867A3227M00* B41867A3337M00* B41867A3477M00* B41867A3108M00* B41867A3228M00* B41867A3338M00* B41867A3478M00* B41867A4107M00* B41867A4227M00* B41867A4337M00* B41867A4477M00* B41867A4108M00* B41867A4228M00* B41867A4338M00* B41867A4478M00* B41867A5107M00* B41867A5227M00* B41867A5337M00* B41867A5477M00* B41867A5108M00* B41867A5228M00* B41867A5338M00* B41867A7107M00* B41867A7227M00* B41867A7337M00* B41867A7477M00* B41867A7108M00* B41867A7228M00* 12,5 x 25 12,5 x 25 16 18 18 10 10 x 31,5 x 31,5 x 35 x 16 x 20 16 12,5 x 25 12,5 x 25 16 x 25 18 18 20 10 10 16 16 18 20 x 31,5 x 40 x 40 x 16 x 20 x 20 x 25 x 40 x 40 25 12,5 x 25 35 100 220 330 470 1 000 2 200 12,5 x 25 12,5 x 25 16 x 25 16 18 20 x 31,5 x 31,5 x 40 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503. 489 10/02 B41867 140 C Technical data and ordering codes UR VDC 50 CR 120 Hz 20 C F 4,7 10 22 33 47 100 220 330 470 1 000 Case dimensions dxl mm 10 10 10 10 10 16 18 18 18 x 16 x 16 x 16 x 16 x 20 x 25 x 31,5 x 35 x 40 IL 5 min 20 C A 5 5 11 17 24 50 110 165 235 500 30 63 139 208 296 630 tan max 120 Hz 20 C 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 0,12 ESRmax 120 Hz 20 C 42,3 19,9 9,0 6,0 4,2 2,0 0,90 0,60 0,42 0,20 4,2 2,0 0,90 0,60 0,42 0,20 I~R 120 Hz 140 C mA 35 50 80 90 130 230 380 555 700 1085 130 230 380 555 700 1085 Ordering code 1) B41867A6475M00* B41867A6106M00* B41867A6226M00* B41867A6336M00* B41867A6476M00* B41867A6107M00* B41867A6227M00* B41867A6337M00* B41867A6477M00* B41867A6108M00* B41867A8476M00* B41867A8107M00* B41867A8227M00* B41867A8337M00* B41867A8477M00* B41867A8108M00* 12,5 x 25 63 47 100 220 330 470 1 000 10 x 20 12,5 x 25 16 18 18 18 x 25 x 31,5 x 35 x 40 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503. 490 10/02 B41867 140 C Useful life depending on ambient temperature TA under ripple current operating conditions 1) UR = 10 ... 50 VDC 5,0 KAL0799-R ~ ~R 4,5 4,0 3,5 3,0 2,5 2,0 1,5 B41867 50 000 h 25 000 h 10 000 h 5 000 h 2 500 h 1,0 0,5 0 40 50 60 70 80 100 000 h 90 100 110 120 130 C 150 TA Frequency factor of permissible ripple current I~ versus frequency f 2,0 KAL0800-Y Impedance Z versus frequency f Typical behavior at 20 C 10 2 KAL0801-7 ~f ~120 kHz 1,6 1,4 1,2 1,0 0,8 0,6 B41867 Z 10 1 B41867 1 500 h 10 0 330 F/16 V 1000 F/25 V 10 _1 0,4 0,2 01 10 10 2 10 3 10 4 Hz 10 5 f 10 _2 10 1 10 2 10 3 10 4 10 5 Hz 10 6 f 1) Refer to page 40 for an explanation on how to interpret the useful life graphs. 491 10/02 Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89 ( EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89 EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices. ( |
Price & Availability of B41867A8477M00 |