|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Single-Ended Capacitors Very Low Impedance - 105 C B41859 Long-life grade capacitors for professional applications Applications I For use in output circuits of switch-mode B41859 power supplies of compact design I For professional industrial electronics, telecommunications and data processing equipment Features I I I I KAL0707-F Very low impedance at high frequency Very low equivalent series resistance ESR High ripple current capability Wide temperature range Construction I I I I I I Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulating sleeve Case with safety vent Stand off rubber seal Delivery mode Special terminal configurations and packing: I I I I I Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal) Refer to page 503 for further details and ordering example. 427 10/02 B41859 Very Low Impedance - 105 C Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Useful life 105 C; UR; I~R 6,3 ... 50 VDC 1,15 * UR 100 ... 4 700 F 20 % > 4 000 h M Requirements: C/C tan IL 40 % of initial value 3 times initial specified limit initial specified limit Failure percentage: 1 % Failure rate: 100 fit ( 100 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 105 C; UR 2 000 h Post test requirements: C/C tan IL 30 % of initial value 2 times initial specified limit initial specified limit Vibration resistance IEC climatic category Sectional specification To IEC 68068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 ... 2 000 Hz, acceleration max.10 g, duration 3 x 2 h To IEC 60068-1: 55/105/56 (- 55 C/+ 105 C/56 days damp heat test) IEC 60384-4 428 10/02 B41859 Very Low Impedance - 105 C Dimensional drawing d max. d Stand-off rubber seal + max. Safety vent 15 min. 5 min. KAL0811-E-E a Minus pole marking Dimensions and weights Dimensions (mm) dxl 8 x 11 10 x 16 10 x 20 12,5 x 25 16 x 20 16 x 31,5 18 x 31,5 18 x 35 18 x 40 Approx. weight g 1,0 1,9 2,6 4,5 5,5 7,8 11 13 16 dmax x lmax 8,5 x 12 10,5 x 17 10,5 x 22 13 x 27 16,5 x 22 16,5 x 33,5 18,5 x 32,5 18,5 x 36 18,5 x 41 a 0,5 3,5 5,0 5,0 5,0 7,5 7,5 7,5 7,5 7,5 ob b 0,60 0,05 0,60 0,05 0,60 0,05 0,60 0,05 0,80 0,05 0,80 0,05 0,80 0,1 0,80 0,1 0,80 0,1 429 10/02 B41859 Very Low Impedance - 105 C Overview of available types UR (VDC) CR (F) 100 220 330 470 680 1 000 1 500 2 200 3 300 4 700 6,3 10 16 25 8 x 11 x 16 x 16 x 20 35 8 10 10 10 x 11 x 16 x 20 x 20 50 10 x 16 Case dimensions d x l (mm) 8 x 11 10 x 16 10 x 16 10 x 20 16 x 20 16 x 31,5 18 x 35 10 10 10 10 x 20 12,5 x 25 16 18 x 20 x 31,5 8 8 8 10 10 x 11 x 11 x 16 x 20 10 10 x 11 x 16 x 20 12,5 x 25 16 18 18 x 31,5 x 35 x 40 12,5 x 25 18 18 x 35 x 40 12,5 x 25 12,5 x 25 16 x 20 16 x 31,5 Other capacitance and voltage ratings are available upon request. Technical data and ordering codes UR VDC 6,3 CR 120 Hz 20 C F 470 680 1 000 1 500 2 200 Case dimensions dxl mm 8 8 10 10 8 10 10 16 16 x 11 x 11 x 16 x 20 x 11 x 16 x 20 IL, max 5 min 20 C A 30 43 63 95 139 33 47 100 220 tan max ESRmax 120 Hz 120 Hz 20 C 20 C 0,22 0,22 0,22 0,22 0,24 0,19 0,19 0,19 0,21 0,23 0,25 0,78 0,54 0,36 0,24 0,18 0,95 0,67 0,31 0,16 0,12 0,09 Zmax 100 kHz 20 C 0,190 0,150 0,068 0,034 0,030 0,170 0,120 0,062 0,034 0,030 0,024 I~R Ordering code 1) 100 kHz 105 C mA 4 454 555 780 1 200 1 400 440 640 1 120 1 620 1 700 2 210 B41859A2477M00* B41859A2867M00* B41859A2108M00* B41859A2158M00* B41859A2228M00* B41859A3337M00* B41859A3477M00* B41859A3108M00* B41859A3228M00* B41859A3338M00* B41859A3478M00* 12,5 x 25 10 330 470 1 000 2 200 3 300 4 700 12,5 x 25 x 20 330 x 31,5 470 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503. 430 10/02 B41859 Very Low Impedance - 105 C Technical data and ordering codes UR VDC 16 CR 120 Hz 20 C F 220 330 470 1 000 2 200 3 300 Case dimensions dxl mm 8 10 10 10 16 16 16 8 10 10 x 11 x 16 x 16 x 20 x 20 x 31,5 x 35 x 11 x 16 x 16 IL, max 5 min 20 C A 35 53 75 160 352 528 752 25 55 83 118 250 550 825 1 175 35 77 116 165 350 770 1 155 50 110 165 235 500 tan max ESRmax 120 Hz 120 Hz 20 C 20 C 0,16 0,16 0,16 0,16 0,18 0,20 0,22 0,14 0,14 0,14 0,14 0,14 0,16 0,18 0,20 0,12 0,12 0,12 0,12 0,12 0,14 0,16 0,10 0,10 0,10 0,10 0,10 1,21 0,80 0,56 0,27 0,14 0,10 0,08 2,32 1,06 0,70 0,49 0,23 0,12 0,09 0,07 1,99 0,90 0,60 0,42 0,20 0,11 0,08 1,66 0,75 0,50 0,35 0,17 Zmax 100 kHz 20 C 0,120 0,100 0,084 0,050 0,030 0,024 0,018 0,180 0,120 0,084 0,062 0,034 0,024 0,018 0,015 0,120 0,084 0,062 0,052 0,034 0,018 0,015 0,130 0,080 0,062 0,048 0,030 Ordering code 1) I~R 100 kHz 105 C mA 530 640 840 1 340 1 800 2 310 2 790 340 620 830 1 080 1 690 2 310 2 790 3 090 500 820 1 090 1 200 1 940 2 850 3 150 640 1 050 1 400 1 240 2 310 B41859A4227M00* B41859A4337M00* B41859A4477M00* B41859A4108M00* B41859A4228M00* B41859A4338M00* B41859A4478M00* B41859A5107M00* B41859A5227M00* B41859A5337M00* B41859A5477M00* B41859A5108M00* B41859A5228M00* B41859A5338M00* B41859A5478M00* B41859A7107M00* B41859A7227M00* B41859A7337M00* B41859A7477M00* B41859F7108M00* B41859A7228M00* B41859A7338M00* B41859A6107M00* B41859A6227M00* B41859A6337M00* B41859A6477M00* B41859A6108M00* 25 4 700 100 220 330 470 1 000 2 200 3 300 4 700 10 x 20 12,5 x 25 16 18 18 8 10 10 x 31,5 x 35 x 40 x 11 x 16 x 20 35 100 220 330 470 1 000 2 200 3 300 10 x 20 12,5 x 25 18 18 10 x 35 x 40 x 16 50 100 220 330 470 1 000 10 x 20 12,5 x 25 16 18 x 20 x 31,5 Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503. 431 10/02 B41859 Very Low Impedance - 105 C Useful life depending on ambient temperature TA under ripple current operating conditions 1) UR = 6,3 ... 50 VDC 3,5 KAL0767-N ~ ~R B41859 3,0 2,5 2,0 1,5 1,0 50 000 h 25 000 h 400 000 h 200 000 h 0,5 0 40 50 60 100 000 h 70 80 90 10 000 h 100 TA Frequency factor of permissible ripple current I~ versus frequency f 2,0 KAL0768-W Impedance Z versus frequency f Typical behavior at 20 C 10 2 KAL0769-5 ~f ~100 kHz 1,4 1,2 1,0 0,8 0,6 B41859 Z 10 1 B41859 4 000 h C 110 6,3 V, 10 V, 16 V, 25 V 35 V, 50 V 10 0 470 F/50 V 1000 F/25 V 10 0,4 0,2 02 10 10 3 10 4 Hz 10 5 f _1 10 _2 10 1 10 2 10 3 10 4 10 5 Hz 10 6 f 1) Refer to page 40 for an explanation on how to interpret the useful life graphs. 432 10/02 Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89 ( EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89 EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices. ( |
Price & Availability of B41859F7108M00 |