Part Number Hot Search : 
TC1766 D222I CXA2561Q T0603 31DF4 7NA60 MKW3034 NK364PN
Product Description
Full Text Search
 

To Download B41856A9477M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Ended Capacitors Low Impedance - 105 C B41856
Long-life grade capacitors for professional applications Applications
I For use in output circuits of switch-mode
B41856
power supplies of compact design
I For professional industrial electronics,
telecommunications and data processing equipment Features
I Low equivalent series resistance ESR I Low impedance I High ripple current capability
KAL0707-F
Construction
I I I I I I
Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on insulating sleeve Case with safety vent Stand off rubber seal
Delivery mode Special terminal configurations and packing:
I I I I I
Bulk Taped, Ammo pack Cut Kinked PAPR (protection against polarity reversal)
Refer to page 503 for further details and ordering example.
415 10/02
B41856 Low Impedance - 105 C
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Useful life 105 C; UR; I~R 6,3 ... 100 VDC 1,15 * UR 22 ... 4 700 F 20 % > 4 000 h M Requirements: C/C tan IL 40 % of initial value 3 times initial specified limit initial specified limit
Failure percentage: 1 % Failure rate: 100 fit ( 100 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 105C; UR 2 000 h Post test requirements: C/C tan IL 20 % of initial value 2 times initial specified limit initial specified limit
Vibration resistance
IEC climatic category Sectional specification
To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 ... 2 000 Hz, acceleration max.10 g, duration 3 x 2 h To IEC 60068-1: 40/105/56 (- 40C/+ 105C/56 days damp heat test) IEC 60384-4
416 10/02
B41856 Low Impedance - 105 C
Dimensional drawings
d max. d
Stand-off rubber seal + max. Safety vent 15 min. 5 min.
KAL0811-E-E
a
Minus pole marking
Dimensions and weights Dimensions (mm) Approx. weight
dxl
8 x 11 10 x 12,5 10 x 16 10 x 20 12,5 x 25 16 x 20 16 x 25 16 x 31,5 18 x 31,5 18 x 35 18 x 40
dmax x lmax
8,5 x 12 10,5 x 13,5 10,5 x 17 10,5 x 22 13 x 27 16,5 x 22 16,5 x 27 16,5 x 33,5 18,5 x 32,5 18,5 x 36 18,5 x 41
a 0,5
3,5 5,0 5,0 5,0 5,0 7,5 7,5 7,5 7,5 7,5 7,5
ob
b
0,60 0,05 0,60 0,05 0,60 0,05 0,60 0,05 0,60 0,05 0,80 0,05 0,80 0,05 0,80 0,05 0,80 0,1 0,80 0,1 0,80 0,1
g 1,0 1,6 1,9 2,6 4,5 5,5 7,5 7,8 11 13 16
417 10/02
B41856 Low Impedance - 105 C
Overview of available types
UR (VDC) 6,3 CR (F)
22 33 47 100 220 330 470 1 000 1 500 2 200 3 300 4 700 10x20
10
16
25
35
50
63
100 10 x12,5
Case dimensions d x l (mm) 10 x16 10 x12,5 10 x20 8x11 8x11 8 x11 10 x12,5 10x16 10 x16 12,5x25 16 x20 16 x25 10x20 16x20 16x25 10 x12,5 10x16 10x20 12,5x25 16x20 10 x12,5 10 x20 12,5x25 12,5x25 16 x25 18 x35 10 x20 12,5x25 16 x25 12,5x25 16 x31,5 18 x31,5 18 x35 10 x12,5 10x12,5 10 x16
16 x25 16x31,5 18 x40 16 x31,5 18x35
16x31,5 18 x35
Other capacitance and voltage ratings are available upon request.
418 10/02
B41856 Low Impedance - 105 C
Technical data and ordering codes
UR
VDC 6,3 10
CR 120 Hz 20 C F
1 500 330 470 1 000 2 200 3 300 4 700
Case dimensions dxl mm 10 8 10 10 16 16 8 10 10 16 16 16 10 10 16 16 18 8 10 10 10 16 16 18 x 20 x 11 x 12,5 x 16 x 20 x 25 x 11 x 16 x 20 x 20 x 25 x 12,5 x 12,5
IL, max 5 min 20 C A
95 99 141 300 660 990 1 410 106 226 480 1 056 1 584 165 248 750
tan max ESRmax 120 Hz 120 Hz 20 C 20 C 0,22 0,20 0,20 0,20 0,22 0,24 0,26 0,16 0,16 0,16 0,18 0,20 0,22 0,14 0,14 0,14 0,16 0,18 0,20 0,12 0,12 0,12 0,12 0,12 0,14 0,16 0,24 1,01 0,71 0,33 0,17 0,12 0,09 1,21 0,56 0,27 0,14 0,10 0,08 1,06 0,70 0,23 0,12 0,09 0,07 1,99 0,90 0,60 0,42 0,20 0,11 0,08
Zmax 100 kHz 20 C
0,044 0,340 0,340 0,170 0,090 0,069 0,046 0,340 0,230 0,140 0,069 0,046 0,040 0,340 0,230 0,090 0,046 0,040 0,036 0,340 0,230 0,170 0,140 0,069 0,040 0,036
Ordering code 1) I~R 100 kHz 105 C mA 1 200 310 370 640 1 000 1 250 1 400 328 480 800 1 150 1 400 1 750 328 480 1 000 1 400 1 750 2 000 328 480 640 800 1 150 1 750 2 000 B41856A2158M00* B41856A3337M00* B41856A3477M00* B41856A3108M00* B41856A3228M00* B41856A3338M00* B41856A3478M00* B41856A4227M00* B41856A4477M00* B41856A4108M00* B41856A4228M00* B41856A4338M00* B41856A4478M00* B41856A5227M00* B41856A5337M00* B41856A5108M00* B41856A5228M00* B41856A5338M00* B41856A5478M00* B41856A7107M00* B41856A7227M00* B41856A7337M00* B41856A7477M00* B41856A7108M00* B41856A7228M00* B41856A7338M00*
12,5 x 25
16
220 470 1 000 2 200 3 300 4 700
x 31,5 2 256
25
220 330 1 000 2 200 3 300 4 700
12,5 x 25
x 25 1 650 x 31,5 2 475 x 35 x 11 x 12,5 x 16 x 20 3 555 105 231 347 494
35
100 220 330 470 1 000 2 200 3 300
x 20 1 050 x 31,5 2 310 x 35 3 465
Preferred types 1) * = "0" for bulk version.. For taping versions, other lead configurations and packing information see page 503
419 10/02
B41856 Low Impedance - 105 C
Technical data and ordering codes
UR
VDC 50
CR 120 Hz 20 C F
100 220 330 470 1 000 2 200
Case dimensions dxl mm 10 10 x 12,5 x 16
IL, max 5 min 20 C A
150 330 495 705 1 500 3 300 89 189 416 624 888 1 890 66 99 141 300 660 990 1 410
tan max ESRmax 120 Hz 120 Hz 20 C 20 C 0,10 0,10 0,10 0,10 0,10 0,12 0,08 0,08 0,08 0,08 0,08 0,08 0,07 0,07 0,07 0,07 0,07 0,07 0,07 1,66 0,75 0,50 0,35 0,17 0,09 2,82 1,33 0,60 0,40 0,28 0,13 5,28 3,52 2,47 1,16 0,53 0,35 0,25
Zmax 100 kHz 20 C
0,400 0,220 0,180 0,160 0,060 0,042 0,70 0,40 0,23 0,20 0,10 0,070 0,70 0,42 0,35 0,18 0,13 0,085 0,062
Ordering code 1) I~R 100 kHz 105 C mA 270 500 640 800 1 200 1 700 280 500 850 890 1 400 1 900 280 480 550 850 1 400 1 700 2 000 B41856A6107M00* B41856A6227M00* B41856A6337M00* B41856A6477M00* B41856A6108M00* B41856A6228M00* B41856A8476M00* B41856A8107M00* B41856A8227M00* B41856A8337M00* B41856A8477M00* B41856A8108M00* B41856A9226M00* B41856A9336M00* B41856A9476M00* B41856A9107M00* B41856A9227M00* B41856A9337M00* B41856A9477M00*
10 x 20 12,5 x 25 16 18 10 10 x 25 x 35 x 12,5 x 20
63
47 100 220 330 470 1 000
12,5 x 25 12,5 x 25 16 18 10 10 x 25 x 35 x 12,5 x 16
100
22 33 47 100 220 330 470
10 x 20 12,5 x 25 16 18 18 x 31,5 x 31,5 x 35
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503.
420 10/02
B41856 Low Impedance - 105 C
Useful life depending on ambient temperature TA under ripple current operating conditions 1)
UR = 6,3 ... 50 VDC
3,0
KAL0764-Y
~ ~R
B41856 2,5 2,0 1,5 1,0
400 000 h 200 000 h 100 000 h 50 000 h 25 000 h
0,5 0 40
50
60
70
80
90
10 000 h
100
TA
Frequency factor of permissible ripple current I~ versus frequency f
2,0
KAL0765-7
Impedance Z versus frequency f Typical behavior at 20 C
10 2
KAL0766-F
~100 kHz
1,4 1,2 1,0 0,8 0,6 0,4 0,2 02 10 10 3 10 4 Hz 10 5 f 35 V, 50 V, 63 V, 100 V 6,3 V, 10 V, 16 V, 25 V
~f
B41856
Z
10 1
B41856
4 000 h
C 110
10 0
220 F/35 V 1000 F/16 V
10
_1
10
_2
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
421 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B41856A9477M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X