Part Number Hot Search : 
NJM3404A RM807 89C51R HCS412 KIA3844 6MPA5 KIA3844 MOC3022
Product Description
Full Text Search
 

To Download B41852A7475M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Ended GP Capacitors Low Profile - 105 C B41852
General-purpose grade capacitors Ultra-miniaturized dimensions Applications
I General-purpose applications,
B41852
mainly used in compact electronic equipments Features
I Ultra-miniaturized dimensions I Low profile
KAL0707-F
Construction
I I I I I
Dimension 4 x 5 mm Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulation sleeve Stand off rubber seal
Delivery mode
I Bulk I Taped, Ammo pack
Refer to page 503 for further details and ordering example.
391 10/02
B41852 Low Profile - 105 C
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Useful life 105 C; UR; I~R 10 ... 50 VDC 1,15 * UR 0,1 ... 15 F 20 % > 1 000 h M Requirements: C/C tan IL 50 % of initial value 3 times initial specified limit initial specified limit
Failure percentage: 3 % Failure rate: 100 fit ( 100 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Voltage endurance test 105 C; UR Post test requirements: 1 000 h C/C tan IL 25 % of initial value 2 times initial specified limit initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 ... 2000 Hz, acceleration max.10 g, duration 3 x 2 h To IEC 60068-1: 40/105/56 (- 40 C/+ 105 C/56 days damp heat test) IEC 60384-4
IEC climatic category Sectional specification
Dimensional drawing
d max. d
Stand-off rubber seal + max. 15 min. 5 min.
KAL0812-M-E
a
Minus pole marking
Dimensions and weight Dimensions (mm) Approx. weight
dxl
4x5
dmax x lmax
4,5 x 6
a 0,5
1,5
ob
b
0,45 0,05
g 0,3
392 10/02
B41852 Low Profile - 105 C
Overview of available types
UR (VDC) CR (F)
0,1 0,22 0,33 0,47 1 2,2 3,3 4,7 10 15
10
16
25
35
50 4x5 4x5 4x5 4x5 4x5 4x5 4x5
Case dimensions d x l (mm)
4x5 4x5 4x5 4x5 4x5
Other capacitance and voltage ratings are available upon request.
Technical data and ordering codes
UR
VDC 10 16 25 35 50
CR 120 Hz 20 C F
15 10 4,7 3,3 4,7 0,10 0,22 0,33 0,47 1,0 2,2 3,3
Case dimensions dxl mm 4x5 4x5 4x5 4x5 4x5 4x5 4x5 4x5 4x5 4x5 4x5 4x5
IL, max 5 min 20 C A
3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0
tan max ESRmax 120 Hz 120 Hz 20 C 20 C 0,20 0,17 0,15 0,12 0,12 0,10 0,10 0,10 0,10 0,10 0,10 0,10 18 23 42 48 34 1 326 603 402 282 133 60 40
I~R 120 Hz 105 C mA
20 18 13 11 14 1,0 2,0 3,0 3,8 6,0 11 13
Ordering code 1)
B41852A3156M00* B41852A4106M00* B41852A5475M00* B41852A7335M00* B41852A7475M00* B41852A6104M00* B41852A6224M00* B41852A6334M00* B41852A6474M00* B41852A6105M00* B41852A6225M00* B41852A6335M00*
1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503
393 10/02
B41852 Low Profile - 105 C
Equivalent series resistance ESR at f = 120 Hz versus temperature T Typical behavior
12
KAL0745-S
Impedance Z at f = 10 kHz versus temperature T Typical behavior
10 2
KAL0746-1
ESR T ESR 25 C
B41852
B41852
Z
8
10 1
0,47 F/50 V 10 F/16 V
6
10 0
4 16 V 50 V 2
0 _
40 _ 20
0
20
40
60
80
C 120 T
10 _1 40 _ 20
_
0
20
40
60
80
C 120 T
Impedance Z versus frequency f and temperature T for 0,47 F/50 VDC Typical behavior
10 4
KAL0747-9
Impedance Z versus frequency f and temperature T for 10 F/16 VDC Typical behavior
10 3
KAL0748-H
Z
10 3
B41852
Z
10 2
B41852
_ 40 C _ 25 C
10 2
_ 40 C _ 25 C
10 1
0 C 20 C 105 C
10 1
0 C 20 C 105 C
10 0
10 0 10 1
10
2
10
3
10
4
10 5 Hz 10 6 f
10
_1
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
394 10/02
B41852 Low Profile - 105 C
Impedance Z versus frequency f Typical behavior at 20 C
10 3
KAL0749-Q
Z
10 2
B41852
0,47 F/50 V 10 F/16 V 10 1
10 0
10
_1
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
395 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B41852A7475M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X