Part Number Hot Search : 
TL7700 29LV04 T6250930 YC36SGD SMBJ17CA 65016G M3494EZ C1200
Product Description
Full Text Search
 

To Download B41825A8684M00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Single-Ended Capacitors Low Leakage Current - 85 C B41825
General-pupose grade capacitors Applications
I General-purpose applications in the entertainment industry I Semi-professional to professional application range I Timer circuits
B41825
Features
I Low leakage current I Miniaturized dimensions
KAL0707-F
Construction
I I I I I I
Radial leads Charge-discharge proof, polar Aluminum case with insulating sleeve Minus pole marking on the insulation sleeve Stand off rubber seal Case with safety vent from diameter 6,3 mm
Delivery mode Special terminal configurations and packing:
I Bulk I Taped, Ammo pack I Cut
Refer to page 503 for further details and ordering example.
396 10/02
B41825 Low Leakage Current - 85 C
Specifications and characteristics in brief Rated voltage UR Surge voltage US Rated capacitance CR Capacitance tolerance Useful life 85 C; UR; I~R 40 C; UR; I~R 10 ... 63 VDC 1,15 * UR 0,1 ... 100 F 20 % M Requirements: > 2 000 h > 100 000 h C/C tan IL 45 % of initial value 3 times initial specified limit initial specified limit
Voltage endurance test 85 C; UR 2 000 h
Failure percentage: 1 % Failure rate: 40 fit ( 40 * 10 -9/h) (for definiton "fit", refer to chapter "Quality", page 62) Post test requirements: C/C tan IL 20 % of initial value 2 times initial specified limit initial specified limit
Vibration resistance
IEC climatic category Sectional specification
To IEC 60068-2-6, test Fc: displacement amplitude 0,75 mm, frequency range 10 ... 2000 Hz, acceleration max.10 g, duration 3 x 2 h To IEC 60068-1: 40/085/56 (- 40 C/+ 85 C/56 days damp heat test) IEC 60384-4
397 10/02
B41825 Low Leakage Current - 85 C
Dimensional drawing
d max. d
Stand-off rubber seal + max.
_ Safety vent from od < 6,3 mm
a
Minus pole marking
15 min.
5 min.
KAL0706-7-E
Dimensions and weights Dimensions (mm) dxl 5 x 11 6,3 x 11 8 x 11 Approx. weight g 0,5 0,7 1,0
dmax x lmax
5,5 x 12 6,8 x 12 8,5 x 12
a 0,5
2,0 2,5 3,5
ob
b
0,50 0,05 0,50 0,05 0,60 0,05
Overview of available types
UR (VDC) CR (F)
0,10 0,22 0,33 0,47 0,68 1,0 2,2 3,3 4,7 6,8 10 15 22 33 47 100
10
16
25
63 5 5 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11 x 11
Case dimensions d x l (mm)
5 5 5 5 x 11 x 11
x 11 x 11
6,3 x 11 6,3 x 11 8 x 11
6,3 x 11 6,3 x 11 8 8 x 11 x 11
5 x 11 6,3 x 11 6,3 x 11 8 x 11 6,3 x 11 8 x 11
Other capacitance and voltage ratings are available upon request. 398 10/02
B41825 Low Leakage Current - 85 C
Technical data and ordering codes
UR
VDC 10 16
CR 120 Hz 20 C F
47 100 6,8 10 15 22 33 47
Case dimensions dxl mm 6,3 x 11 8 x 11 5 5 x 11 x 11
IL, max 2 min 20 C A
0,94 2,0 0,40 0,40 0,48 0,70 1,1 1,5 0,40 0,40 0,40 0,50 1,1 1,7 0,40 0,40 0,40 0,40 0,40 0,40 0,40 0,42 0,60 1,3
tan max ESRmax 120 Hz 120 Hz 20 C 20 C 0,20 0,20 0,17 0,17 0,17 0,17 0,17 0,17 0,15 0,15 0,15 0,15 0,15 0,15 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 0,08 7,0 4,0 42 28 19 13 9,0 6,0 76 53 37 25 11 8,0 1 326 603 402 282 195 133 60 40 28 13
I~R 120 Hz 85 C mA
66 110 23 28 34 49 60 83 17 20 29 35 60 74 1,0 2,2 3,4 4,8 7,0 8,0 16 22 30 50
Ordering code 1)
B41825A3476M00* B41825A3107M00* B41825A4685M00* B41825A4106M00* B41825A4156M00* B41825A4226M00* B41825A4336M00* B41825A4476M00* B41825A5335M00* B41825A5475M00* B41825A5685M00* B41825A5106M00* B41825A5226M00* B41825A5336M00* B41825A8104M00* B41825A8224M00* B41825A8334M00* B41825A8474M00* B41825A8684M00* B41825A8105M00* B41825A8225M00* B41825A8335M00* B41825A8475M00* B41825A8106M00*
5 x 11 6,3 x 11 6,3 x 11 8 x 11 5 5 x 11 x 11
25
3,3 4,7 6,8 10 22 33
6,3 x 11 6,3 x 11 8 8 5 5 5 5 5 5 x 11 x 11 x 11 x 11 x 11 x 11 x 11 x 11
63
0,10 0,22 0,33 0,47 0,68 1,0 2,2 3,3 4,7 10
5 x 11 6,3 x 11 6,3 x 11 8 x 11
Preferred types 1) * = "0" for bulk version. For taping versions, other lead configurations and packing information see page 503.
399 10/02
B41825 Low Leakage Current - 85 C
Frequency factor of permissible ripple current I~ versus frequency f
2,0
KAL0750-T
Equivalent series resistance ESR at f = 120 Hz versus temperature T Typical behavior
30
KAL0751-2
~f ~120 Hz
1,6 1,4 1,2 1,0 0,8 0,6 0,4 0,2
B41825 63 V
ESR T ESR 25 C
B41825
25 V 63 V 20 10 V, 16 V, 25 V 15
10
5
01 10
10 2
10 3
Hz 10 4 f
0 _
40
_ 20
0
20
40
60
C 100 T
Impedance Z at f = 10 kHz versus temperature T Typical behavior
10 2
KAL0753-I
Impedance Z versus frequency f Typical behavior at 20 C
10 3
KAL0755-Z
B41825
Z
10 2
B41825
Z
10 1 22 F/25 V 10 F/63 V 22 F/25 V 10 F/63 V
10 1
10 0 10 0
10 _1 40
_
_ 20
0
20
40
60
C 100 T
10
_1
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
400 10/02
B41825 Low Leakage Current - 85 C
Impedance Z versus frequency f and temperature T for 22 F/25 V Typical behavior
10 3
KAL0752-A
Impedance Z versus frequency f and temperature T for 10 F/63 V Typical behavior
10 3
KAL0754-R
Z
10
2
B41825
Z
10 2
B41825
_ 40 C
10 1
_ 40 C
10 1
_ 25 C
0 C
_ 25 C
0 C 10
0
10
0
20 C
20 C 85 C
85 C 10
_1
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
10
_1
10 1
10 2
10 3
10 4
10 5 Hz 10 6 f
401 10/02
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B41825A8684M00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X