Part Number Hot Search : 
2SC44 BA5390 SR840 ER801 HC138 L1024 FR102GP B25667
Product Description
Full Text Search
 

To Download B41791B8477Q000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors
Axial-lead and soldering star capacitors
Series/Type: Date:
B41691, B41791 December 2006
(c) EPCOS AG 2007. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Axial-lead and soldering star capacitors Long useful life up to 150 C
B41691, B41791
Applications For automotive applications up to 150 C Features Long useful life, 2000 h at up to 150 C Low ESR also at 63 V DC High ripple current capability High vibration resistance Shelf life up to 15 years at storage temperatures up to 40 C. To ensure solderability, the capacitors should be built into the application within one year of delivery. After a total of two years' storage, the operating voltage must be applied for one hour to ensure the specified leakage current. Construction Charge/discharge-proof, polar Aluminum case with insulating sleeve Negative pole connected to case Terminals Axial leads, welded to ensure perfect electrical contact Also available with soldering stars Taping and packing Axial-lead capacitors will be delivered in pallet package. Capacitors with d x l 16 x 30 mm are also available taped on reel. Soldering star capacitors are packed in cardboard.
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 14
B41691, B41791 Long useful life up to 150 C
Specifications and characteristics in brief Rated voltage VR Surge voltage VS Rated capacitance CR Capacitance tolerance Leakage current Ileak (5 min, 20 C) Self-inductance ESL1) Diameter d (mm) Terminals axial Length l (mm) 25 29 30 39 49 soldering star 25 30 39 Useful life 150 C, VR, 0.5 IAC,R 125 C, VR, IAC,R 125 C, VR, IAC,max 105 C, VR, IAC,max 85 C, VR, IAC,max 40 C, VR, 2.1 IAC,R Voltage endurance test 125 C; VR > 2000 h > 10000 h > 4000 h > 8000 h > 15000 h > 500000 h 5000 h 6 6 7 7 8 9 10 11 21 24 29 33 34 38 45 50 12 14 22 16 26 38 18 20/21 Approx. ESL (nH) 25 ... 63 V DC 1.15 VR 100 ... 4000 F 10/+30% Q
Requirements: C/C 30% of initial value ESR 3 times initial specified limit Ileak initial specified limit
Post test requirements: C/C 10% of initial value ESR 1.3% initial specified limit Ileak initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc: Displacement amplitude 1.5 mm, at 10 Hz ... 2 kHz, acceleration max. 20 g, duration 3 x 2 h. Capacitor mounted by its wire leads at a distance of (6 1) mm from the case and additionally clamped by the case. To IEC 60068-1: 55/125/56 ( 55 C/+125 C/56 days damp heat test) Similar to CECC 30301-802 IEC 60384-4
IEC climatic category Detail specification Sectional specification
1)
If optimum circuit design is used, the values are lower by 30%.
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 14
B41691, B41791 Long useful life up to 150 C
Axial-lead capacitors Dimensional drawing
Dimensions, weights and packing units dxl mm 12 x 30 14 x 25 14 x 30 16 x 30 16 x 39 18 x 30 18 x 39 20 x 29 21 x 39 21 x 49 dmax x Imax mm 12.5 x 30.5 14.5 x 25.5 14.5 x 30.5 16.5 x 30.5 16.5 x 40 18.5 x 30.5 18.5 x 40 20.5 x 29.5 21.5 x 40 21.5 x 50 Approx. weight g 5.1 5.7 6.8 8.9 11.7 11.1 14.7 13.5 20.0 25.0 Packing units (pcs.) Pallet Reel 288 450 200 350 200 350 180 250 180 160 160 140 140 110
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 14
B41691, B41791 Long useful life up to 150 C
Soldering star capacitors Dimensional drawing
Dimensions, weights and packing units dxl mm 12 x 30 14 x 25 14 x 30 16 x 30 16 x 39 18 x 30 18 x 39 dmax x Imax mm 13.5 x 32 15.5 x 27 15.5 x 32 17.5 x 32 17.5 x 41.5 19.5 x 32 19.5 x 41.5 c 0.1 mm 12.5 14.5 14.5 16.5 16.5 18.5 18.5 Approx. weight g 5.4 6.1 7.2 9.4 12.2 11.8 15.4 Packing units pcs. 480 480 480 300 200 300 200
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 14
B41691, B41791 Long useful life up to 150 C
Overview of available types VR (V DC) CR (F) 100 150 220 330 470 560 680 1000 1200 1500 1800 2000 2200 2700 3000 4000 21 x 39 21 x 49 16 x 39 18 x 30 20 x 29 18 x 39 21 x 39 21 x 49 16 x 30 16 x 30 16 x 39 18 x 30 20 x 29 18 x 39 12 x 30 14 x 25 12 x 30 14 x 30 16 x 39 18 x 30 20 x 29 18 x 39 21 x 39 21 x 49 12 x 30 14 x 25 14 x 30 25 40 63
Case dimensions d x l (mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 14
B41691, B41791 Long useful life up to 150 C
Case dimensions and ordering codes VR CR 100 Hz 20 C F 330 470 1000 1500 1500 1800 2000 3000 4000 330 470 680 1000 1000 1200 1500 2200 2700 100 150 220 470 470 560 680 1000 1200 Case dimensions dxl mm 12 x 30 14 x 25 16 x 30 16 x 39 18 x 30 20 x 29 18 x 39 21 x 39 21 x 49 12 x 30 14 x 30 16 x 30 16 x 39 18 x 30 20 x 29 18 x 39 21 x 39 21 x 49 12 x 30 14 x 25 14 x 30 16 x 39 18 x 30 20 x 29 18 x 39 21 x 39 21 x 49 Ordering code Axial pallet Ordering code Axial reel Ordering code Soldering star
V DC 25
40
63
B41691A5337Q007 B41691A5477Q007 B41691A5108Q007 B41691A5158Q007 B41691B5158Q007 B41691A5188Q007 B41691A5208Q007 B41691A5308Q007 B41691A5408Q007 B41691A7337Q007 B41691A7477Q007 B41691A7687Q007 B41691A7108Q007 B41691B7108Q007 B41691A7128Q007 B41691A7158Q007 B41691A7228Q007 B41691A7278Q007 B41691A8107Q007 B41691A8157Q007 B41691A8227Q007 B41691A8477Q007 B41691B8477Q007 B41691A8567Q007 B41691A8687Q007 B41691A8108Q007 B41691A8128Q007
B41691A5337Q009 B41791A5337Q000 B41691A5477Q009 B41791A5477Q000 B41691A5108Q009 B41791A5108Q000 B41791A5158Q000 B41791B5158Q000 B41791A5208Q000
B41691A7337Q009 B41791A7337Q000 B41691A7477Q009 B41791A7477Q000 B41691A7687Q009 B41791A7687Q000 B41791A7108Q000 B41791B7108Q000 B41791A7158Q000
B41691A8107Q009 B41791A8107Q000 B41691A8157Q009 B41791A8157Q000 B41691A8227Q009 B41791A8227Q000 B41791A8477Q000 B41791B8477Q000 B41791A8687Q000
Variant with different case dimensions
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 14
B41691, B41791 Long useful life up to 150 C
Technical data CR 100 Hz 20 C F ESRtyp 100 Hz 20 C m ESRmax ESRmax ESRmax 100 Hz 100 Hz 10 kHz 20 C 40 C 20 C m m m 290 210 110 73 69 58 50 37 29 240 170 120 80 77 55 53 39 30 350 240 170 120 114 75 78 47 38 1600 1200 550 370 370 300 270 180 135 1250 900 600 410 410 320 270 185 150 1900 1300 900 410 410 320 280 200 160 150 110 60 42 38 32 28 22 17 115 85 65 45 40 35 27 21 18 160 115 80 42 38 34 27 21 17 Zmax 100 kHz 20 C m 150 102 55 39 35 30 26 21 16 105 77 60 41 37 33 25 20 17 150 110 76 40 36 33 25 20 16 IAC,max 10 kHz 85 C A 4.8 5.1 7.3 10.1 10.5 11.3 14.2 16.1 20.2 5.3 6.4 7.3 10.0 10.3 11.2 14.2 16.1 20.1 4.7 5.1 6.5 10.1 10.5 11.3 14.3 16.1 20.1 IAC,max 10 kHz 105 C A 4.3 4.6 6.5 9.0 9.4 10.1 12.7 14.3 18 4.8 5.7 6.5 8.9 9.2 10.0 12.7 14.3 17.9 4.2 4.5 5.8 9.0 9.3 10.1 12.8 14.3 18.0 IAC,max 10 kHz 125 C A 3.4 3.7 5.2 7.2 7.5 8.1 10.2 11.5 14.5 3.8 4.6 5.2 7.2 7.4 8.0 10.2 11.5 14.4 3.3 3.6 4.6 7.2 7.5 8.1 10.3 11.5 14.4 IAC,R 10 kHz 125 C A 2.1 2.2 3.2 4.4 4.6 4.9 6.2 7.0 8.8 2.3 2.8 3.1 4.3 4.5 4.9 6.2 7.0 8.7 2.0 2.2 2.8 4.4 4.5 4.9 6.2 7.0 8.8 IAC,max 10 kHz 150 C A 1.05 1.1 1.6 2.2 2.3 2.4 3.1 3.5 4.4 1.15 1.4 1.5 2.1 2.2 2.4 3.1 3.5 4.3 1.0 1.1 1.4 2.2 2.3 2.4 3.1 3.5 4.4
VR = 25 V DC 330 175 470 125 1000 65 1500 44 1500 42 1800 35 2000 31 3000 22 4000 17 VR = 40 V DC 330 150 470 110 680 80 1000 55 1000 52 1200 44 1500 35 2200 26 2700 21 VR = 63 V DC 100 350 150 240 220 165 470 80 470 77 560 65 680 54 1000 38 1200 32
Variant with different case dimensions
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 14
B41691, B41791 Long useful life up to 150 C
Useful life depending on ambient temperature TA under ripple current operating conditions at VR1)
Useful life depending on case temperature TC under ripple current operating conditions at VR1)
1)
Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life graphs.
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 14
B41691, B41791 Long useful life up to 150 C
Frequency factor of permissible ripple current IAC versus frequency f
Frequency characteristics of ESR Typical behavior
Equivalent series resistance ESR versus frequency f Typical behavior for 470 F/63 V
Impedance Z versus frequency f Typical behavior for 470 F/63 V
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 14
B41691, B41791 Long useful life up to 150 C
Cautions and warnings Personal safety The electrolytes used by EPCOS have not only been optimized with a view to the intended application, but also with regard to health and environmental compatibility. They do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (DMF) or dimethyl acetamide (DMAC). Furthermore, part of the high-voltage electrolytes used by EPCOS are self-extinguishing. They contain flame-retarding substances which will quickly extinguish any flame that may have been ignited. As far as possible, EPCOS does not use any dangerous chemicals or compounds to produce operating electrolytes. However, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. However, the amount of dangerous materials used in our products has been limited to an absolute minimum. Nevertheless, the following rules should be observed when handling Al electrolytic capacitors: Any escaping electrolyte should not come into contact with eyes or skin. If electrolyte does come into contact with the skin, wash the affected parts immediately with running water. If the eyes are affected, rinse them for 10 minutes with plenty of water. If symptoms persist, seek medical treatment. Avoid breathing in electrolyte vapor or mists. Workplaces and other affected areas should be well ventilated. Clothing that has been contaminated by electrolyte must be changed and rinsed in water.
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 14
B41691, B41791 Long useful life up to 150 C
Product safety The table below summarize the safety instructions that must be observed without fail. A detailed description can be found in the relevant sections of chapter "General technical information". Topic Safety information Reference Chapter "General technical information" 1 "Basic construction of aluminum electrolytic capacitors" 3.1.6 "Reverse voltage" 7.2 "Maximum permissible operating temperature" 10 "Maintenance"
Polarity
Make sure that polar capacitors are connected with the right polarity.
Reverse voltage Upper category temperature Maintenance
Voltages polarity classes should be prevented by connecting a diode. Do not exceed the upper category temperatur.
Mounting position of screw terminal capacitors Mounting of single-ended capacitors
Make periodic inspections of the capacitors. Before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. Do not apply any mechanical stress to the capacitor terminals. Do not mount the capacitor with the terminals (safety vent) upside down.
Robustness of terminals
Soldering
11.1. "Mounting positions of capacitors with screw terminals" The internal structure of single-ended capacitors 11.4 might be damaged if excessive force is applied to "Mounting the lead wires. considerations for Avoid any compressive, tensile or flexural stress. single-ended capacitors" Do not move the capacitor after soldering to PC board. Do not pick up the PC board by the soldered capacitor. Do not insert the capacitor on the PC board with a hole space different to the lead space specified. The following maximum tightening torques must 11.3 not be exceeded when connecting screw "Mounting torques" terminals: M5: 2 Nm M6: 2.5 Nm Do not exceed the specified time or temperature 11.5 limits during soldering. "Soldering"
Page 12 of 14
Please read Cautions and warnings and Important notes at the end of this document.
B41691, B41791 Long useful life up to 150 C
Topic
Safety information
Soldering, cleaning agents Passive flammability Active flammability
Reference Chapter "General technical information" Do not allow halogenated hydrocarbons to come 11.6 into contact with aluminum electrolytic capacitors. "Cleaning agents" Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Avoid overload of the capacitors. 8.2 "Active flammability" Reference Chapter "Capacitors with screw terminals" "Screw terminals accessories"
Breakdown strength Do not damage the insulating sleeve, especially of insulating when ring clips are used for mounting. sleeves
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 14
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, EPCOS-JONES, BAOKE, Alu-X, CeraDiode, CSSP, MLSC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 14 of 14


▲Up To Search▲   

 
Price & Availability of B41791B8477Q000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X