Part Number Hot Search : 
24A01 TT2200 463U01 F2040 LC758 LM2901DT DCR15 6202P502
Product Description
Full Text Search
 

To Download B39941-B7721-C910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B7721
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Features
s Low-loss RF filter for mobile telephone
B7721 942,5 MHz
Chip sized SAW package DCS6K
0,1 4 5 6 0,1
bottom view
EGSM system, receive path Low amplitude ripple Usable passband 35 MHz Unbalanced to balanced operation Excellent symmetry Impedance transformation from 50 to 200 s Suitable for GPRS class 1 to 12 s Ceramic package for Surface Mounted Technology (SMT) s Pb-free
s s s s s
0,5
3
2
1
0,5
0,8 2,5 2,0
side view
top view
Terminals
s Ni, gold-plated
Dimensions in mm Pin configuration 2 4, 6 1, 3, 5 1, 5 Input, unbalanced Balanced outputs To be grounded Case ground
Type B7721
Ordering code B39941-B7721-C910
Marking and Package according to C61157-A7-A97
Packing according to F61074-V8153-Z000
Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range Storage temperature range DC voltage ESD voltage Input power at GSM850, GSM900 GSM1800 and GSM1900 Tx bands
T Tstg VDC VESD PIN
- 25 / + 85 - 40 / + 85 5 100 15
C C V V dBm
peak power of GSM signal, duty cycle 4:8
2
Oct 25, 2002
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7721 942,5 MHz
T = 25 2 C ZS = 50 ZL = 200 || 68 nH
min. typ. 942,5 max. -- MHz
Center frequency Maximum insertion attenuation 925,0 ... 960,0 Amplitude ripple (p-p) 925,0 ... 960,0 Input VSWR 925,0 ... 960,0 Output VSWR 925,0 ... 960,0 Output phase balance (S31)-(S21) 925,0 ... 960,0 Output amplitude balance (|S31/S21|) 925,0 ... 960,0 Diff. to common mode suppression 925,0 ... 960,0 824,0 ... 995,0 1648,0 ... 1990,0 3296,0 ... 3980,0 Attenuation 0,0 ... 880,0 880,0 ... 905,0 905,0 ... 915,0 980,0 ...1050,0 1050,0 ...1850,0 1850,0 ...1920,0 1920,0 ...2880,0 2880,0 ...4000,0 4000,0 ...6000,0 MHz MHz MHz
fC
max MHz
--
--
2,4
2,8
dB
--
1,1
1,5
dB
--
2,2
2,4
--
2,0
2,4
MHz
-5
--
5
degree
MHz Ssc12 MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz
-0,5
--
0,5
dB
20 20 20 20 50 30 20 23 50 50 50 40 40
38 29 50 31 64 39 26 30 70 72 64 66 66
-- -- -- -- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB dB dB dB
3
Oct 25, 2002
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7721 942,5 MHz
T = -10 to +80 C ZS = 50 ZL = 200 || 68 nH
min. typ. 942,5 max. -- MHz
Center frequency Maximum insertion attenuation 925,0 ... 960,0 Amplitude ripple (p-p) 925,0 ... 960,0 Input VSWR 925,0 ... 960,0 Output VSWR 925,0 ... 960,0 Output phase balance (S31)-(S21) 925,0 ... 960,0 Output amplitude balance (|S31/S21|) 925,0 ... 960,0 Diff. to common mode suppression 925,0 ... 960,0 824,0 ... 995,0 1648,0 ... 1990,0 3296,0 ... 3980,0 Attenuation 0,0 ... 880,0 880,0 ... 905,0 905,0 ... 915,0 980,0 ...1050,0 1050,0 ...1850,0 1850,0 ...1920,0 1920,0 ...2880,0 2880,0 ...4000,0 4000,0 ...6000,0 MHz MHz MHz
fC
max MHz
--
--
2,4
3,0
dB
--
1,1
1,7
dB
--
2,2
2,4
--
2,0
2,4
MHz
-5
--
5
degree
MHz Ssc12 MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz
-0,5
--
0,5
dB
20 20 20 20 50 30 20 23 50 50 50 40 40
38 29 50 31 64 37 26 29 70 72 64 66 66
-- -- -- -- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB dB dB dB
4
Oct 25, 2002
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Transfer function (measurement)
B7721 942,5 MHz
Transfer function (wideband measurement)
5
Oct 25, 2002
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B7721 942,5 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC WT P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Oct 25, 2002


▲Up To Search▲   

 
Price & Availability of B39941-B7721-C910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X