Part Number Hot Search : 
AP1512A AP3843 MB39A1 TCZM39B LM317 06SL190G AP1512A MAX9110
Product Description
Full Text Search
 

To Download B39710-B3874-U210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3874
SAW Components Low-Loss Filter Data Sheet
B3874 71,1 MHz
Ceramic package DCC18
Features
s s s s
Low-loss IF filter for CDMA base station Temperature stable Ceramic SMD package Unbalanced or balanced operation
Terminals
s Gold plated
Dimensions in mm, approx. weight 0,8 g Pin configuration 1 10 6 5 3, 8 2, 4, 7, 9 Input or balanced input Input ground or balanced input Output or balanced output Output ground or balanced output Ground Case ground
Type B3874
Ordering code B39710-B3874-U210
Marking and Package according to C61157-A7-A54
Packing according to F61074-V8166-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
-40 / +85 -40 / +85 5 10 2
C C V dBm May 06, 2004
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance: T = 0 to +85 C ZS = 50 and external matching network ZL = 50 and external matching network
B3874 71,1 MHz
min. Nominal frequency Minimum insertion attenuation 3,75 dB bandwidth rel Amplitude ripple (p-p) Phase Linearity (rms) Absolute group delay Group delay ripple (p-p) 3,75 dB
typ. 71,1 9,0
max. -- 11,0 MHz dB
fN
N
-- --
B3,75dB
rel
1,18 -- -- -- --
1,24 0,5 1,3 3,1 320
-- 1,0 2,0 -- 450
MHz dB deg s ns
fN 525 kHz fN 630 kHz fN 630 kHz fN 525 kHz
Relative attenuation (relative to N) 31,0 MHz ... fN - 4900 kHz fN - 4900 kHz ... fN - 900 kHz fN - 900 kHz ... fN - 750 kHz fN + 750 kHz ... fN + 900 kHz fN + 900 kHz ... fN + 4900 kHz fN + 4900 kHz ... 500 MHz Input Return loss Output Return loss 3rd-order intercept point Temperature coefficient of frequency Turnover temperature
1) Temperature 1)
45 26 15 15 26 45 8 10
60 29 18 17 29 60 11 15 -- -0,036 35
-- -- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB ppm/K2 C
fN 525 kHz fN 525 kHz IP3 TCf T0
35 -- --
dependance of fc:
fc(TA) = fc(T0)(1 + TCf(TA - T0)2)
3
May 06, 2004
SAW Components Low-Loss Filter Data Sheet
Normalized frequency response
B3874 71,1 MHz
Normalized frequency response (pass band)
4
May 06, 2004
SAW Components Low-Loss Filter Data Sheet
Normalized frequency response (wide band)
B3874 71,1 MHz
5
May 06, 2004
SAW Components Low-Loss Filter Data Sheet
Matching network to 50 (Element values depend on PCB layout)
B3874 71,1 MHz
Ls2 Lp1
Ls5 Lp3 Lp4 Lp6
Lp1 = 150 nH Ls2 = 390 nH Lp3 = 330 nH
Lp4 = 470 nH Ls5 = 620 nH Lp6 = not used
6
May 06, 2004
SAW Components Low-Loss Filter Data Sheet
B3874 71,1 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
7
May 06, 2004


▲Up To Search▲   

 
Price & Availability of B39710-B3874-U210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X