Part Number Hot Search : 
03N60C3 HDT15PT RC8650L CB290 50001 MX25L1 PE9201 PE7113
Product Description
Full Text Search
 

To Download B39611-B3690-H310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3690
SAW Components IF Low-Loss Filter Data Sheet
B3690 610,00 MHz
Ceramic package QCC12C
Features
q q q q
2,54 1,0
11
Terminals
1,48
111 000 111 000 111 000 111 000
10
11 00 11 00 11 00 111 000 111 11 11 000 00 00 111 000 111 11 000 00 111 000 111 11 000 00 111 000 111 11 000 00
9 8 7
0,6
q Gold plated
111 000 111 11 000 00 111 000 111 11 000 00 111 000 111 11 000 00 111 111 11 000 000 11 111 000 111 00 000 00
6
5
Low-loss IF filter Temperature stable Ceramic SMD package Balanced and unbalanced operation possible
2,54
111 11 000 00 111 000 111 000 111 11 000 00 111 11 11 000 00 00 111 111 000 000 111 11 11 000 00 00 111 111 000 000 111 111 000 000 11 00 111 111 000 000 11 00
12 1 2 3
1,4
4
bottom view
side view
5,0
top view
7,0
Dimensions in mm, approx. weight 0,2 g Pin configuration 10 12 4 6 3, 9 1, 2, 7, 8 Input Input ground or balanced input Output Output ground or balanced output Case ground To be grounded
Type B3690
Ordering code B39611-B3690-H310
Marking and Package according to C61157-A7-A95
Packing according to F61074-V8170-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
-25 / +105 -25 / +105 0 10
C C V dBm
2
Aug 01, 2003
SAW Components IF Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B3690 610,00 MHz
T = -25C to +85C ZS = 50 and matching network ZL = 50 and matching network
min. typ. 610,00 9,5 max. 610,75 MHz 11,0 dB
Center frequency Minimum insertion attenuation (including loss in matching elements) Amplitude ripple (p-p) fC - 750 kHz Passband width rel 1,0 dB rel 3,0 dB rel 35,0 dB Relative attenuation (relative to min) 5,0 MHz ... 570,0 MHz 570,0 MHz ... 606,0 MHz 614,0 MHz ... 650,0 MHz 650,0 MHz ... 862,0 MHz Impedance at fC Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency 1) Frequency inversion point
1) Temperature
fC
min
609,25 --
...
fC + 750 kHz
--
0,9
1,2
dB
B1,0dB B3,0dB B35dB
rel
-- 2,6 --
1,55 2,7 6,3
-- -- 8,0
MHz MHz MHz
45 35 35 45
51 44 38 52
-- -- -- --
dB dB dB dB
-- --
300 || 5,3 410 || 4,6 - 0,036 25
-- -- -- --
|| pF || pF ppm/K2 C
TCf T0
-- --
dependence of fc:
fc(T) = fc(T0)(1 + TCf(T - T0)2)
3
Aug 01, 2003
SAW Components IF Low-Loss Filter Data Sheet
Matching network to 50 (Element values depend on PCB layout):
B3690 610,00 MHz
Ls1 Lp2 Lp3 Ls4
= = = =
30 16 16 34
nH nH nH nH
4
Aug 01, 2003
SAW Components IF Low-Loss Filter Data Sheet
Transfer function:
B3690 610,00 MHz
Transfer function (pass band):
5
Aug 01, 2003
SAW Components IF Low-Loss Filter Data Sheet
B3690 610,00 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC IS P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2003. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Aug 01, 2003


▲Up To Search▲   

 
Price & Availability of B39611-B3690-H310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X