Part Number Hot Search : 
200CT DLQ5243B SFV70 29LV004 PT5529S3 5KE16A 5TUZ47C SCQ076
Product Description
Full Text Search
 

To Download B39431-B3780-Z810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3780
SAW Components Low-loss Filter Data Sheet
B3780 433,92 MHz
Ceramic package QCC8B
Features
s RF low-loss filter for remote control receivers s Package for Surface Mounted Technology
(SMT)
s Balanced and unbalanced operation possible s Passivation layer: Elpas s AEC-Q200 qualified component family
Terminals
s Ni, gold plated
typ. dimensions in mm, approx. weight 0,07 g
Pin configuration 1) 1 2 5 6 4,8 3,7 Input Ground (recommended) or Input Input (recommended) or Input Ground Output (recommended) or Output Ground Output Ground (recommended) or Output Case - Ground to be grounded
Type B3780
Ordering code B39431-B3780-Z810
Marking and package according to C61157-A7-A46
Packing according to F61074-V8167-Z000
Electrostactic Sensitive Device (ESD)
Maximum ratings Operable temperature range TA Storage temperature range Tstg VDC DC voltage Source power PS
1) The
-45/+120 -45/+120 6 10
C C V dBm
source impedance 50
recommended pin configuration usually offers best suppression of electrical crosstalk.The
filter characteristics refer to this configuration. 2 Dec 22, 2004
SAW Components Low-loss Filter Data Sheet
Characteristics Reference temperature: Terminating source impedance: Terminating load impedance:
B3780 433,92 MHz
TA = -40 ... +85C ZS = 50 and matching network ZL = 50 and matching network
min. typ. 433,92 max. -- MHz
Center frequency (center frequency between 3 dB points) Minimum insertion attenuation including loss in matching elements excluding loss in matching elements Pass band (relative to min) 433,645 ... 434,195 MHz Filter bandwidth rel 3 dB Relative attenuation (relative to min) 10,00 ... 414,00 414,00 ... 425,00 425,00 ... 431,50 431,50 ... 433,00 434,92 443,00 530,00 670,00 830,00 1000,00 ... 443,00 ... 530,00 ... 670,00 ... 830,00 ...1000,00 ...2500,00
fC
--
min -- -- 2,0 1,6 2,8 2,4 dB dB
--
0,9
3,0
dB
780 rel
850
920
kHz
MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz
48 42 28 18 14 36 55 45 60 43
53 47 33 21 18 41 60 50 65 48
-- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB
Impedance for pass band matching 1) Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT
-- --
330 || 1,9 330 || 1,9
-- --
|| pF || pF
1) Power matching of the SAW filter requires a certain source and load impedance. This characteristic impedance is provided by the 50 Ohm environment and a wideband matching network at input and output. After removing the SAW filter, the conjugate complex impedance values of the input and output matching network including the 50 Ohm environment are calculated.
For more details, we refer to EPCOS application note #4.
3
Dec 22, 2004
SAW Components Low-loss Filter Data Sheet
Matching network to 50 (element values depend on pcb layout and equivalent circuit) Cp1 = 1,5 pF Ls2 = 39 nH Ls3 = 39 nH Cp4 = 1,5 pF
B3780 433,92 MHz
Minimising the crosstalk For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with a good RF layout. The major crosstalk mechanism is caused by the "ground-loop" problem. Grounding loops are created if input-and output transducer GND are connected on the top-side of the PCB and fed to the system grounding plane by a common via hole. To avoid the common ground path, the ground pin of the input- and output transducer are fed to the system ground plane (bottom PCB plane) by their own via hole. The transducers' grounding pins should be isolated from the upper grounding plane. A common GND inductivity of 0.5nH degrades the ultimate rejection (crosstalk) by 20dB. The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown here. In this PCB layout the grounding loops are minimised to realise good ultimate rejection.
Optimised PCB layout for SAW filters in QCC8B package, pinning 1,5 (top side, scale 1:1) The bottom side is a copper plane (system ground area). The input and output grounding pins are isolated and connected to the common ground by separated via holes. For good contact of the upper grounding area with the lower side it is necessary to place enough via holes.
4
Dec 22, 2004
SAW Components Low-loss Filter Data Sheet
Frequency response
B3780 433,92 MHz
Frequency response (wideband)
5
Dec 22, 2004
SAW Components Low-loss Filter Data Sheet
Frequency response (ultimate rejection)
B3780 433,92 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW CE AE PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2004. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Dec 22, 2004


▲Up To Search▲   

 
Price & Availability of B39431-B3780-Z810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X