Part Number Hot Search : 
8AUJZ EC4408C 4747A AD8626 AD7581 KBPC5008 50150 BUX48
Product Description
Full Text Search
 

To Download B39431-B3676-U310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3676
SAW Components Low-Loss Filter Data Sheet
B3676 425,0 MHz
Ceramic package QCC8C
Features Low-loss filter for TETRA Usable bandwidth 10 MHz No matching required for operation at 50 Package for Surface Mounted Technology (SMT) q Hermetically sealed ceramic package
q q q q
Terminals
q Gold-plated
typ. Dimensions in mm, approx. weight 0,10 g
Pin configuration 2 3 6 7 1, 5 4, 8 Input Input ground Output Output ground Ground Case ground
Type
B3676
Ordering code
B39431-B3676-U310
Marking and Package according to
C61157-A7-A56
Packing according to
F61074-V8070-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
TA Tstg VDC Ps
-40 / +85 -40 / +85 0 10
C C V dBm
source impedance 50
2
Oct 26, 2000
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B3676 425,0 MHz
TA = +15 ... +35 C ZS = 50 ZL = 50
min. Nominal frequency Maximum insertion attenuation 420,0 MHz ... 430,0 MHz Amplitude ripple (p-p) 420,0 MHz ... 430,0 MHz VSWR 420,0 MHz ... 430,0 MHz Absolute attenuation 0,3 MHz ... 350,0 MHz 350,0 MHz ... 400,0 MHz 455,0 MHz ... 471,0 MHz 490,0 MHz ... 512,0 MHz 525,0 MHz ... 553,0 MHz 560,0 MHz ... 593,0 MHz 593,0 MHz ... 910,0 MHz 910,0 MHz ... 1105,0 MHz 1105,0 MHz ... 2000,0 MHz abs 40 20 20 30 20 40 20 40 20 --
typ. 425,0
max. -- MHz
fN
max
--
-- --
2,5
4,0
dB
0,45
1,0
dB
1,4:1
2,0:1
55 45 27 60 60 60 50 42 25
-- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB
Temperature coefficient of frequency
TCf
--
- 70
--
ppm/K
3
Oct 26, 2000
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B3676 425,0 MHz
TA = -30 ... +70 C ZS = 50 ZL = 50
min. Nominal frequency Maximum insertion attenuation 420,0 MHz ... 430,0 MHz Amplitude ripple (p-p) 420,0 MHz ... 430,0 MHz VSWR 420,0 MHz ... 430,0 MHz Absolute attenuation 0,3 MHz ... 350,0 MHz 350,0 MHz ... 400,0 MHz 455,0 MHz ... 471,0 MHz 490,0 MHz ... 512,0 MHz 525,0 MHz ... 553,0 MHz 560,0 MHz ... 593,0 MHz 593,0 MHz ... 910,0 MHz 910,0 MHz ... 1105,0 MHz 1105,0 MHz ... 2000,0 MHz abs 40 20 20 30 20 40 20 40 20 --
typ. 425,0
max. -- MHz
fN
max
--
-- --
3,0
5,0
dB
0,6
2,0
dB
1,4:1
2,0:1
55 45 27 60 60 60 50 42 25
-- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB
Temperature coefficient of frequency
TCf
--
- 70
--
ppm/K
4
Oct 26, 2000
SAW Components Low-Loss Filter Data Sheet
Transfer function
B3676 425,0 MHz
Transfer function (pass band; +15 C ... +35 C)
5
Oct 26, 2000
SAW Components Low-Loss Filter Data Sheet
B3676 425,0 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, OFW E NK P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 1999. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
6
Oct 26, 2000


▲Up To Search▲   

 
Price & Availability of B39431-B3676-U310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X