![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SAW Components Data Sheet B3675 SAW Components Low-Loss Filter Data Sheet B3675 415,0 MHz Ceramic package QCC8C Features Low-loss filter (TX) for TETRA Usable bandwidth 10 MHz No matching required for operation at 50 Package for Surface Mounted Technology (SMT) q Hermetically sealed ceramic package q q q q Terminals q Gold-plated typ. Dimensions in mm, approx. weight 0,10 g Pin configuration 2 3 6 7 1, 5 4, 8 Input Input ground Output Output ground Ground Case ground Type B3675 Ordering code B39421-B3675-U310 Marking and Package according to C61157-A7-A56 Packing according to F61074-V8070-Z000 Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range Storage temperature range DC voltage Source power TA Tstg VDC Ps -40 / +80 -40 / +85 0 15 C C V dBm source impedance 50 2 Oct 26, 2000 SAW Components Low-Loss Filter Data Sheet Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance: B3675 415,0 MHz TA = -10 ... +60 C ZS = 50 ZL = 50 min. Nominal frequency Maximum insertion attenuation 410,0 MHz ... 420,0 MHz Amplitude ripple (p-p) 410,0 MHz ... 420,0 MHz VSWR 410,0 MHz ... 420,0 MHz Absolute attenuation 0,3 MHz ... 330,0 MHz 500,0 MHz ... 840,0 MHz 840,0 MHz ... 1260,0 MHz abs 40 40 20 -- typ. 415,0 max. -- MHz fN max -- -- -- 2,5 4,0 dB 0,45 1,0 dB 1,4:1 2,0:1 60 50 35 -- -- -- dB dB dB Temperature coefficient of frequency TCf -- - 70 -- ppm/K 3 Oct 26, 2000 SAW Components Low-Loss Filter Data Sheet Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance: B3675 415,0 MHz TA = -40 ... +80 C ZS = 50 ZL = 50 min. Nominal frequency Maximum insertion attenuation 410,0 MHz ... 420,0 MHz Amplitude ripple (p-p) 410,0 MHz ... 420,0 MHz VSWR 410,0 MHz ... 420,0 MHz Absolute attenuation 0,3 MHz ... 330,0 MHz 500,0 MHz ... 840,0 MHz 840,0 MHz ... 1260,0 MHz abs 40 40 20 -- typ. 415,0 max. -- MHz fN max -- -- -- 3,0 5,0 dB 0,6 2,0 dB 1,4:1 2,0:1 60 50 35 -- -- -- dB dB dB Temperature coefficient of frequency TCf -- - 70 -- ppm/K 4 Oct 26, 2000 SAW Components Low-Loss Filter Data Sheet Transfer function B3675 415,0 MHz Transfer function (pass band; -10 C ... +60 C) 5 Oct 26, 2000 SAW Components Low-Loss Filter Data Sheet B3675 415,0 MHz Published by EPCOS AG Surface Acoustic Wave Components Division, OFW E NK P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 1999. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices. 6 Oct 26, 2000 |
Price & Availability of B39421-B3675-U310
![]() |