Part Number Hot Search : 
3HPA70NK IN5812 AN331 7671418 2N6715 TDA73090 WP483HDT 331KL
Product Description
Full Text Search
 

To Download B39202-B7777-C810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B7777
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B7777 1950,0 MHz
Chip sized SAW package
Features
q Low-loss RF filter for W-CDMA mobile teleq q q q
0,1 1 2 0,1
bottom view
phone system, transmit path High stopband attenuation Usable passband 60 MHz Unbalanced/unbalanced operation Package size: 2 mm x 2.5 mm (4 pin, diagonal pinning)
4
3 0,7 0,68 2,5 2,0
Terminals
q Ni, gold-plated Data Sheet
0,6
side view top view
Dimensions in mm, approx weight 0,012g Pin configuration 1 3 2,4 Input Output Ground
1 4
3 2
Type B7777
Ordering code B39202-B7777-C810
Marking and Package according to C61157-A7-A118
Packing according to F61074-V8153-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
- 20 / + 85 - 40 / + 85 3 10
C C V dBm
source impedance 50
2
Jul 26, 2004
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7777 1950,0 MHz
T = +25 C 2 C ZS = 50 ZL = 50
min. typ. 1950,0 max. -- MHz
Center frequency Maximum insertion attenuation 1920,0 ... 1980,0 MHz Ripple 1920,0 ... 1980,0 MHz Input VSWR 1920,0 ... 1980,0 MHz Output VSWR 1920,0 ... 1980,0 MHz Attenuation 0,0 1670,0 1720,0 1750,0 2025,0 2110,0 2300,0 2490,0 2740,0 3960,0 ...1670,0 ...1720,0 ...1750,0 ...1880,0 ...2050,0 ...2170,0 ...2490,0 ...2740,0 ...3960,0 ...6000,0 MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz
fC
max
--
-- p-p --
2,2
2,5
dB
1,0
1,2
dB
-- -- 26 29 30 31 35 34 34 35 30 15
1,9 1,9
2,1 2,1
28 31 32 33 45 36 36 38 33 21
-- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB
3
Jul 26, 2004
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7777 1950,0 MHz
T = -20 to +85 C ZS = 50 ZL = 50
min. typ. 1950,0 max. -- MHz
Center frequency Maximum insertion attenuation 1920,0 ... 1980,0 MHz Ripple 1920,0 ... 1980,0 MHz Input VSWR 1920,0 ... 1980,0 MHz Output VSWR 1920,0 ... 1980,0 MHz Attenuation 0,0 1670,0 1720,0 1750,0 2025,0 2110,0 2300,0 2490,0 2740,0 3960,0 ...1670,0 ...1720,0 ...1750,0 ...1880,0 ...2050,0 ...2170,0 ...2490,0 ...2740,0 ...3960,0 ...6000,0 MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz
fC
max
--
-- p-p --
2,4
2,8
dB
1,0
1,6
dB
-- -- 26 29 30 31 35 34 34 35 30 15
2,0 2,0
2,2 2,2
28 31 32 33 45 36 36 38 33 21
-- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB
4
Jul 26, 2004
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Transfer function (spec for 25C 2 C):
B7777 1950,0 MHz
5
Jul 26, 2004
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B7777 1950,0 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC WT P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2004. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Jul 26, 2004


▲Up To Search▲   

 
Price & Availability of B39202-B7777-C810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X