Part Number Hot Search : 
G2993 2SK76 HMC43 BR5010 MPSA92RA LA70100M TN0205A 17182
Product Description
Full Text Search
 

To Download B39202-B7711-K910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B7711, Pb-Free
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B7711 1950,0 MHz
Chip Sized SAW Package QCS5H
Features
s Low-loss RF filter for W-CDMA mobile teles s s s s s
0,1 2 3
0,1
0,8
phone system, transmit path Low amplitude ripple Usable passband 60 MHz Balanced to unbalanced operation Impedance transformation from 200 to 50 Pb-Free Package for Surface Mounted Technology (SMT)
bottom view
0,5
1
5
4 0,5
side view
2,5
Terminals
2,0
s Ni, gold-plated
top view
Dimensions in mm, approx. weight 0,015 g Pin configuration 1 2, 5 3, 4 2, 5 Output, unbalanced Output ground Input, balanced To be grounded
Type B7711
Ordering code B39202-B7711-K910
Marking and Package according to C61157-A7-A139
Packing according to F61074-V8189-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage ESD voltage Source power
T Tstg VDC V*ESD PS
- 20 /+ 85 - 40 /+ 85 5 50* 10
C C V V dBm
*-acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulse
2
January 18, 2005
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7711 1950,0 MHz
T = +25 C ZS = 200 (balanced) || 22 nH ZL = 50 || 6,8 nH
min. typ. 1950,0 max. -- MHz
Center frequency Maximum insertion attenuation 1920,0 ... 1980,0 Amplitude ripple (p-p) 1920,0 ... 1980,0
fC
max MHz MHz
--
--
2,3
2,7
dB
--
0,4
0,7
dB
Amplitude ripple per 5MHz channel (p-p) 5MHz 1920,0 ... 1980,0 MHz Input VSWR 1920,0 ... 1980,0 Output VSWR 1920,0 ... 1980,0 Input amplitude balance (|S31/S21|) 1920,0 ... 1980,0 MHz MHz
--
0,2
0,3
dB
--
1,8
2,0
--
1,8
2,0
MHz
-1,0
0
1,4
dB
Input phase balance ((S31)-(S21)+180) 1920,0 ... 1980,0 MHz Attenuation 50,0 1350,0 1800,0 2110,0 2170,0 2300,0 3200,0 5000,0 ... 1350,0 ... 1800,0 ... 1880,0 ... 2170,0 ... 2300,0 ... 3200,0 ... 5000,0 ... 6000,0 MHz MHz MHz MHz MHz MHz MHz MHz
-10
0
10
40 29 20 23 30 35 45 40
45 31 22 25 34 40 55 45
-- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB
3
January 18, 2005
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7711 1950,0 MHz
T = -20 to +85 C ZS = 200 (balanced) || 22 nH ZL = 50 || 6,8 nH
min. typ. 1950,0 max. -- MHz
Center frequency Maximum insertion attenuation 1920,0 ... 1980,0 Amplitude ripple (p-p) 1920,0 ... 1980,0
fC
max MHz MHz
--
--
2,6
3,0
dB
--
0,4
1,0
dB
Amplitude ripple per 5MHz channel (p-p) 5MHz 1920,0 ... 1980,0 MHz Input VSWR 1920,0 ... 1980,0 Output VSWR 1920,0 ... 1980,0 Input amplitude balance (|S31/S21|) 1920,0 ... 1980,0 MHz MHz
--
0,3
0,5
dB
--
1,8
2,1
--
1,8
2,1
MHz
-1,0
0
1,4
dB
Input phase balance ((S31)-(S21)+180) 1920,0 ... 1980,0 MHz Attenuation 50,0 1350,0 1800,0 2110,0 2170,0 2300,0 3200,0 5000,0 ... 1350,0 ... 1800,0 ... 1880,0 ... 2170,0 ... 2300,0 ... 3200,0 ... 5000,0 ... 6000,0 MHz MHz MHz MHz MHz MHz MHz MHz
-10
0
10
40 29 20 23 30 35 45 40
45 31 22 25 33 40 55 45
-- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB
4
January 18, 2005
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Transfer function:
B7711 1950,0 MHz
Tranfer function (wide band):
5
January 18, 2005
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Input amplitude balance (|S31/S21|):
B7711 1950,0 MHz
Input phase balance ((S31)-(S21)+180):
6
January 18, 2005
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B7711 1950,0 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC PD P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 2005. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
7
January 18, 2005


▲Up To Search▲   

 
Price & Availability of B39202-B7711-K910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X