Part Number Hot Search : 
ZMM47B LM39301 TSOP1230 167BZI BU8329 WPA50 20EIB LA4631VC
Product Description
Full Text Search
 

To Download B39202-B3668-U410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3668
SAW Components Low-Loss Filter Data Sheet
Features Low-loss RF filter for UMTS system Usable passband 60 MHz No matching network required for operation at 50 Ceramic Package for Surface Mounted Technology (SMT) q RoHS Compliant
q q q q
B3668 1950 MHz
SMD ceramic package DCC6C
Terminals
q Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g Pin configuration 2 1, 3 5 4, 6 Input Input ground Output Output ground
Type B3668
Ordering code B39202-B3668-U410
Marking and Package according to C61157-A7-A67
Packing according to F61074-V8168-Z000
Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range Storage temperature range DC voltage ESD voltage Input power max. 2080,0 ... 2170,0 MHz T Tstg VDC VESD PIN PIN -40 / +85 -40 / +85 0 501) 12 15 2 C C V V dBm dBm
Machine Model, 10 pulses continuous wave, 85 C continuous wave, 55 C
1) acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses.
Jun 14, 2006
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B3668 1950 MHz
TA ZS ZL
= = =
-30 ... +85 C 50 50
min. Nominal frequency Maximum insertion attenuation 1920,0 ... 1980,0 MHz Amplitude ripple (p-p) 1920,0 ... 1980,0 MHz Return loss 1920,0 ... 1980,0 MHz Attenuation 50,0 1400,0 1495,0 1700,0 1870,0 2000,0 2015,0 2030,0 2050,0 2080,0 2170,0 5000,0 5800,0 ... 1400,0 ... 1495,0 ... 1700,0 ... 1870,0 ... 1880,0 ... 2015,0 ... 2030,0 ... 2050,0 ... 2080,0 ... 2170,0 ... 5000,0 ... 5800,0 ... 6000,0 MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz 22,0 25,0 28,0 30,0 20,0 *) 3,5 8,0 35,0 33,0 30,0 25,0 10,0 8,0 8,0
typ. 1950,0
max. -- MHz
fN
max
--
-- --
3,0
3,5
dB
1,5
2,1
dB
10,0
--
dB
25,0 28,0 31,0 34,0 30,0 6,0 20,0 45,0 37,0 34,0 30,0 12,0 10,0
-- -- -- -- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB dB dB dB
Temperature coefficient of frequency *) min. 15 dB (T > 45 C)
TCf
--
-35
--
ppm/K
3
Jun 14, 2006
SAW Components Low-Loss Filter Data Sheet
Transfer function (narrow band)
B3668 1950 MHz
Transfer function (wide band)
4
Jun 14, 2006
SAW Components Low-Loss Filter Data Sheet
B3668 1950 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW COM WT PD P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2006. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
5
Jun 14, 2006


▲Up To Search▲   

 
Price & Availability of B39202-B3668-U410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X