Part Number Hot Search : 
LA743 DTC143Z TB0400A VM800B UFS160G KBU601 SB280 N4800
Product Description
Full Text Search
 

To Download B39162-B9000-C710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B9000
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B9000 1575,42 MHz
Chip sized SAW package
Features
s Low-loss RF filter for GPS s Low amplitude ripple s No matching network required for operation
0.735 0,075
2 3
0,075
0,44
5 4
at 50 s Ceramic package for Surface Mounted Technology (SMT) Terminals
s Gold-plated Ni
0,38
bottom view
1
0,68 2,0 1,4
side view
top view
Dimensions in mm, approx. weight 0,007 g Pin configuration 4 1 2,5 3 Input, unbalanced Output, unbalanced Case ground to be grounded
Type B9000
Ordering code B39162-B9000-C710
Marking and Package according to C61157-A7-A82
Packing according to F61074-V8151-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operating temperature range Storage temperature range DC voltage Input Power max. (source impedance 50 )
T Tstg VDC PIN
- 40/+ 85 - 40/+ 85 3 25,0 10,0
C C V dBm 824...956, 1710...2170 MHz elsewhere
2
Jan 31, 2003
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating Temperature Range: Terminating source impedance: Terminating load impedance:
B9000 1575,42 MHz
T ZS ZL
= -40C to 85C = 50 = 50 min. typ. 1575,42 max. -- MHz
Center frequency
fC
--
Maximum insertion attenuation max 1574,42 ... 1576,42 MHz*) 1574,42 ... 1576,42 MHz Amplitude ripple 1574,42 ... 1576,42 MHz Absolute attenuation 500,0MHz ... 894,0 MHz 894,0MHz ... 1500,0 MHz 1650,0MHz ... 4000,0 MHz 4000,0MHz ... 6000,0 MHz VSWR 1574,42MHz ... 1574,42MHz ... 1576,42MHz*) 1576,42 MHz
-- --
0,5 0,5
0,8 0,9
dB dB
--
0,0
0,3
dB
16 15 18 15
18 17 20 20
-- -- -- --
dB dB dB dB
-- --
1,1 1,1
1,5 1,6
*) TA = -30 ... +70 C
3
Jan 31, 2003
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Transfer function
B9000 1575,42 MHz
4
Jan 31, 2003
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B9000 1575,42 MHz
Published by EPCOS AG SAW MC WT, P.O. Box 80 17 09, 81617 Munich, GERMANY TEL ++49 89 636 09, FAX ++49 89 636 2 26 89 (c) EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
5
Jan 31, 2003


▲Up To Search▲   

 
Price & Availability of B39162-B9000-C710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X