Part Number Hot Search : 
STK7458 TD6206 MH88625 MT5012 TD6206 K4S64163 PBSS51 1ZC12
Product Description
Full Text Search
 

To Download B39162-B7840-C710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B7840
SAW Components Low-Loss Filter Data Sheet
Chip Sized SAW Package Features Low loss RF filter for GPS receivers Unbalanced to balanced operation Low amplitude ripple Impedance transformation from 50 to 100 q Package for Surface Mounted Technology (SMT)
q q q q
0.735 0,075
2 3
B7840 1575,42 MHz
0,38
0,075
0,44
5 4
bottom view
1
0,68 2,0 1,4
Terminals
q Ni, gold-plated
side view
top view
Dimensions 2,0x1,4 mm2, approx. weight 0,007 g Pin configuration 1 3, 4 2, 5 Input, unbalanced Output, balanced Case ground
Type B7840
Ordering code B39162-B7840-C710
Marking and Package according to C61157-A7-A82
Packing according to F61074-V8151-Z000
Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range T Storage temperature range Tstg DC voltage VDC Source power Ps source 50 , load 100 - 40/+ 85 - 40/+ 85 3 10 5 C C V dBm 824...1525, 1710...2500 MHz elsewhere
2
Apr 25, 2003
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7840 1575,42 MHz
TA = -30 ... +85 C ZS = 50 unbal. ZL = 100 bal.
min. typ. 1575,42 max. -- MHz
Nominal frequency
fN
--
Maximum insertion attenuation max 1574,42MHz ... 1576,42MHz*) 1574,42MHz ... 1576,42 MHz Amplitude ripple in passband (p-p) 1574,42MHz ... 1576,42 MHz Output phase balance ((S31)-(S21)+180) 1574,42MHz ... 1576,42 MHz Output amplitude balance (|S31/S21|) 1574,42MHz ... 1576,42 MHz Return loss 1574,42 ...1576,42 MHz VSWR 1574,42 ...1576,42 MHz Absolute attenuation 100,0 MHz ... 960,0 MHz ... 1425,0 MHz ... 1475,0 MHz ... 1515,0 MHz ... 1625,0 MHz ... 1635,0 MHz ... 1675,0 MHz ... 1750,0 MHz ... 1805,0 MHz ... 1980,0 MHz ... 2400,0 MHz ... 3155,0 MHz ... rel 960,0 MHz 1425,0 MHz 1475,0 MHz 1515,0 MHz 1525,0 MHz 1635,0 MHz 1675,0 MHz 1750,0 MHz 1805,0 MHz 1980,0 MHz 2400,0 MHz 3155,0 MHz 6000,0 MHz
-- --
1,2 1,2
1,6 1,7
dB dB
--
0,1
0,3
dB
-10
6
10
-1,0
0,2
1,0
dB
11,0 --
21 1,2
-- 1,8
dB
40 35 30 20 17 12 20 30 35 40 35 40 35
48 42 42 32 27 30 30 34 44 47 39 52 44
-- -- -- -- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB dB dB dB
*) TA= +25 C
3
Apr 25, 2003
SAW Components Low-Loss Filter Data Sheet
Transfer function
B7840 1575,42 MHz
4
Apr 25, 2003
SAW Components Low-Loss Filter Data Sheet
B7840 1575,42 MHz
Published by EPCOS AG SAW MC WT, P.O. Box 80 17 09, 81617 Munich, GERMANY TEL ++49 89 636 09, FAX ++49 89 636 2 26 89 (c) EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
5
Apr 25, 2003


▲Up To Search▲   

 
Price & Availability of B39162-B7840-C710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X