Part Number Hot Search : 
10200 MAX14531 2N5070 SBL20 MAX5307 MCJ36 BZX84C3W IRS21
Product Description
Full Text Search
 

To Download B39162-B7732-K710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B7732, Pb-free
SAW Components Low-Loss Filter Data Sheet
B7732 1575,42 MHz
Chip sized SAW package DCS4H Features Low-loss RF filter for iDEN GPS receivers Low amplitude ripple Low insertion attenuation Usable passband 2MHz No matching network required for operation at 50 q Package for Surface Mounted Technology (SMT) q Pb-free
q q q q q
0,1 1 2
0,1
bottom view
0,6
4
3 0,7
0,8
side view
2,5
Terminals
q Ni, gold-plated
2,0
top view
Dimensions in mm, approx. weight 0,015g Pin configuration 1 3 2,4 Input Output Ground
1 3
4
2
Type B7732
Ordering code B39162-B7732-K710
Marking and Package according to C61157-A7-A136
Packing according to F61074-V8189-Z000
Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range Storage temperature range DC voltage ESD voltage Input power max. 1574,3 ... 1576,7 MHz 50,0...1535,5 and 1625,5 ... 6000 MHz
T Tstg VDC V*ESD PIN
PIN
- 40 / + 85 - 40 / + 85 5 50* 3 15
C C V V dBm dBm
Machine Model, 10 pulses source and load impedance 50 continuous wave signal
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
2
Jan 19, 2005
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B7732 1575,42 MHz
T = -40 ... +85 C ZS = 50 ZL = 50
min. Nominal frequency
typ. 1575,42
max. -- MHz
fN
--
Maximum insertion attenuation max 1574,42 ...1576,42 MHz Amplitude ripple (p-p) 1574,42 ...1576,42 MHz Return loss (Input and Output) 1575,42 ...1576,42 MHz Absolute attenuation 806,00 902,00 1475,42 1612,00 1675,42 1792,00 1804,00 3500,00 ... 902,00 ...1475,42 ...1535,42 ...1675,42 ...1792,00 ...1804,00 ...3500,00 ...4000,00 MHz MHz MHz MHz MHz MHz MHz MHz abs
--
2,5
3,5
dB
--
0,1
1,5
dB
12,0
18,0
--
dB
40 35 30 32 35 42 35 20
49 47 44 41 45 45 40 32
-- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB
Temperature coefficient of frequency
TCf
--
- 36
--
ppm/K
3
Jan 19, 2005
SAW Components Low-Loss Filter Data Sheet
B7732 1575,42 MHz
Transfer function
Transfer function (pass band)
4
Jan 19, 2005
SAW Components Low-Loss Filter Data Sheet
B7732 1575,42 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC PD P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
5
Jan 19, 2005


▲Up To Search▲   

 
Price & Availability of B39162-B7732-K710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X