Part Number Hot Search : 
UDZS15B 204C56AD C2502 ULTRONIX 2D161C 12N60 CTUP3B 2SK27
Product Description
Full Text Search
 

To Download B39111-B4937-U910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B4937
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B4937 109,8 MHz
Ceramic package QCC10C
Features
s s s s s s s
Low-loss IF filter for mobile telephone Channel selection in CDMA systems Very small size Low insertion attenuation Balanced and unbalanced operation possible Filter surface passivated Ceramic SMD package
Terminals
s Gold-plated Ni
Dimensions in mm, approx. weight 0,24 g Pin configuration 10 9 5 4 2, 7 1, 3, 6, 8 Input Input ground or balanced input Output Balanced output or output ground Case - ground To be grounded
Type B4937
Ordering code B39111-B4937-U910
Marking and Package according to C61157-A7-A73
Packing according to F6104-V8104-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
- 40/+ 85 - 40/+ 85 0 10
C C V dBm
2
May 11, 2000
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B4937 109,8 MHz
T = -35 to +85 C ZS = 1200 || 120 nH ZL = 1000 || 110 nH
min. typ. 109,8 8,5 max. -- 10,0 MHz dB
Nominal frequency Minimum insertion attenuation (including losses in matching circuit) Amplitude ripple (p-p) fN - 0,3 MHz
fN
min
-- --
...
fN + 0,3 MHz
--
0,4
1,0
dB
Phase Linearity (rms) fN - 0,614 MHz ...
fN + 0,614 MHz
rel
--
1,5
3,0
Relative attenuation (relative to min) fN 0,614 MHz
-- 38 40 35 35 35 33 40 38
4,0 42 45 39 38 38 35 45 42 40 38 35 40
5,0 -- -- -- -- -- -- -- -- -- -- -- --
dB dB dB dB dB dB dB dB dB dB dB dB dB
fN - 2,05 fN - 1,7 fN - 1,25 fN - 0,9 fN + 0,9 fN + 1,25 fN + 1,7 fN + 2,05
MHz MHz MHz MHz MHz MHz MHz MHz ... ... ... ...
fN - 25 MHz fN - 1,7 MHz fN + 0,9 MHz fN + 1,7 MHz
fN - 1,7 MHz fN - 0,9 MHz fN + 1,7 MHz fN + 25 MHz
36 33 33 36
Test Matching Network to bal. 200 / unbal. 50 (element values depend on PCB layout) Cs1 = 6,8 pF Cs2 = 6,8 pF Lp3 = 82 nH Cp4 = 2,7 pF Lp5 = 68 nH Cp6 = 1,2 pF Cs7 = 6,8 pF
3
May 11, 2000
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Transfer function (balanced - unbalanced):
B4937 109,8 MHz
Transfer function (passband):
4
May 11, 2000
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
Transfer function (wideband):
B4937 109,8 MHz
5
May 11, 2000
SAW Components Low-Loss Filter for Mobile Communication Data Sheet
B4937 109,8 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, OFW E MF P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 1999. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
6
May 11, 2000


▲Up To Search▲   

 
Price & Availability of B39111-B4937-U910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X