Part Number Hot Search : 
C1227 A51DC L5017 NTE10 OPB370 Q5E250AJ GSC103A PJ1084P9
Product Description
Full Text Search
 

To Download B39111-B3802-H310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B3802
SAW Components Low-Loss Filter Data Sheet
B3802 110,0 MHz
Ceramic package QCC12C
Features
q Low-loss IF filter q Balanced or unbalanced operation q Ceramic package for Surface Mounted
2,54
1 2 3
1,4
12
4
1,0 2,54
11
Technology (SMT) Terminals
1,48
bottom view
10
9
8
0,6
7
q Ni, Gold-plated
6
5
side view
5,0
top view
7,0
Dimensions in mm, approx. weight 0,25 Pin configuration 12 10 4 6 1, 2, 7, 8 3, 9 Input Balance input or input ground Output Balance output or output ground Ground Case ground
Type B3802
Ordering code B39111-B3802-H310
Marking and Package according to C61157-A7-A95
Packing according to F61074-V8170-Z000
Electrostatic Sensitive Device (ESD)
Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
- 40/+ 85 - 40/+ 85 0 10
C C V dBm
2
Oct 11, 2002
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature: Terminating source impedance: Terminating load impedance: T = 25 C ZS = 50 and matching network ZL = 50 and matching network
B3802 110,0 MHz
min. Center frequency Minimum insertion attenuation Pass bandwidth rel 3,0 dB rel 1,0 dB
typ. 110,0 6,8 4,0 3,1
max. 110,1 10,0 -- -- MHz dB MHz MHz
fC
min
109,9 -- 3,75 --
B3dB B1dB
Amplitude ripple (max peak to adjacent valley) fC 1,6 MHz Group delay ripple
--
0,5
--
dB
fC 1,6 MHz
Relative attenuation (relative to min) 60,0 MHz ... 100,0 MHz 100,0 MHz ... 105,5 MHz 114,5 MHz ... 120,0 MHz 120,0 MHz ... 160,0 MHz Temperature coefficient of frequency rel
--
45
80
ns
40 36 36 38
42 41 41 43 -18
-- -- -- -- --
dB dB dB dB ppm/K
TCf
--
3
Oct 11, 2002
SAW Components Low-Loss Filter Data Sheet
Characteristics Operating temperature: Terminating source impedance: Terminating load impedance: T = -10 ... 70 C ZS = 50 and matching network ZL = 50 and matching network
B3802 110,0 MHz
min. Center frequency Minimum insertion attenuation Pass bandwidth rel 3,0 dB rel 1,0 dB
typ. 110,0 6,8 4,0 3,1
max. 110,18 MHz 10,0 -- -- dB MHz MHz
fC
min
109,8 -- 3,75 --
B3dB B1dB
Amplitude ripple (max peak to adjacent valley) fC 1,6 MHz Group delay ripple
--
0,5
--
dB
fC 1,6 MHz
Relative attenuation (relative to min) 60,0 MHz ... 100,0 MHz 100,0 MHz ... 105,5 MHz 114,5 MHz ... 120,0 MHz 120,0 MHz ... 160,0 MHz Temperature coefficient of frequency rel
--
45
80
ns
40 36 36 38
42 41 41 43 -18
-- -- -- -- --
dB dB dB dB ppm/K
TCf
--
4
Oct 11, 2002
SAW Components Low-Loss Filter Data Sheet
Normalized frequency response
B3802 110,0 MHz
Normalized frequency response (pass band)
5
Oct 11, 2002
SAW Components Low-Loss Filter Data Sheet
Matching network (element values may depend on pcb layout) 50 unbalanced:
B3802 110,0 MHz
Ls1 = 82 nH Lp2 = 47 nH Lp3 = 33 nH Ls4 = 12 nH 50 unbalanced : (higher IL, but more attenuation in the upper stopband)
Cp1 = 100 nF Ls2 = 56 nH Ls3 = 56 nH Cp4 = 68 nF
6
Oct 11, 2002
SAW Components Low-Loss Filter Data Sheet
B3802 110,0 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW MC WT P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
7
Oct 11, 2002


▲Up To Search▲   

 
Price & Availability of B39111-B3802-H310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X