Part Number Hot Search : 
2W04MG L7805CT STV8206 ON1085 LBS14059 ICROS XS36D3 MECL21
Product Description
Full Text Search
 

To Download B360B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B320B thru B360B
Surface Mount Schottky Barrier Rectifiers
Feature:
*For Surface Mount Application *Metal-Semiconductor Junction With Guardring *Epitaxial Construction *Very Low Forward Voltage Drop *High Current Capability *Plastic Meterial Has UL Flammability Classification 94V-0 *For Use In Low , And Polarity Protection Applications
REVERSE VOLTAGE 20 TO 60 VOLTS FORWARD CURRENT 3.0 AMPERE
Mechanical Data
*Case : Molded Plastic *Polarity :Indicated by cathode band *Weight : 0.003 Ounce ,0.093 grams
SMB(DO-214AA)
SMB Outline Dimension
SMB Dim A B C D E G H J Min
3.30 4.06 1.96 0.15 5.00 0.10 0.76 2.00
Unit:mm
Max
3.94 4.80 2.21 0.31 5.59 0.20 1.52 2.62
WEITRON
http://www.weitron.com.tw
B320B thru B360B
Rating 25 C Ambient Temperature Unless Otherwise Specified. Single Phase Half Wave, 60Hz , Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Characteristic
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC=100 C Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous At 3.0A DC Maximum DC Reverse Current @Tj=25 C At Rated DC Blocking Voltage @Tj=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
Symbol B320B B330B B340B B350B B360B Unit
VRRM VRMS VDC IF(AV) 20 14 20 30 21 30 40 28 40 3.0 50 35 50 60 42 60
IFSM
100
VF IR CJ R q JL TJ TSTG
0.5 0.5 20 250 10 -55 to+125 -55 to+150
0.7
PF
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC. 2.Thermal Resistance Junction to case.
WEITRON
http://www.weitron.com.tw
B320B thru B360B
FIG.1 FORDWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES 5.0 4.0 3.0 2.0 1.0 0
SIGNE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2 MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES 120 100 80 60 40 20 0 1
PULSE WIDTH 8.3ms SINGLE MALF-SINE-WAVE (JEDEC METHOD)
25
50
75
100
125
150
175
2
5
10
20
50
100
LEAD TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 TYPICAL FORWARD CHARACTERISTICS
10 INSTANTANEOUS FORWARD CURRENT,(A) 1000
FIG.4 TYPICAL JUNCTION CAPACITANCE
B320B to B340B
1.0
B350B to B360B
CAPACITANCE , (pF)
100
0.1
.01 0 0.2 0.4
TJ=25 C PULSEWIDTH:300us 0.6 0.8 1.0 10 0.1
TJ=25 C
F=1MHz
1.0
4.0
10.0
100
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
REVERSE VOLTAGE , (VOLTS)
FIG.5 TYPICAL REVERSE CHARACTERISTICS
100 INSTANTANEOUS REVERSE CURRENT ,(mA)
10
TJ=125 C TJ=100 C
1.0
0.1
0.01
TJ=25 C
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of B360B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X