Part Number Hot Search : 
28000 C5107M FH427NF0 SR4060P 70NM60 OA1180 TC7106CK MS3022
Product Description
Full Text Search
 

To Download B25667B4467A375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors for Power Electronics
Series/Type:
B25667A
The following products presented in this data sheet are being withdrawn. Ordering Code B25667A4467A365 Substitute Product B25667B4467A375 Date of Withdrawal 2004-09-10 Deadline Last Orders Last Shipments
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
PhaseCapTM B25667-A4467-A365
MKK440-D-28,1-01 4RB5 282-5 AB 45
Characteristics CN UN fN QN IN tan 0 3x 154,4 AC 440 50 28,1 3x 37 F 5 % V Hz kvar A
Marking
0,2 W/kvar (dielectric)
Maximum ratings Umax
The information in our data book / sheet describes the type of component and shall not be considered as assured characteristics.
I r(40) Is (du/dt) max (du/dt) s
AC 480 AC 570 3x 37 8000 12 30
V, 8 h daily V, 1 min A (A = 40C, U N ) A V/s V/s
Toothed washer DIN 6797-J13 Hex nut DIN 439-BM12
Test data UTT UTC AC 950 V, 10 s AC 3000 V, 10 s
Rivet (Impregnating hole)
tan (50 Hz) 0,7 W/kvar (total)
C61014-A0508-A401 Dimensions in mm
Climatic category -40/D min max Humidity stg -40 C +55 C Max. relative Humidity 95 % -55 bis +70 C
Design data Dimensions O x l Approx. weight Impregnation Fixing Mounting hole Max. torque Terminals Max. torque Terminal cross section Creepage distance Clearance 142 x 200 mm (5,59 x 7,87 in) 2,5 kg (5,5 lb) Gas Threaded bolt M12 14 mm (0,55 in) 10 Nm Isolated terminal, IP20 1,2 Nm 16 mm (5 AWG) 12,7 mm (0,50 in) 9,6 mm (0,38 in)
Life expectancy t LD 100 000 h
Overpressure disconnector Any mounting position possible
Remarks Natural cooling
IEC 60831-1/2, EN 60831-1/2, VDE 560-46/47
KO L E / Pe 01.12.1999
Contact: EPCOS AG KO PM L, P.O. Box 80 17 09, 81617 Munich, Germany, Fax: 0049 89 636-22748, Phone: 0049 89 636-23817


▲Up To Search▲   

 
Price & Availability of B25667B4467A375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X