Part Number Hot Search : 
PC1006 EL911107 BA6817 MAX2235E D1975 512K3 6GBU005 WM8955
Product Description
Full Text Search
 

To Download B1424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP TRANSISTOR 3.0A
B1424
AF OUTPUT AMPLIFIER FOR DC-DC CONVERTER FOR CAMERA MOTOR DRIVER SOT-89 1. Base 2. Collector 3. Emitter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS] PARAMETERS SYMBOL MIN TYP MAX Collector-Emitter Breakdown Voltage BVceo -20 Collector-Base Breakdown Voltage BVcbo -20 Emitter-Base Breakdown Voltage BVebo -6 Collector-Base Leakage Icbo 0.1 Emitter-Base Leakage Iebo 0.1 Collector-Emitter Saturation Voltage Vce] sat ^ -0.5 DC Current Gain Collector Current Peak Collector Current Current Gain Bandwidth Output Capacitance Power Dissipation Junction Temperature Storage Temperature Hfe1 Ic Icp fT Cob Pc Tj Tstg 80
Ta=25J^ UNIT V V V uA uA V CONDITION Ic=1mA Ic=5uA Ie=50g A Vcb=-10V Veb=--5V Ic=2A Ib=0.1A Vce=-2V,Ic=0.5A
240
-55
390 3 A 5 A(Pulse) MHz Vcb=-2V, Ic=0.5A 50 pF Vcb=-10V,Ie=0,f=1MHz 0.75 W 150 J 150 J
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295


▲Up To Search▲   

 
Price & Availability of B1424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X