Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download B140L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B140L
Low VF Surface Mount Schottky Barrier Rectifiers
REVERSE VOLTAGE 40Volts FORWARD CURRENT 1.0 Ampere
Features: *Low Surface Mounted Applications *Metal-Semiconductor Junction with Guardring *Epitaxial Construction *Very Low Forward Voltage Drop *High Current Capability *Plastic Material Has UL Flammability Classification 94V-0 *For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Mechanical Data *Case : Molded Plastic *Polarity :Indicated By Cathode Band *Weight : 0.002 ounces, 0.064 grams
SMA-1
SMA-1 Outline Dimension
B
unit:mm
C A
SMA-1
Dim A B C E H J Min
2.40 4.40 0.30 3.80 1.00 1.50
Max
2.80 4.80 0.30 4.20 1.00 1.70
E J H H
Dimensions in inches
WEITRON
http://www.weitron.com.tw
B140L
Maximum Ratings and Electrical Characteristics
Rating 25 C Ambient Temperature Unless Otherwise Specified. Single Phase Half Wave, 60Hz , Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
WE IT R ON
Characteristics Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC=105 C Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage @IF=1.0A @ T j=25 C @ T j=100 C Maximum DC Reverse Current @Tj=25 C At Rated DC Blocking Voltage @Tj=100 C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
Symbol VRRM VRMS VDC IF (AV)
B140L
40 28 40 1.0 25
Unit V V V A
IFSM
A
VF IR CJ RAJC TJ TSTG
0.38 0.35 1.0 25 100 35 -55 to+125 -55 to+150
V mA
PF
C/W
C C
NOTES:1.Measured at 1.0MHz applied reverse voltage of 4.0V DC. 2.Thermal Resistance Junction to case.
h t t p : // w w w . w e i t r o n . c o m . t w
WEITRON
B140L
AVERAGE FORWARD CURRENT AMPERES 1.25 1.00 0.75 0.50 0.25
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
WE IT R ON
P E A K F OR WA R D S UR G E C UR R E NT, A MP E R E S 25 20 15 10 5 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60HZ
Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
20
40
60
80
100
120
140
CASE TEMPERATURE C
FIG1.-FORWARD CURRENT DERATION CURVE
FIG.2-MAXIMUM NON-REPETITIVE SURGE CURRENT
10 INSTANTANEOUS FORWARD CURRENT, (A)
1000
CAPACITANCE, (PF) TJ=25 C PLUSEWIDTH 300us
100
1.0
TJ=25 C F=1MHZ 10 1.0 0.1 1.0 4.0 10.0 REVERSE VOLTAGE, (VOLTS) 100
0.1
0
0.2
0.4
0.6
0.8
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
FIG4.-TYPICAL JUNCTION CAPACITANCE
FIG.3-TYPICAL FORWARD CHARACTERISTICS
100 INSTANTANEOUS REVERSE CURRENT. (mA)
10
TJ =125 C
TJ =100 C 1.0
0.1
0.01
TJ =25 C
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG5.-TYPICAL REVERSE CHARACTERISTICS
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of B140L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X