Part Number Hot Search : 
DZD30 1N4005G SEMIX TIP34B DG901 SKY65 HPR109WH 2762A
Product Description
Full Text Search
 

To Download B128724060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Timers Delay on Release Types B 128, B 121
* Time ranges: 0.15 s to 60 s * Automatic start after drop out of power supply * Knob-adjustable time within range * Repeatability deviation: 1% * Output: 10 A SPDT relay * Plug-in type module * Scantimer housing * LED-indication for supply on * AC or DC power supply
Product Description
Mono-function, plug-in, delay on release, miniature time relays up to 60 s covering 2 individual time ranges. These economical timers are often used to switch on an exhaust fan and keep it running for a certain period of time after disconnection of power supply.
Ordering Key
Function Output Type Power supply Time range
B 128 220 006
Type Selection
Plug Circular 8 pins Circular 11 pins Output SPDT SPDT Time ranges 0.15 - 6 s 1.5 - 60 s 0.15 - 6 s 1.5 - 60 s Supply: 24 VAC B 128 024 006 B 128 024 060 B 121 024 006 B 121 024 060 Supply: 120 VAC B 128 120 006 B 128 120 060 B 121 120 006 B 121 120 060 Supply: 220 VAC B 128 220 006 B 128 220 060 B 121 220 006 B 121 220 060 Supply: 24 VDC B 128 724 006 B 128 724 060 B 121 724 006 B 121 724 060
Time Specifications
Time ranges Time range accuracy 0.15 6s 1.5 - 60 s 0 to +20% on max. min. actual time min. set time 1% 0.05%/V 0.2%/C Power supply interruption 500 ms
Output Specifications
Output Basic electrical insulation Contact ratings (AgCdO) Resistive loads AC 1 DC 1 or Small inductive loads AC 15 DC 13 Mechanical life Electrical life AC 1 SPDT relay 250 VAC (rms) (contact/electronics) (micro gap) 10 A/250VAC (2500 VA) 1 A/250 VDC (250 W) 10 A/25 VDC (250 W) 2.5 A/230 VAC 5 A/24 VDC 30 x 106 operations 2.5 x 105 operations (at max. load) 7200 operations/h
Repeatability deviation Time variation Within rated power supply and ambient temperature Reset Time and/or relay
Operating frequency Insulation voltages Rated insulation voltage 2.0 kVAC (rms) (cont./elec.) Rated transient protection volt. 4 kV (1.2/50 s) (cont./elec.) (IEC 60664)
Specifications are subject to change without notice (25.10.99)
1
B 128, B 121
Supply Specifications
220 VAC 15%, 45 to 65 Hz 120 VAC 15%, 45 to 65 Hz 024 24 VAC 15%, 45 to 65 Hz Dropout tolerance 10 ms Rated insulation voltage None Rated transient protection volt. 4 kV (1.2/50 s) @ 220 VAC 2.5 kV (1.2/50 s) @ 120 VAC 800 V (1.2/50 s) @ 24 VAC (line/neutral) Power supply DC type Installation cat. III (IEC 60664) Rated operational voltage 724 24 VDC + 15/- 20% (pin 2 pos.) Rated insulation voltage None Rated transient protection volt. 800 V (1.2/50 s) 60 mA @ 50 Hz/70 mA @ 60 Hz Consumption AC supply DC supply 1W Power supply AC types Rated operational voltage Through pins 2 & 10 220 or pins 2 & 7 120 Installation cat. III (IEC 60664)
General Specifications
Power ON time Indication for Power supply ON Environment Degree of protection Pollution degree Operating temperature Storage temperature Weight Approval 200 ms LED, red IP 20 B 2 (IEC 60664) -20 to +50C (-4 to +122F) -50 to +85C (-58 to +185F) 85 g UL, CSA
Mode of Operation
The relay operates immediately after power supply is applied. When power supply is interrupted, the time period starts and at the end of the set time the relay releases. If power supply is reapplied before the relay releases, the time is reset and the relay remains on. B 121/B 128 monitor that power supply is applied. If power supply is interrupted, the relay starts e.g. an alarm (battery driven) after the time period has expired. Please note B 128 and B 121 should not be operated by pulses shorter than 500 ms.
Wiring Diagrams
SPDT 8 pin SPDT 11 pin
Power supply B 128
Power supply B 121
Time Setting
Knob-adjustable on scale in seconds.
Accessories
Sockets Hold down spring Mounting rack Socket cover Potentiometer lock S 408, S 411 HF SM 13 BB 4 PL 1
For further information refer "Accessories".
Operation Diagram
Power supply Relay on
2
Specifications are subject to change without notice (25.10.99)


▲Up To Search▲   

 
Price & Availability of B128724060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X