Part Number Hot Search : 
SK70DT08 K844P FB514 K4T1G084 21008 FN1342 FSB66001 MD7120
Product Description
Full Text Search
 

To Download B0520W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B0520W
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
ADVANCE INFORMATION
Features
* * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection High Conductance
D E
SOD-123 Dim A Min 3.55 2.55 1.40 3/4 0.25 3/4 Max 3.85 2.85 1.70 1.35 3/4 0.10
Mechanical Data
* * * * Case: SOD-123, Plastic Polarity: Cathode Band Leads: Solderable per MIL-STD-202, Method 208 Marking: Date Code and Type Code Type Code: SH * Weight: 0.01 grams (approx.)
@ TA = 25C unless otherwise specified
AB G H C J
B C D E G H J
0.55 Typical 0.15 Typical
All Dimensions in mm
Maximum Ratings
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TL = 95C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Power Dissipation (Note 1) Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IO IFSM Pd RqJA Tj, TSTG B0520W 20 14 0.5 5.5 410 244 -55 to +125 Unit V V A A mW K/W C
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol VFM B0520W 0.330 0.385 75 250 IRM 5.0 8.0 170 Unit V mA mA pF
Maximum Forward Voltage Drop @ IF = 0.1A, Tj = 25C (Note 3) @ IF = 0.5A, Tj = 25C Maximum Reverse Current (Note 3) @ VR = 10V, Tj = 25C @ VR = 20V, Tj = 25C @ VR = 10V, Tj = 100C @ VR = 20V, Tj = 100C Junction Capacitance (Note 2)
Cj
Notes:
1. Valid provided that leads are kept at ambient temperature. 2. Measured at 1.0MHz and Applied Reverse Voltage of 0V DC. 3. Pulse Test: Pulse width = 300ms, Duty Cycle 2%.
DS30140 Rev. 2A-0
1 of 2
B0520W
1.0
10
ADVANCE INFORMATION
0.75
IF, INSTANTANEOUS FWD CURRENT (A)
IO, AVERAGE RECTIFIED CURRENT (A)
1.0
0.50
0.1
0.25
0
0.01
0 25 50 75 100 125 150
Tj = 25C Pulse width = 300s 2% duty cycle
0
0.2
0.4
0.6
0.8
1.0
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
1000
Cj, CAPACITANCE (pF)
100
10
1.0 0 5 10 15 20 VR, REVERSE VOLTAGE (V) Fig. 3 Typ. Junction Capacitance vs Reverse Voltage
DS30140 Rev. 2A-0
2 of 2
B0520W


▲Up To Search▲   

 
Price & Availability of B0520W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X