Part Number Hot Search : 
EE08806 65A56 5KE440A LI3264 A5800261 UDN3626M AC08F TP6A60
Product Description
Full Text Search
 

To Download B048L120T10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V*I Chip - BCM Bus Converter Module
TM
B048K120T10
1
* 48V to 12V V*I Chip Converter * 100 Watt (150 Watt for 1 ms) * High density - up to 400 W/in3 * Small footprint - 100 W/in * Low weight - 0.4 oz (12 g) * Pick & Place / SMD
2
* >96% efficiency * 125C operation * <1 s transient response * >3.5 million hours MTBF * No output filtering required * V*I Chip BGA package
Actual size (c)
Vin = 42 - 53 V Vout = 10.5 - 13.25 V Iout = 8.3 A K = 1/4 Rout = 32 m max
Product Description
The V*I Chip Bus Converter Module (BCM) is a high efficiency (>96%), narrow input range Voltage Transformation Module (VTM) operating from a pre-regulated 48 Vdc primary bus to deliver an isolated 12 V secondary for Intermediate Bus Architecture applications. The BCM may be used to power non-isolated POL converters or as an independent 12 V source. Due to the fast response time and low noise of the BCM, the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters is reduced--or eliminated--resulting in savings of board area, materials and total system cost.
Absolute Maximum Ratings
Parameter
+In to -In +In to -In PC to -In TM to -In SG to -In +Out to -Out Isolation voltage Operating junction temperature Output current
Values
-1.0 to 60.0 100 -0.3 to 7.0 -0.3 to 7.0 500
Unit
Vdc Vdc Vdc Vdc mA
Notes
For 100 ms
Peak output current
The BCM achieves a power density of 400 W/in3 and may be surface mounted with a profile as low as 0.16" (4mm) over the PCB. Its V*I Chip power BGA package is compatible with on-board or in-board surface mounting. The V*I Chip package provides flexible thermal management through its low Junction-to-Case and Junction-to-BGA thermal resistance. Owing to its high conversion efficiency and safe operating temperature range, the BCM does not require a discrete heat sink in typical applications. It is also compatible with heat sink options, assuring low junction temperatures and long life in the harshest environments.
P
EL R
RJC RJB RJA RJA
Case temperature during reflow Storage temperature Output power
Peak output power
I IM
Parameter Junction-to-case Junction-to-BGA Junction-to-ambient 3 Junction-to-ambient 4
RY A N
-0.5 to 15.0 1500 Vdc Vdc C A -40 to 125 8.3 See note 2 Continuous For 1 ms 12.5 208 A C -40 to 150 100 150 C W W Continuous For 1 ms Typ 1.1 2.1 Max 1.5 2.5 Units C/W C/W C/W C/W
Input to Output
Thermal Resistance
Symbol
6.5
5.0
7.2
5.5
Notes 1. For complete product matrix see chart on page 10. 2. The referenced junction is defined as the semiconductor having the highest temperature. This temperature is monitored by the temperature monitor (TM) signal and by a shutdown comparator. 3. B048K120T10 surface mounted in-board to a 2" x 2" FR4 board, 4 layers 2 oz Cu, 300 LFM. 4. B048L120T10 (0.25"H integral Pin Fins) surface mounted on FR4 board, 300 LFM.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 1 of 16
Specifications
INPUT (Conditions are at nominal line, full load, and 25C ambient unless otherwise specified)
Parameter Input voltage range Input dV/dt Input undervoltage turn-on Input undervoltage turn-off Input overvoltage turn-on Input overvoltage turn-off Input quiescent current Inrush current overshoot Input current Input reflected ripple current No load power dissipation Internal input capacitance Internal input inductance Recommended external input capacitance Min 42 Typ 48 Max 53 10 42 Unit V V/s V V V V mA A A mA p-p W F nH F Note
37 53
P
EL R
8
IN IM
1.5 1.0 59 1.8 52 1.7 2 20 2.5 70 3.0
PC low Using test circuit in Fig.24; See Fig.1
Y AR
Using test circuit in Fig.24; See Fig.4
200 nH maximum source inductance; See Fig.24
INPUT WAVEFORMS
Figure 1-- Inrush transient current at full load and nominal VIN with PC enabled
Figure 2-- Output voltage turn-on waveform with PC enabled at full load and nominal VIN
Figure 3--Output voltage turn-on waveform with input turn-on at full load and nominal VIN
Figure 4-- Input reflected ripple current at full load and nominal VIN
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 2 of 16
Specifications, continued
OUTPUT (Conditions are at nominal line, full load, and 25C ambient unless otherwise specified)
Parameter Rated DC current Peak repetitive current DC current limit Current share accuracy Efficiency Half load Full load Internal output inductance Internal output capacitance Load capacitance Output overvoltage setpoint Output ripple voltage No external bypass 1F bypass capacitor Average short circuit current Effective switching frequency Line regulation K Load regulation ROUT Transient response Voltage undershoot Voltage overshoot Response time Recovery time Output overshoot Input turn-on PC enable Output turn-on delay From application of power From release of PC pin 8.3 10.5 5 95.5 96.5 1.6 7 1000 14.5 70 6 200 3.5 1/4 135 Min 0 Typ Max 8.3 12.5 13.1 10 Unit A A A % % % nH F F V mV mV mA MHz Note Max pulse width 1ms, max duty cycle 10%, baseline power 50% See Parallel Operation on page 11 See Fig.5 See Fig.5 Effective value
95.0 95.0
2.8 0.245
P
EL R
Efficiency vs. Output Power
I IM
0.255 32 140 96 200 1 0 0 180 320 300 410 ms s
4.2
m mV mV ns s
RY NA
See Figs.7 and 10 See Fig.8 Fixed, 1.75 MHz per phase VOUT=K*VIN at no load See Figs.9 and 28 0-8.3A load step, w/Cin =100F, see Fig.11 8.3 -0A load step, w/Cin =100F, see Fig.12 See Figs.11 and 12 See Figs.11 and 12 No output filter; See Fig.2 No output filter; See Fig.3 See Fig.3 See Fig.2
mV mV
OUTPUT WAVEFORMS
Power Dissipation
4 3.5
98
96
Power Dissipation (W)
0 10 20 30 40 50 60 70 80 90 100
94
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
Efficiency (%)
92
90
88
86
84
Output Power (W)
Output Power (W)
Figure 5-- Efficiency vs. output power at nominal VIN
Figure 6--Power dissipation as a function of output power
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 3 of 16
Specifications, continued
PRELIMINARY
Figure 7-- Output voltage ripple at full load and nominal VIN; without any external bypass capacitor.
Figure 8--Output voltage ripple at full load and nominal VIN with 1 F ceramic external bypass capacitor.
80 70 60 Output Ripple (mV) 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Output Power (W)
Figure 9-- Output impedance vs. frequency
Figure 10-- Output voltage ripple vs. output power at nominal line without any external bypass capacitor.
Figure 11-- 0 -8.3A transient response with no external bypass capacitance.
Figure 12-- 8.3 -0A transient response with no external bypass capacitance.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 4 of 16
Specifications, continued
GENERAL
Parameter MTBF MIL-HDBK-217F Telcordia TR-NT-000332 Telcordia SR-332 Demonstrated Isolation specifications Voltage Capacitance Resistance Agency approvals(pending) Mechanical parameters Weight Dimensions Length Width Height Min Typ 3.6 4.2 TBD TBD 1,500 5,000 10 cTUVus CE Mark 0.43 / 12.25 1.26 / 32 0.85 / 21.5 0.24 / 6 oz / g 6,500 Max Unit Mhrs Mhrs hrs hrs Vdc pF M Note 25C, GB
Input to Output Input to Output Input to Output UL/CSA 60950, EN 60950 Low Voltage Directive See mechanical drawing, Figs.16 and 18
Auxiliary Pins (Conditions are at nominal line, full load, and 25C ambient unless otherwise specified)
Parameter Primary control (PC) DC voltage Module disable voltage Module enable voltage Current limit Enable delay time Disable delay time Temperature Monitor (TM) 27C setting Temperature coefficient Full range accuracy Current limit
P
EL R
Min 4.8 2.4 2.4 2.95 -5 100
I IM
Typ 5.0 2.5 2.5 2.5 320 16 3.00 10 Max 5.2 2.6 2.9 410 40 3.05 5
in / mm in / mm in / mm
RY NA
Note Source only See Fig.2 See Fig.13 Operating junction temperature Operating junction temperature Source only
Unit V V V mA s s
V mV/C C A
Figure 13-- VOUT at full load vs. PC disable
Figure 14-- PC signal during fault
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 5 of 16
Specifications, continued
THERMAL
Symbol Parameter Over temperature shutdown Thermal capacity Junction-to-case thermal impedance Junction-to-BGA thermal impedance Junction-to-ambient 1 Junction-to-ambient 2
PRELIMINARY
Min 125
Typ 130 0.61 1.1 2.1 6.5 5.0
Max 135 1.5 2.5 7.2 5.5
Unit C Ws/C C/W C/W C/W C/W
Note Junction temperature
RJC RJB RJA RJA
Notes
1. B048K120T10 surface mounted in-board to a 2" x 2" FR4 board, 4 layers 2 oz Cu, 300 LFM. 2. B048L120T10 (0.25"H integral Pin Fins) surface mounted on FR4 board, 300 LFM.
V*I CHIP STRESS DRIVEN PRODUCT QUALIFICATION PROCESS
Test High Temperature Operational Life (HTOL) Temperature Cycling High Temperature Storage Moisture Resistance Temperature Humidity Bias Testing (THB) Pressure Cooker Testing (Autoclave) Highly Accelerated Stress Testing (HAST) Solvent Resistance/Marking Permanency Mechanical Vibration Mechanical Shock Electro Static Discharge Testing - Human Body Model Electro Static Discharge Testing - Machine Model Highly Accelerated Life Testing (HALT) Dynamic Cycling Standard JESD22-A-108-B JESD22-A-104B JESD22-A-103A JESD22-A113-B EIA/JESD22-A-101-B JESD22-A-102-C JESD22-A-110B JESD22-B-107-A JESD22-B-103-A JESD22-B-104-A EIA/JESD22-A114-A EIA/JESD22-A115-A Per Vicor Internal Test Specification Per Vicor Internal Test Specification Environment 125C, Vmax, 1,008 hrs -55C to 125C, 1,000 cycles 150C, 1,000 hrs Moisture Sensitivity Level 4 85C, 85% RH, Vmax, 1,008 hrs 121C, 100% RH, 15 PSIG, 96 hrs 130C, 85% RH, Vmax, 96 hrs Solvents A, B & C as defined 20g peak, 20-2,000 Hz, test in X, Y & Z directions 1,500g peak 0.5 ms pulse duration, 5 pulses in 6 directions Meets or exceeds 2,000 Volts Meets or exceeds 200 Volts Operation limits verified, destruct margin determined Constant line, 0-100% load, -20C to 125C
V*I CHIP BALL GRID ARRAY INTERCONNECT QUALIFICATION
Test BGA Daisy-Chain Thermal Cycling Ball Shear Bend Test Standard IPC-SM-785 IPC-9701 IPC-9701 IPC J-STD-029 IPC J-STD-029 Environment TC3, -40 to 125C at <10 C/min, 10 min dwell time. No failure through intermetallic. Deflection through 4 mm.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 6 of 16
Pin/Control Functions
+IN/-IN - DC Voltage Input Ports The V*I Chip input voltage range should not be exceeded. An internal under/over voltage lockout-function prevents operation outside of the normal operating input range. The BCM turns ON within an input voltage window bounded by the "Input under-voltage turn-on" and "Input over-voltage turn-off" levels, as specified. The V*I Chip may be protected against accidental application of a reverse input voltage by the addition of a rectifier in series with the positive input, or a reverse rectifier in shunt with the positive input located on the load side of the input fuse. The connection of the V*I Chip to its power source should be implemented with minimal distribution inductance. If the interconnect inductance exceeds 100 nH, the input should be bypassed with a RC damper to retain low source impedance and stable operation. With an interconnect inductance of 200 nH, the RC damper may be 8 F in series with 0.3. SG - Signal Ground The Signal Ground provides a Kelvin return for the PC and TM ports. It is internally connected to the -IN port. The SG connection is not sized to carry the -IN current and cannot be a substitute for the -IN port, which must be connected with low interconnect impedance. PC - Primary Control The Primary Control port is a multifunction node that provides the following functions:
43 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ AK AL 21 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ AK AL
+Out
+In
-Out
Temp. Monitor Signal Ground Primary Control
+Out
-In
-Out
Bottom View
Figure 15--BCM BGA configuration
Signal Name +In -In TM SG PC +Out -Out BGA Designation A1-L1, A2-L2 AA1-AL1, AA2-AL2 P1, P2 T1, T2 V1, V2 A3-G3, A4-G4, U3-AC3, U4-AC4 J3-R3, J4-R4, AE3-AL3, AE4-AL4
Enable/Disable - If the PC port is left floating or is at a logic HI, the BCM output is enabled. Once this port is pulled lower than 2.4 Vdc with respect to SG, the output is disabled. This action can be realized by employing a relay, opto-coupler, or open collector transistor. Refer to Figures 1-3, 13 and 14 for the typical Enable/Disable characteristics. This port should not be toggled at a rate higher than 1 Hz.
P
EL R
I IM
RY NA
At 300 K (+27 C), the TM output is nominally 3.0 Vdc. The TM output is proportional to temperature and varies at 10 mV/C. The TM accuracy is +/-5 C. SG should be used as ground return of the TM signal to maintain the specified accuracy. +OUT/-OUT - DC Voltage Output Ports Two sets of contacts are provided for the +OUT port. They must be connected in parallel with low interconnect resistance. Similarly, two sets of contacts are provided for the -OUT port. They must be connected in parallel with low interconnect resistance. Within the specified operating range, the average output voltage is defined by the Level 1 DC behavioral model of Figure 28. The current source capability of the BCM is rated in the specifications section of this document. The low output impedance of the BCM, see Figure 9, reduces or eliminates the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters. Total load capacitance at the output of the BCM should not exceed the specified maximum. Owing to the wide bandwidth and low output impedance of the BCM (see Figure 9), low frequency bypass capacitance and significant energy storage may be more densely and efficiently provided by adding capacitance at the input of the BCM.
Primary Auxiliary Supply - The PC port can source up to 2.4 mA at 5.0 Vdc. Alarm - The BCM contains watchdog circuitry that monitors output overload, input over voltage or under voltage, and internal junction temperatures. In response to an abnormal condition in any of the monitored parameters, the PC port will toggle. Refer to Figure 14 for PC alarm characteristics. TM - Temperature Monitor The Temperature Monitor port monitors the highest junction temperature of the BCM. This output may be used to provide feedback and validation of the thermal management of V*I Chips, as applied in diverse power systems and environments.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 7 of 16
Mechanical Drawings
PRELIMINARY
1,00 0.039
SOLDER BALL #A1 INDICATOR
18,00 0.709 9,00 0.354
1,00 0.039
SOLDER BALL #A1
21,5 0.85
6,0 0.24
(106) X o
0,51 0.020
SOLDER BALL
1,00 TYP 0.039
OUTPUT
30,00 1.181
INPUT
INPUT
OUTPUT
32,0 1.26
28,8 1.13 16,0 0.63
C L
15,00 0.591
TOP VIEW (COMPONENT SIDE)
1,6 0.06
C L
BOTTOM VIEW
1,00 0.039
4,0 0.16 NOTES: mm 1- DIMENSIONS ARE inch . 2- UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X/[.XX] = +/-0.25/[.01]; .XX/[.XXX] = +/-0.13/[.005] 3- PRODUCT MARKING ON BOTH TOP AND BOTTOM SURFACES
15,7 0.62
SEATING PLANE
Figure 16--BCM BGA mechanical outline; In-board mounting
IN-BOARD MOUNTING BGA surface mounting requires a cutout in the PCB in which to recess the V*I Chip
(o 0,51 ) 0.020 0,50 0.020
1,50 0.059 ( 1,00 ) 0.039 o 0,53 PLATED VIA 0.021
CONNECT TO INNER LAYERS
SOLDER MASK DEFINED PADS
0,50 0.020
( 1,00 ) 0.039 1,00 0.039 9,00 0.354 18,00 0.709 1,00 0.039 1,00 0.039
SOLDER PAD #A1
(2) X 10,00 0.394
+IN
(4) X 6,00 0.236
+OUT1 -OUT1
RECOMMENDED LAND AND VIA PATTERN
TM
(COMPONENT SIDE SHOWN)
PCB CUTOUT
SG
29,26 1.152 24,00 0.945 16,00 0.630 8,00 0.315 0,37 0.015 1,6 (4) X R 0.06 NOTES: mm 1- DIMENSIONS ARE inch . 2- UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X/[.XX] = +/-0.25/[.01]; .XX/[.XXX] = +/-0.13/[.005]
20,00 0.787 17,00 0.669 15,00 13,00 0.591 0.512
+OUT2
-IN
PC
-OUT2
(106) X o
0,51 0.020
8,08 0.318 16,16 0.636
SOLDER MASK DEFINED PAD
Figure 17--BCM BGA PCB land/VIA layout information; In-board mounting
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 8 of 16
Mechanical Drawings
PRELIMINARY
22,0 0.87
6,2 0.25
3,01 0.118
15,99 0.630
3,01 0.118
(4) PL. 7,10 0.280 OUTPUT INPUT
11,10 (2) PL. 0.437
32,0 1.26
INPUT
24,00 0.945 16,00 0.630 8,00 0.315
TOP VIEW (COMPONENT SIDE)
Figure 18--BCM J-lead mechanical outline; On-board mounting
OUTPUT NOTES: 1- DIMENSIONS ARE mm/[INCH]. 3,26 0.128 15,74 0.620 +OUT1
C L
12,94 0.509
C L
14,94 0.588
16,94 0.667
20,00 0.787
0,45 0.018
BOTTOM VIEW
2- UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X/[.XX] = +/-0.25/[.01]; .XX/[.XXX] = +/-0.13/[.005] 3- PRODUCT MARKING ON BOTH TOP AND BOTTOM SURFACES
3,26 0.128
L. 11,48 0.452
1,60 (3) PL. 0.063
+IN
(4) PL. 7,48 0.294
-OUT1
PC SG TM
24,00 0.945 16,00 0.630 8,00 0.315
+OUT2
20,00 0.787 16,94 0.667 14,94 0.588 12,94 0.509
-IN
RECOMMENDED LAND PATTERN
(COMPONENT SIDE SHOWN)
Figure 19-- BCM J-lead PCB land layout information; On-board mounting
-OUT2
NOTES: 1- DIMENSIONS ARE mm/[INCH]. 2- UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X/[.XX] = +/-0.25/[.01]; .XX/[.XXX] = +/-0.13/[.005]
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 9 of 16
Part Numbering and Configuration Options
V*I Chip BUS CONVERTER PART NUMBERING
B
Bus Converter Module
048
Input Voltage Designator
K
Configuration Options F = On-board (Fig.21) G = On-board with 0.25" Integral Pin Fins (Fig.23) K = In-board (Fig.20) L = In-board with 0.25" Integral Pin Fins (Fig.22)
120
Output Voltage Designator (=Vout x10)
T
Product Grade Temperatures (C) Grade Storage Operating T -40 to150 -40 to125
10
Output Power Designator (=Pout/10) NOTE: 150W and 200W versions are also available.
CONFIGURATION OPTIONS
CONFIGURATION Effective Power Density Junction-Board Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Thermal Resistance 300LFM BCM Model No. IN-BOARD* 585 W/in3 2.1 C/W 1.1 C/W 6.5 C/W B048K120T10 ON-BOARD* 365 W/in3 2.4 C/W 1.1 C/W 6.8 C/W IN-BOARD WITH 0.25" PIN FINS** 203 W/in3 2.1 C/W N/A ON-BOARD WITH 0.25" PIN FINS** 163 W/in3 2.4 C/W N/A
*Surface mounted to a 2" x 2" FR4 board, 4 layers 2 oz Cu **Pin Fin heat sink also available as a separate item
EL PR
21.5 0.85 32.0 1.26 4.0 0.16
IN IM
B048F120T10
32.0 1.26
5.0 C/W
B048L120T10
RY A
5.0 C/W B048G120T10
22.0 0.87
6.3 0.25
IN-BOARD MOUNT (V*I Chip recessed into PCB)
mm in
ON-BOARD MOUNT
mm in
Figure 20--In-board mounting - package K
Figure 21--On-board mounting - package F
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 10 of 16
Configuration Options (Cont.)
21.5 0.85
PRELIMINARY
22.0 0.87
32.0 1.26
32.0 1.26
11.7 0.46
14.0 0.56
IN-BOARD MOUNT with 0.25'' Pin Fins (V*I Chip recessed into PCB)
mm in
ON-BOARD MOUNT with 0.25'' Pin Fins
mm in
Figure 22-- In-board with pin fins - package L
Figure 23-- On-board with pin fins - package G
Input reflected ripple measurement point
F1
7A Fuse
0.30
R1
+In
Enable/Disable Switch 0.47 F ceramic
+Out R3
0.1
+
C2
C1
8 F ceramic
2K SW1
R2
PC SG TM -In -Out BCM
C3
1 F ceramic
Load
D1
-
+ Temperature Monitor - Notes: Source inductance should be no more than 200 nH. If source inductance is greater than 200 nH, additional bypass capacitance is required. C3 should be placed close to the load. D1 power good indicator will dim when a module fault is detected. TM should always be referenced to SG.
Figure 24--BCM test circuit
Application Note
Parallel Operation The BCM will inherently current share when properly configured in an array of BCMs. Arrays may be used for higher power or redundancy in an application. Current sharing accuracy is maximized when the source and load impedance presented to each BCM within an array are equal. The recommended method to achieve matched impedances is to dedicate common copper planes within the PCB to deliver and return the current to the array, rather than rely upon traces of varying lengths. In typical applications the current being delivered to the load is larger than that sourced from the input, allowing traces to be utilized on the input side if necessary. The use of dedicated power planes is, however, preferable. The BCM power train and control architecture allow bi-directional power transfer, including reverse power processing from the BCM output to its input. Reverse power transfer is enabled if the BCM input is within its operating range and the BCM is otherwise enabled. The BCM's ability to process power in reverse improves the BCM transient response to an output load dump.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 11 of 16
BCM Application Circuit
Thermal Management
PRELIMINARY
The PCB may also be coupled to a cold plate by low thermal resistance standoff elements as a means of achieving effective cooling for an array of V*I Chips, without a direct interface to their case. CASE 3--Combined direct convection to the air and conduction to the PCB. Parallel use of the V*I Chip internal thermal resistances (including Junction-to-Case and Junction-to-BGA) in series with external thermal resistances provides an efficient thermal management strategy as it reduces total thermal resistance. This may be readily estimated as the parallel network of two pairs of series configured resistors. The TM (Temperature Monitor) port monitors the V*I Chip junction temperature and provides feedback and validation of the thermal management of V*I Chips, as applied in diverse power systems and environments.
The high efficiency of the V*I Chip results in relatively low power dissipation and correspondingly low generation of heat. The heat generated within internal semiconductor junctions is coupled with low effective thermal resistances, RJC and RJB, to the V*I Chip case and its Ball Grid Array allowing thermal management flexibility to adapt to specific application requirements (Fig. 25). CASE 1 Convection via optional Pin Fins to air (Pin Fins available mounted to the V*I Chip or as a separate item.) If the application is in a typical environment with forced convection over the surface of the PCB and greater than 0.4" headroom, a simple thermal management strategy is to procure V*I Chips with the Pin Fin option. The total Junction-toAmbient thermal resistance, RJA, of a surface mounted V*I Chip with integral 0.25" Pin Fins is 5 C/W in 300 LFM air flow (Fig.27). At full rated output power of 100 W, the heat generated by the BCM is approximately 4 W (Fig.6). Therefore, the junction temperature rise to ambient is approximately 20C. Given a maximum junction temperature of 125C, a temperature rise of 20C allows the V*I Chip to operate at rated output power at up to 105C ambient temperature. At 50 W of output power, operating ambient temperature extends to 115C. CASE 2--Conduction to the PCB The low thermal resistance Junction-to-BGA, RJB, allows use of the PCB to exchange heat from the V*I Chip, including convection from the PCB to the ambient or conduction to a cold plate. For example, with a V*I Chip surface mounted on a 2" x 2" area of a multi-layer PCB, with an aggregate 8 oz of effective copper weight, the total Junction-to-Ambient thermal resistance, RJA, is 6.5 C/W in 300 LFM air flow (see Thermal Resistance section, page 1). Given a maximum junction temperature of 125C and 4 W dissipation at 100 W of output power, a temperature rise of 26C allows the V*I Chip to operate at rated output power at up to 99C ambient temperature. The thermal resistance of the PCB to the surrounding environment in proximity to V*I Chips may be reduced by low profile heat sinks surface mounted to the PCB.
210
180
Output Power
150
120
90
60
30
0 -40 -20 0 20 40 60 80 100 120 140
Operating Junction Temperature
Figure 26-- Thermal derating curve
BCM with 0.25'' optional Pin Fins
10 9 8
Tja
7 6 5
JC = 1.1 C/W
4
JB = 2.1 C/W
3
0
100
200
300
400
500
600
Airflow (LFM)
Figure 25--Thermal resistance
Figure 27--Junction-to-ambient thermal resistance of BCM with 0.25" Pin Fins (Pin Fins available mounted to the V*I Chip or as a separate item.)
V*I Chip Bus Converter B048K120T10 Rev. 1.2 Page 12 of 16
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
Application Note (continued)
PRELIMINARY
V*I Chip BUS CONVERTER LEVEL 1 DC BEHAVIORAL MODEL for 48V to 12V, 100W
IOUT
ROUT
32 m
+
1/ 4
+
* Iout
V*I
VIN
IQ
52 mA
+ -
K
+ -
1/ 4 * Vin
VOUT
-
-
(c)
Figure 28--This model characterizes the DC operation of the V*I Chip bus converter, including the converter transfer function and its losses. The model enables estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
V*I Chip BUS CONVERTER LEVEL 2 TRANSIENT BEHAVIORAL MODEL for 48V to 12V, 100W
8.5 nH
LIN = 20 nH
IOUT
ROUT
32 m
LOUT = 1.6 nH RCOUT
0.5 m 7 F
+
2.0 m
+
RCIN
2 F
1/
4*
Iout
V*I
40 m
CIN VIN
IQ
52 mA
+ -
K
+ -
1/ * 4
Vin
COUT
VOUT
-
-
(c)
Figure 29--This model characterizes the AC operation of the V*I Chip bus converter including response to output load or input voltage transients or steady state modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load with or without external filtering elements.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 13 of 16
Application Note (continued)
V*I Chip Handling and Solderability
PRELIMINARY
The product should remain in its package in a dry environment until ready for use. The following table shows the soldering requirements for both the BGA in-board surface mount package and the J-lead on-board surface mount package.
The reflow process should use industry standard Surface Mount Technology (SMT) conditions. The exact conditions will depend upon the solder paste manufacturer's recommendations. Under no circumstance should the case temperature exceed 208C. Refer to Fig. 30 for a suggested thermal profile.
Solder Paste Stencil Thickness Stencil Aperture Placement Acceleration Rate
BGA Package 63/37 "No Clean"* 4-6 mil 20 mil; 1:1 ratio Within 50% of pad center <500 in/sec2
J-Lead Package 63/37 "No Clean" 4-6 mil 0.8-0.9:1 ratio 5 mil <500 in/sec2
*Halide free water washable 63/37 Flux paste can be used for the BGA version package only. Please consult our Application Engineers for further information.
Figure 30--Thermal profile diagram
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 14 of 16
Application Note (continued)
Input Impedance Recommendations
PRELIMINARY
Input Fuse Recommendations V*I Chips are not internally fused in order to provide flexibility in power system configuration. However, input line fusing of V*I Chips must always be incorporated within the power system. A fast acting fuse, such as NANO2 FUSE 451 Series 7 A 125 V, is required to meet safety agency Conditions of Acceptability. The input line fuse should be placed in series with the +IN port.
To take full advantage of the BCM capabilities, the impedance presented to its input terminals must be low from DC to approximately 5 MHz. The source should exhibit low inductance (less than 100 nH) and should have a critically damped response. If the interconnect inductance exceeds 100 nH, the BCM input pins should be bypassed with an RC damper (e.g., 8 F in series with 0.3 ohm) to retain low source impedance and stable operations. Given the wide bandwidth of the BCM, the source response is generally the limiting factor in the overall system response. Anomalies in the response of the source will appear at the output of the BCM multiplied by its K factor. The DC resistance of the source should be kept as low as possible to minimize voltage deviations. This is especially important if the BCM is operated near low or high line as the over/under voltage detection circuitry could be activated.
Warranty Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages.
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 15 of 16
Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice. Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (issued U.S. and Foreign Patents and pending patent applications) relating to the product described in this data sheet including; * The electrical and thermal utility of the V*I Chip package * The design of the V*I Chip package * The Power Conversion Topology utilized in the V*I Chip package * The Control Architecture utilized in the V*I Chip package * The Factorized Power Architecture. Purchase of this product conveys a license to use it. However, no responsibility is assumed by Vicor for any infringement of patents or other rights of third parties which may result from its use. Except for its use, no license is granted by implication or otherwise under any patent or patent rights of Vicor or any of its subsidiaries. Anybody wishing to use Vicor proprietary technologies must first obtain a license. Potential users without a license are encouraged to first contact Vicor's Intellectual Property Department.
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 Email Vicor Express: vicorexp@vicr.com Technical Support: apps@vicr.com
45
Vicor Corporation Tel: 800-735-6200 vicorpower.com
V*I Chip Bus Converter
B048K120T10
Rev. 1.2
Page 16 of 16
11/03/10M


▲Up To Search▲   

 
Price & Availability of B048L120T10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X