Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download AZV32101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER AZV321
Description
The AZV321 is single low voltage (2.7-5.5V) op amp which has rail-to-rail output swing capability. The input common-mode voltage range includes ground. The chip exhibits excellent speed-power ratio, achieving 1MHz of bandwidth and 1V/s of slew rate with low supply current. The AZV321 is built with BiCMOS process. It has bipolar input and output stages for improved noise performance, low input offset and higher output current drive. AZV321 is available in the package of SC70-5, which is approximately half the size of SOT-23-5. The small package saves space on pc boards, and enables the design of small portable electronic devices. It also allows the designer to place the device closer to the signal source to reduce noise pickup and increase signal integrity.
Parametric Table
Supply Voltage Range (V) Supply Current (VCC=5V(A) Input Offset Voltage (mV) Large Signal Voltage Gain (dB) Output Voltage Swing (VCC=5V, RL=10K) Output Short Circuit Current (VCC=5V) VOH (V) VOL (mV) Source (mA) Sink (mA) 2.7 to 5.5 130 1.7 100 4.99 65 60 160 1 60 -40 to 85
Gain Bandwidth Product (CL=200pF) (MHz) Phase Margin (Deg) Operating Temperature Range (oC)
Features
For VCC=5V and VEE=0V, Typical unless Otherwise Noted * Guaranteed 2.7V to 5.5V Performance. * No Crossover Distortion * Gain-Bandwidth Product 1MHz * Industrial Temperature Range: -40oC to +85oC * Low Supply Current: 130A * Rail-to-Rail Output Swing under 10k Load: VOH up to VCC -10mV VOL near to VEE +65mV * VCM: -0.2V to VCC-0.8V
Benefits
* * * * * Low Supply Voltage and Low Supply Current Rail to Rail Output Small Package Easy to Use Very Competitive Price
Applications
* * * * * Active Filters Low Power, Low Voltage Applications General Purpose Portable Devices Cellular Phone, Cordless Phone Battery-Powered Systems
Additional Available Materials
* * * * Samples Preliminary Datasheet Reliability Report ESD Report
Mar. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER AZV321
Pin Configuration
(SC70-5/SOT-23-5)
IN+ VEE IN1 2 3 4 OUTPUT 5 VCC
Ordering Information Example
Package SC70-5 SOT-23-5
Temperature Range -40 to 85oC -40 to 85oC
Part Number Lead Free AZV321KSTR-E1 AZV321KTR-E1
Marking ID Lead Free 21 E6T
Packing Type Tape & Reel Tape & Reel
Detailed information please refer to the relevant datasheet.
Sales Office:
USA 30920 Huntwood Ave.Hayward, CA 94544, USA Tel : +1-510-324-2988 Fax : +1-510-324-2788 Taiwan 4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei, Taiwan Tel : 886-2-2656-2808 Fax : 886-2-2656-2806 Shanghai 8F, B Zone, 900 Yi Shan Road, Shanghai 200233, China Tel : 86-21-6495 9539 Fax : 86-21-6485 9673 Shenzhen Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian District, Shenzhen 518026, China Tel : 86-755-8826 7951 Fax : 86-755-8826 7865
Mar. 2007
BCD Semiconductor Manufacturing Limited


▲Up To Search▲   

 
Price & Availability of AZV32101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X