Part Number Hot Search : 
78L05G D5233 EGA16 TCD2503 D5233 XN0F256 EC000899 1029132
Product Description
Full Text Search
 

To Download AZ979-1C-6D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ979
80 AMP AUTOMOTIVE RELAY
FEATURES 80 Amp contact rating High momentary carry current High operating temperature (85C) SPST N.O. (1 Form A), SPDT (1 Form C), SPST N.C. (1 Form B) * Quick connect terminals * Epoxy sealed version available * * * *
CONTACTS
Arrangement Ratings SPST (N.O.) (1 Form A) SPDT (1 Form C), SPST (N.C.) (1 Form B) Resistive load: Max. switched power: 1120 W (SPST) Form A 840 W (N.O.) Form C 840 W (N.C.) Form C, Form B Max. switched current: 80 A (SPST) Form A 60 A (N.O.) Form C 60 A (N.C.) Form C, Form B Max. switched voltage: 30 VDC
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 80 A 14 VDC Res. 7 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 500 Vrms coil to contact (at sea level for 1 min.) 500 Vrms contact to contact Insulation Resistance Dropout 100 megohms min. at 500 VDC, 20C 50% RH Greater than 10% of nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55 Hz 10 g P.B.T. polyester Copper alloy Quick Connect
Note: Allow suitable slack on leads when wiring and do not subject the terminals to excessive force.
Material Resistance
Silver tin oxide < 50 milliohms initially (24 V, 1 A voltage drop method) Ambient Temperature Operating Storage Vibration Shock Enclosure 0.76 W Terminals 3.0 W at 20C (68F) 56C (101F) at nominal coil voltage Max.155C (311F) Weight
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature
48 grams
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-06-24
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ979
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 3.9 7.8 15.6 Max. Continuous VDC 7.8 15.6 31.2 Coil Resistance 10% 20 80 320 SPST AZ979-1A-6D AZ979-1A-12D AZ979-1A-24D
ORDER NUMBER*
SPDT AZ979-1C-6D AZ979-1C-12D AZ979-1C-24D
* For SPST (N.C.) (1 Form B) relay, substitue "1B" for "1A". Add suffix "R" for resistor in parallel with coil. Resistor values: 6V: 180 , 12V: 680 , 24V: 2700 . Add suffix "D" for diode across coil option (+ pole at terminal #86). Add suffix "E" for epoxy sealed version.
MECHANICAL DATA
Outline Dimensions
.866 [22.0] .220 [5.6] .069 [1.8] 1.315 [33.4]
Wiring Diagrams
SPDT
30
1.378 1.437 [35.0] [36.5]
1.614 [41.0]
85
87A
86
1.043 .984 [26.5] [25.0]
87
3x.598 [15.2]
2x.441 [11.2]
SPST (N.O.)
2x.248 [6.3]
2x.031 [.8]
3x.047 [1.2]
3x.374 [9.5]
30
85
86
30 87
.705 [17.9]
85
87A
86
.311 .315 [7.9] [8.0] .327 .331 [8.3] [8.4]
87
1.173 [29.8]
.661 [16.8] 1.173 [29.8]
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-06-24
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ979-1C-6D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X