Part Number Hot Search : 
SI4209 00BZI MX98702 B1205 L2030 7815ACT HSBD135 AT24LC02
Product Description
Full Text Search
 

To Download AZ955-1C-9DSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ955
SUBMINIATURE PC BOARD RELAY
FEATURES * * * * * * * Subminiature size for high density packaging DIL pitch terminals Epoxy sealed for automatic wave soldering High sensitivity: 150 mW nominal with 84 mW pickup Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric UL file E43203; CSA file LR 702514
GENERAL DATA CONTACTS
Arrangement Ratings Light Duty SPDT (1 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 30 W or 60 VA Max. switched current: 1 A Max. switched voltage: 60 VDC or 125 VAC UL Rating: 1 A at 30 VDC 0.3 A at 60 VDC 0.5 A at 125 VAC Silver alloy, gold clad < 100 milliohms initially Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Capacitance Bounce (typical) Minimum operations 10 million operations 1 x 105 at rated load Standard: 3 ms at nominal coil voltage Sensitive: 5 ms at nominal coil voltage 1 ms at nominal coil voltage (with no coil suppression) Coil to contact: 3.0 pF Contact to contact: 3.0 pF At 10 mA contact current 2 ms at operate 8 ms at release
Material Resistance
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Standard coil:113 mW Sensitive coil: 84 mW .5 W at 20C (68F) ambient Standard: 33C (59F) at nominal coil voltage Sensitive: 25C (45F) at nominal coil voltage Max. 105C (221F)
Dielectric Strength 1250 Vrms coil to contact (at sea level for 1 min.) 500 Vrms between open contacts Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Insulation Resistance Dropout Ambient Temperature Operating Storage Vibration Shock Enclosure 100 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage At nominal coil voltage Standard: -40C (-40F) to 70C (158F) Sensitive: -40C (-40F) to 80C (176F) Both: -25C (-13F) to 105C (221F) 0.039" DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy 270C (518F) 5 seconds 30 seconds 1.8 grams
Temperature
NOTES
1. 2. 3. 4. All values at 20C (68F). Relay may pull in with less than "Must Operate" value. Other coil resistances and sensitivities available upon request. Specifications subject to change without notice.
Terminals Max. Solder Temp. Max. Solder Time Max. Immersion Time Weight
ZETTLER
electronics
2000-10-04
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
AZ955
RELAY ORDERING DATA
COIL SPECIFICATIONS: STANDARD COIL
Nominal Coil VDC 1.5 3 5 6 9 12 24 Nominal Coil VDC 1.5 3 5 6 9 12 24 Must. Operate VDC 1.1 2.3 3.8 4.5 6.8 9.0 18.0 Must. Operate VDC 1.1 2.3 3.8 4.5 6.8 9.0 18.0 Max. Continuous VDC 2.4 4.7 7.9 9.5 14.2 19.0 37.9 Max. Continuous VDC 2.7 5.5 9.1 11.0 16.4 21.9 43.8 Coil Resistance 10% 11.3 45.0 125 180 405 720 2880 Coil Resistance 10% 15.0 60.0 167 240 540 960 3840
ORDER NUMBER
AZ955-1C-1.5DE AZ955-1C-3DE AZ955-1C-5DE AZ955-1C-6DE AZ955-1C-9DE AZ955-1C-12DE AZ955-1C-24DE
COIL SPECIFICATIONS: SENSITIVE COIL ORDER NUMBER
AZ955-1C-1.5DSE AZ955-1C-3DSE AZ955-1C-5DSE AZ955-1C-6DSE AZ955-1C-9DSE AZ955-1C-12DSE AZ955-1C-24DSE
MECHANICAL DATA
PC BOARD LAYOUT Viewed toward terminals
.300 [7.6]
.472 [12.0]
.291 [7.4]
.385 [9.8]
.100 [2.5]
.033 [0.84]
.045 [1.15]
.200 [5.1] .020 [0.5] .100 [2.5] .300 [7.6] .138 [3.5] TYP
.200 [5.1]
2xo.024 [o0.6]
4xo.032 [o0.8]
2xo.016 [o0.4]
WIRING DIAGRAM Viewed toward terminals
1
4x.020 [0.5] 4x.008 [0.2]
2
5
10
9
6
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics
2000-10-04
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700


▲Up To Search▲   

 
Price & Availability of AZ955-1C-9DSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X