Part Number Hot Search : 
T1613NH SFBSX21 MPB037 C6562 OC11T12A 2X062H LTL2R3K G1117
Product Description
Full Text Search
 

To Download AZ947-1C-9D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ947
20 AMP SUBMINIATURE PCB POWER RELAY FOR AUTOMOTIVE USE
FEATURES * * * * * Low cost 20 Amp contact rating Low profile, small footprint High operating temperature (85C) SPST (1 Form A), SPDT (1 Form C)
CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 280 W, 1250 VA Max. switched voltage: 50 VDC, 125 VAC 20 A at 14 VDC Res. (make) 15 A at 14 VDC Res. (break) . Material Resistance Silver tin oxide < 50 milliohms initially (6 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (max.) Release Time (max.) Minimum operations 1 x 107 1 x 105 at 20 A 14 VDC Res. 10 ms max. at nominal coil voltage 5 ms max. at nominal coil voltage (with no coil suppression)
Dielectric Strength 500 VAC coil to contact (at sea level for 1 min.) 500 VAC between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage 100 megohms min. at 20C, 500 VDC 50% RH Greater than 5% of nominal coil voltage At nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 Seconds 6 grams
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max Temperature 222 mW 1.09 W at 20C (68F) ambient 44C (79F) at nominal coil voltage 105C (221F)
Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-05-27
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ947
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil VDC 6 9 12 24 Must Operate VDC 3.6 5.4 7.3 14.4 Max. Continuous VDC 8.1 12.2 16.2 32.5 Coil Resistance 10% 60 135 240 960
ORDER NUMBER*
SPST AZ947-1A-6D AZ947-1A-9D AZ947-1A-12D AZ947-1A-24D SPDT AZ947-1C-6D AZ947-1C-9D AZ947-1C-12D AZ947-1C-24D
* Add suffix "E" for epoxy sealed version.
MECHANICAL DATA
Outline Dimensions PC Board Layout
.610 .618 [15.7] [15.5]
4xo.051 [o1.3] .476 .484 [12.1] [12.3] .197 [5.0] o.055 [o1.4] .098 [2.5] .017 [0.4]
.063 [1.6]
.041 [1.0]
.539 .551 [13.7] [14.0]
.394 [10.0]
.402 [10.2]
2x.012 [0.3]
2x.039 [1.0]
2x.039 [1.0]
Wiring Diagram
VIEWED TOWARD TERMINALS
2x.016 [0.4] .047 [1.2]
.012 [0.3]
FORM A FORM C
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-05-27
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ947-1C-9D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X