Part Number Hot Search : 
RMPA2 2010D MBL3S 1N5257B ACL3225 PBSS4 X5045 M9707
Product Description
Full Text Search
 

To Download AZ764H-1AE-9DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ764H
16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
FEATURES * * * * * * * * Ambient Temperature up to 105C (221F) Sensitive coil Dielectric strength 5000 Vrms Low height: 15.7 mm 16 Amp switching Isolation spacing greater than 10 mm Proof tracking index (PTI/CTI) 250 Reinforced insulation, EN 60730-1 (VDE 0631, part 1) EN 60335-1 (VDE 0700, part 1) * UL, CUR file E43203 * VDE file 40012572
CONTACTS
Arrangement Ratings SPST (1 Form A) Resistive load: Max. switched power: 480 W or 4000 VA Max. switched current: 16 A Max. switched voltage: 300 VDC* or 400 VAC
* Note: If switching voltage is greater than 30 VDC,
GENERAL DATA
Life Expectancy Mechanical Electrical (ohmic load at 105C / 221F) Operate Time (typical) Release Time (typical) Minimum operations 3 x 107 1.7 x 105 at 10 A 230 VAC res. 2.8 x 105 at 8 A 230 VAC res. 3.2 x 105 at 6 A 230 VAC res. 7 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
special precautions must be taken. Please contact the factory.
Rated Load UL, CUR VDE Material Resistance
10 A at 250 VAC general use 10 A at 250 VAC resistive, 105 C, 150k cycles 16 A at 250 VAC resistive, 105 C, 10k cycles Silver silver tin oxide < 100 milliohms initially
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation Resistance Insulation (according to DIN VDE 0110, IEC 60664-1) Dropout DC coils 105 megohms min. at 20C 500 VDC 50% RH C250 Overvoltage category: III Pollution degree: 3 Nominal voltage: 250 VAC Greater than 10% of nominal coil voltage At nominal coil voltage -40C (-40F) to 105C (221F) -40C (-40F) to 105C (221F) 20 g at 30...500 Hz 30 g P.B.T. polyester, UL-94 ; V0 Tinned copper alloy, P. C. 270C (518F) 5 seconds 80C (176F) 30 seconds 14 grams 20 per carton tube / 1000 per carton box
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 140 mW (DC coil) 2.2 W at 20C (68F) ambient 16C (29F) at nominal coil voltage 155C (311F)
Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
Max. Solvent Temp. Max. Immersion Time Weight Packing unit in pcs
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-08-04
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ764H
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
Nominal Coil VDC 5 6 9 10 12 18 24 48 Must Operate VDC 3.75 4.5 6.75 7.5 9.0 13.5 18.0 36.0 Max. Continuous VDC 15.0 18.0 27.0 30.0 36.0 54.0 72.0 144.0 Coil Resistance Ohm 10% 102 144 330 400 580 1,300 2,300 9,340 AZ764H-1AE-5DS AZ764H-1AE-6DS AZ764H-1AE-9DS AZ764H-1AE-10DS AZ764H-1AE-12DS AZ764H-1AE-18DS AZ764H-1AE-24DS AZ764H-1AE-48DS
ORDER NUMBER
MECHANICAL DATA
PC BOARD LAYOUT
1.142 [29.0] Max. 0.500 Max. [12.7] .197 [5.0] .794 [20.16] .098 [2.5]
.618 Max. [15.7]
.295 [7.5]
.098 [2.5]
6 x o .050 [o 1.3] .295 [7.5] 4 x .020 [0.5] 2 x o .024 [o 0.6] 5 4 x .035 [0.9] .295 [7.5]
.154 [3.9]
Viewed toward terminals
WIRING DIAGRAM
4 2
.197 [5.0]
.794 [20.16]
.098 [2.5]
8
7
1
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
DC - Coil operating range
3.0 2.6
DC current [A]
16 10 5 50
Max. DC resistive load breaking capacity
UB / U N
2.2 1.8 1.4 1.0 0.6 0 20 40 60 80 100 120 Ambient temperature [C]
1 - no load on contacts, cold coil 2 - no load on contacts 3 - contact load 10A
2 1 0,5
0,1 10
20
30
40 50
100
200
300
DC voltage [V]
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-08-04
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ764H-1AE-9DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X