Part Number Hot Search : 
5016RPQI 9816G 2SD1620 036004 B8247 BCM97315 RB050 IN87C51N
Product Description
Full Text Search
 

To Download AZ726-1C-6A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ726
MINIATURE POWER RELAY
FEATURES * * * * * * * * AC coils Dielectric strength 5000 Vrms Low cost Flux tight package 16 Amp switching - single pole contacts Isolation spacing greater than 8mm Molded materials: all 94V-0 UL and Canadian file E43203
CONTACTS
Arrangement Ratings SPST (1 Form A) SPDT (1 Form C) Resistive load: Max. switched power: 480 W, 4000 VA Max. switched current: 16 A Max. switched voltage: 150 VDC/400 VAC Inductive load: (cosO =0.4) Max. switched power: 240W or 2000 VA Max. Switched current: 8A Max. switched voltage: 125VDC or 400 VAC
Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at rated load 8 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation Resistance Dropout 1000 megohms min. at 20C, 500 VDC 50% RH Greater than 30% of nominal coil voltage At nominal coil voltage -40C (-40F) to 70C (158F) -40C (-40F) to 105C (221F) 0.062" DA at 10-55 Hz 10 g PC (94V-0) Tinned copper alloy, P.C. 270C (518F) 5 seconds 17 grams
Rated Load UL, CUR Min. Load Material Resistance
16 A 250 VAC, resistive 5 VDC, .01A Silver alloy Vibration 30 milliohms initially (6V, 1A method) Shock Enclosure Terminals 576 mW 1.5 W at 20C (68F) ambient 1.2 W at 40C (104F) ambient 36C (65F) at nominal coil voltage Max. 105C (221F) Max. Solder Temp. Max. Solder Time Weight Ambient Temperature Operating Storage
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
ZETTLER
electronics
1998-10-28
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
AZ726
RELAY ORDERING DATA
COIL SPECIFICATIONS - AC Coil
Nominal Coil VAC 6 12 24 50 110 220 230 Must Operate VAC 4.8 9.6 19.2 40.0 88.0 176.0 184.0 Max. Continuous VAC 7.8 15.6 31.2 65.0 143.0 286.0 299.0 Nominal Current mA 10% 150.0 75.0 37.5 18.0 10.6 5.3 3.6 Coil Resistance 10% 16 65 260 1130 4600 20200 24900
ORDER NUMBER
Form A (SPST) AZ726-1A-6A AZ726-1A-12A AZ726-1A-24A AZ726-1A-50A AZ726-1A-110A AZ726-1A-220A AZ726-1A-230A Form C (SPDT) AZ726-1C-6A AZ726-1C-12A AZ726-1C-24A AZ726-1C-50A AZ726-1C-110A AZ726-1C-220A AZ726-1C-230A
MECHANICAL DATA
.023 (0.58) x .023 (0.58) 0.016 (0.4) x 0.040 (1.015)
035 Dia. (0.9) 2 places
(4 places Form A (6 places Form C)
Dimensions in inches with metric equivalents in parentheses. Tolerance: 0.010"
ZETTLER
electronics
1998-10-28
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700


▲Up To Search▲   

 
Price & Availability of AZ726-1C-6A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X