Part Number Hot Search : 
SM8707E M18GXYPQ STB15150 IR3P69 EP2SGX90 EPE6135 MS16200 TPCA8
Product Description
Full Text Search
 

To Download AZ23C6V8W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: AZ23C5V6W AZ23C6V8W AZ23C10W AZ23C18W
AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W
Lead-free Green
200mW DUAL SURFACE MOUNT ZENER DIODE
* * * * *
Features
Nominal Zener Voltages: 5.6V, 6.8V, 10V, 18V Ultra-Small Surface Mount Package Ideal For Transient Suppression Lead Free/RoHS Compliant (Note 4) "Green" Device (Note 5 and 6)
A
SOT-323 Dim A B
BC
ESD Sensitivity Rating
* * *
AEC-Q101, HBM - 8kV, MM - 400V (AZ23C5V6W - AZ23C18W) IEC 61000-4-2, Air - Exceeds 25kV, Contact - 8kV (AZ23C5V6W, AZ23C6V8W) IEC 61000-4-2, Air - Exceeds 15kV, Contact - 8kV (AZ23C10W, AZ23C18W)
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
C D E G H
M
0.65 Nominal
G H
Mechanical Data
* * * * * * * * *
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 6. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: See Below & Page 3 Ordering Information: See Page 3 Weight: 0.006 grams (approximate)
K
J K L M a
J
D
F
L
All Dimensions in mm
Maximum Ratings
Forward Voltage Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 200 625 -65 to +150 Unit V mW C/W C Temperature Coefficient of Zener Voltage @ IZT = 5mA TC (mV/C) V 2.0 4.0 7.0 12.6 Min -2.0 1.2 4.5 12.4 Max 2.5 4.5 8.0 16.0
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Type Number
Marking Code
Zener Voltage Range (Note 2) VZ @ IZT Nom (V) Min (V) 5.32 6.47 9.4 16.8 Max (V) 5.88 7.14 10.6 19.1
Maximum Zener Impedance (Note 3) ZZT @ IZT W 40 15 15 50 mA 5.0 5.0 5.0 5.0 ZZK @ IZK W 400 80 70 170 mA 1.0 1.0 1.0 1.0
Maximum Reverse Current (Note 2) IR @ V R mA 1.0 2.0 0.2 0.1
AZ23C5V6W AZ23C6V8W AZ23C10W AZ23C18W
Notes: 1. 2. 3. 4. 5. 6.
KD9 KDB KDF KDL
5.6 6.8 10 18
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used so as not to induce significant self-heating. f = 1KHz. No purposefully added lead. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30257 Rev. 7 - 2
1 of 3 AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W www.diodes.com a Diodes Incorporated
50
Tj = 25C
C5V6W C6V8W
300
Pd, POWER DISSIPATION (mW)
IZ, ZENER CURRENT (mA)
40
200
30
20
100
10
Test Current IZ 5.0mA
0 0 100 200
0 0 1
TA, Ambient Temperature, (C)
Fig. 1 Power Derating Curve
30
Tj = 25C C10W
3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics
2
10
1000
Tj = 25 C
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
IZ, ZENER CURRENT (mA)
20
100
VR = 1V
C18W
10
Test current IZ 5mA
VR = 2V
10 1 10 100
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3 Zener Breakdown Characteristics 40
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4 Total Capacitance vs Nominal Zener Voltage
DS30257 Rev. 7 - 2
2 of 3 AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W www.diodes.com
Ordering Information
Device
(Note 6 & 7)
Packaging SOT-323
Shipping 3000/Tape & Reel
(Type Number)-7-F
* Add "-7-F" to the appropriate type number in Table 1 from Page 1 example: 6.8V Zener = AZ23C6V8W-7-F.
Notes: 6. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4
XXX = Product Type Marking Code (See Table) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2002 N May 5
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30257 Rev. 7 - 2
3 of 3 AZ23C5V6W, AZ23C6V8W, AZ23C10W, AZ23C18W www.diodes.com


▲Up To Search▲   

 
Price & Availability of AZ23C6V8W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X