Part Number Hot Search : 
MD106S AOW29S50 LA4277 R3030PT LF223D FLI5928H C1214 D2N120DD
Product Description
Full Text Search
 

To Download AZ10LVEL11T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARIZONA MICROTEK, INC.
AZ10LVEL11 AZ100LVEL11
ECL/PECL 1:2 Differential Fanout Buffer FEATURES
* * * * * * * PACKAGE 265ps Propagation Delay 5ps Skew Between Outputs High Bandwidth Output Transitions Internal Input Pulldown Resistors Operating Range of 3.0V to 5.5V Direct Replacement for ON Semi MC100LVEL11, MC10EL11 & MC100EL11 Transistor Count = 51
SOIC 8 SOIC 8 SOIC 8 RoHS Compliant / Lead (Pb) Free SOIC 8 RoHS Compliant / Lead (Pb) Free TSSOP 8 TSSOP 8 TSSOP 8 RoHS Compliant / Lead (Pb) Free
PACKAGE AVAILABILITY PART NUMBER
AZ10LVEL11D AZ100LVEL11D AZ10LVEL11D+
MARKING
AZM10 LVEL11 AZM100 LVEL11 AZM10+ LVEL11 AZM100+ LVEL11 AZT LV11 AZH LV11 AZH+ LV11
NOTES
1,2 1,2 1,2
AZ100LVEL11D+ AZ10LVEL11T AZ100LVEL11T AZ100LVEL11T+
1,2 1,2 1,2 1,2
DESCRIPTION
1 2
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts) Tape & Reel. Date code "YWW" or "YYWW" on underside of part.
The AZ10/100LVEL11 is a differential 1:2 fanout gate. The device is functionally similar to the E111 device but with higher performance capabilities. Having within-device skews and output transition times significantly improved over the E111, the AZ10/100LVEL11 is ideally suited for those applications that require the ultimate in AC performance. The differential inputs of the AZ10/100LVEL11 employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open, the Q outputs will go LOW. NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established. LOGIC DIAGRAM AND PINOUT ASSIGNMENT
PIN DESCRIPTION PIN D, D Q0, Q0, Q1, Q1 VCC VEE FUNCTION Data Inputs Data Outputs Positive Supply Negative Supply
Q0 1
8
VCC
Q0 2
7
D
Q1 3
6
D
Q1 4
5
VEE
1630 S. STAPLEY DR., SUITE 127 * MESA, ARIZONA 85204 * USA * (480) 962-5881 * FAX (480) 890-2541 www.azmicrotek.com
AZ10LVEL11 AZ100LVEL11
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol VCC VI VEE VI IOUT TA TSTG Characteristic PECL Power Supply (VEE = 0V) PECL Input Voltage (VEE = 0V) ECL Power Supply (VCC = 0V) ECL Input Voltage (VCC = 0V) Output Current --- Continuous --- Surge Operating Temperature Range Storage Temperature Range Rating 0 to +8.0 0 to +6.0 -8.0 to 0 -6.0 to 0 50 100 -40 to +85 -65 to +150 Unit Vdc Vdc Vdc Vdc mA C C
10K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
Symbol Characteristic
1
VOH Output HIGH Voltage VOL Output LOW Voltage1 VIH Input HIGH Voltage VIL Input LOW Voltage Input LOW Current IIL Input HIGH Current 150 IIH IEE Power Supply Current 23 31 1. Each output is terminated through a 50 resistor to VCC - 2V.
Min -1080 -1950 -1230 -1950 -150
-40C Typ
Max -890 -1650 -890 -1500
Min -1020 -1950 -1170 -1950 -150
0C Typ
Max -840 -1630 -840 -1480 150 31
Min -980 -1950 -1130 -1950 -150
25C Typ
Max -810 -1630 -810 -1480 150 31
Min -910 -1950 -1060 -1950 -150
85C Typ
Max -720 -1595 -720 -1445 150 31
Unit mV mV mV mV A A mA
24
25
26
10K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
Symbol Characteristic
1,2
VOH Output HIGH Voltage VOL Output LOW Voltage1,2 VIH Input HIGH Voltage1 VIL Input LOW Voltage1 Input LOW Current IIL IIH Input HIGH Current 150 150 IEE Power Supply Current 23 31 24 31 1. For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 resistor to VCC - 2V.
Min 2220 1350 2070 1350 -150
-40C Typ
Max 2410 1650 2410 1800
Min 2280 1350 2130 1350 -150
0C Typ
Max 2460 1670 2460 1820
Min 2320 1350 2170 1350 -150
25C Typ
Max 2490 1670 2490 1820 150 31
Min 2390 1350 2240 1350 -150
85C Typ
Max 2580 1705 2580 1855 150 31
Unit mV mV mV mV A A mA
25
26
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol Characteristic
1,2
VOH Output HIGH Voltage VOL Output LOW Voltage1,2 VIH Input HIGH Voltage1 VIL Input LOW Voltage1 Input LOW Current IIL IIH Input HIGH Current 150 150 IEE Power Supply Current 23 31 24 31 1. For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3920 3050 3770 3050 -150
-40C Typ
Max 4110 3350 4110 3500
Min 3980 3050 3830 3050 -150
0C Typ
Max 4160 3370 4160 3520
Min 4020 3050 3870 3050 -150
25C Typ
Max 4190 3370 4190 3520 150 31
Min 4090 3050 3940 3050 -150
85C Typ
Max 4280 3405 4280 3555 150 31
Unit mV mV mV mV A A mA
25
26
June 2007 * REV - 3
www.azmicrotek.com 2
AZ10LVEL11 AZ100LVEL11
100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
Symbol Characteristic
1
VOH Output HIGH Voltage VOL Output LOW Voltage1 VIH Input HIGH Voltage VIL Input LOW Voltage Input LOW Current IIL Input HIGH Current 150 IIH IEE Power Supply Current 22 31 1. Each output is terminated through a 50 resistor to VCC - 2V.
Min -1085 -1830 -1165 -1810 -150
-40C Typ -1005 -1695
Max -880 -1555 -880 -1475
Min -1025 -1810 -1165 -1810 -150
0C Typ -955 -1705
Max -880 -1620 -880 -1475 150 31
Min -1025 -1810 -1165 -1810 -150
25C Typ -955 -1705
Max -880 -1620 -880 -1475 150 31
Min -1025 -1810 -1165 -1810 -150
85C Typ -955 -1705
Max -880 -1620 -880 -1475 150 34
Unit mV mV mV mV A A mA
23
24
28
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
Symbol Characteristic
1,2
VOH Output HIGH Voltage VOL Output LOW Voltage1,2 VIH Input HIGH Voltage1 VIL Input LOW Voltage1 Input LOW Current IIL IIH Input HIGH Current 150 150 IEE Power Supply Current 22 31 23 31 1. For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 resistor to VCC - 2V.
Min 2215 1470 2135 1490 -150
-40C Typ 2295 1605
Max 2420 1745 2420 1825
Min 2275 1490 2135 1490 -150
0C Typ 2345 1595
Max 2420 1680 2420 1825
Min 2275 1490 2135 1490 -150
25C Typ 2345 1595
Max 2420 1680 2420 1825 150 31
Min 2275 1490 2135 1490 -150
85C Typ 2345 1595
Max 2420 1680 2420 1825 150 34
Unit mV mV mV mV A A mA
24
28
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol Characteristic VOH Output HIGH Voltage1,2 VOL Output LOW Voltage1,2 VIH Input HIGH Voltage1 VIL Input LOW Voltage1 Input LOW Current IIL IIH Input HIGH Current 150 150 IEE Power Supply Current 22 31 23 31 1. For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. 2. Each output is terminated through a 50 resistor to VCC - 2V. Min 3915 3170 3835 3190 -150 -40C Typ 3995 3305 Max 4120 3445 4120 3525 Min 3975 3190 3835 3190 -150 0C Typ 4045 3295 Max 4120 3380 4120 3525 Min 3975 3190 3835 3190 -150 25C Typ 4045 3295 Max 4120 3380 4120 3525 150 31 Min 3975 3190 3835 3190 -150 85C Typ 4045 3295 Max 4120 3380 4120 3525 150 34 Unit mV mV mV mV A A mA
24
28
AC Characteristics (VEE = -3.0V to -5.5V, VCC = GND or VEE = GND, VCC = +3.0V to +5.5V)
Symbol tPLH / tPHL tSKEW VPP (AC) VCMR tr / t f 1. 2. 3. 4. Characteristic Propagation Delay to Output Within-Device Skew 1 Duty Cycle Skew2 Minimum Input Swing3 Common Mode Range
4
Min 135
-40C Typ 260 5 5
Max 335
Min 185
0C Typ 260 5 5
Max 335 20 20 VCC 0.2
Min 190
25C Typ 265 5 5
Max 340 20 20 VCC 0.2
Min 215
85C Typ 310 5 5
Max 365 20 20 VCC 0.2
Unit ps ps mV V ps
150 VEE + 1.2
VCC 0.2
150 VEE + 1.2
150 VEE + 1.2
150 VEE + 1.2
Rise/Fall Time 100 260 100 260 100 260 100 260 20 - 80% Within-device skew defined as identical transitions on similar paths through a device. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. VPP is the minimum peak-to-peak differential input swing for which AC parameters guaranteed. The device has a DC gain of 40. The VCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP (min) and 1V.
June 2007 * REV - 3
www.azmicrotek.com 3
AZ10LVEL11 AZ100LVEL11
Fig. 1 Typical Output Swing Versus Frequency for AZ100LVEL11
800 700 600
Vout pp (mV)
500 400 300 200 100 0 0 200 400 600 800 1000 1200 1400 1600 1800 2000
Frequency (MHz)
June 2007 * REV - 3
www.azmicrotek.com 4
AZ10LVEL11 AZ100LVEL11 PACKAGE DIAGRAM SOIC 8
NOTES: DIMENSIONS D AND E DO NOT 1. INCLUDE MOLD PROTRUSION. MAXIMUM MOLD PROTRUSION 2. FOR D IS 0.15mm. MAXIMUM MOLD PROTRUSION 3. FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp Q v w y Z
MILLIMETERS MIN MAX 1.75 0.10 0.25 1.25 1.45 0.25 0.36 0.49 0.19 0.25 4.8 5.0 3.8 4.0 1.27 5.80 6.20 1.05 0.40 1.00 0.60 0.70 0.25 0.25 0.10 0.30 0.70 8O 0O
INCHES MIN MAX 0.069 0.004 0.010 0.049 0.057 0.01 0.014 0.019 0.0075 0.0100 0.19 0.20 0.15 0.16 0.050 0.228 0.244 0.041 0.016 0.039 0.024 0.028 0.01 0.01 0.004 0.012 0.028 0O 8O
June 2007 * REV - 3
www.azmicrotek.com 5
AZ10LVEL11 AZ100LVEL11
PACKAGE DIAGRAM TSSOP 8
NOTES: DIMENSIONS D AND E DO NOT 1. INCLUDE MOLD PROTRUSION. MAXIMUM MOLD PROTRUSION 2. FOR D IS 0.15mm. MAXIMUM MOLD PROTRUSION 3. FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp v w y Z
MILLIMETERS MIN MAX 1.10 0.05 0.15 0.80 0.95 0.25 0.25 0.45 0.15 0.28 2.90 3.10 2.90 3.10 0.65 4.70 5.10 0.94 0.40 0.70 0.10 0.10 0.10 0.35 0.70 6O 0O
June 2007 * REV - 3
www.azmicrotek.com 6
AZ10LVEL11 AZ100LVEL11
Arizona Microtek, Inc. reserves the right to change circuitry and specifications at any time without prior notice. Arizona Microtek, Inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Arizona Microtek, Inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Arizona Microtek, Inc. does not convey any license rights nor the rights of others. Arizona Microtek, Inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the Arizona Microtek, Inc. product could create a situation where personal injury or death may occur. Should Buyer purchase or use Arizona Microtek, Inc. products for any such unintended or unauthorized application, Buyer shall indemnify and hold Arizona Microtek, Inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Arizona Microtek, Inc. was negligent regarding the design or manufacture of the part.
June 2007 * REV - 3
www.azmicrotek.com 7


▲Up To Search▲   

 
Price & Availability of AZ10LVEL11T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X