Part Number Hot Search : 
77051 3TRG1 CMZ5379B XC2S50 BR2506 XC2S50 ATMEGA16 R20100
Product Description
Full Text Search
 

To Download AZ10EL32T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARIZONA MICROTEK, INC.
AZ10EL32 AZ100EL32
FEATURES
* * * * * PACKAGE 510ps Propagation Delay 3.0GHz Toggle Frequency High Bandwidth Output Transitions 75k Internal Input Pulldown Resistors Direct Replacement for ON Semiconductor MC10EL32 & MC100EL32
SOIC 8 SOIC 8 SOIC 8 RoHS Compliant / Lead (Pb) Free TSSOP 8 TSSOP 8
1 2
ECL/PECL / 2 Divider
PACKAGE AVAILABILITY PART NUMBER
AZ10EL32D AZ100EL32D AZ100EL32D+ AZ10EL32T AZ100LVEL32T
MARKING
AZM10 EL32 AZM100 EL32 AZM100+ EL32 AZT EL32 AZH EL32
NOTES
1,2 1,2 1,2 1,2 1,2
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts) Tape & Reel. Date code format: "Y" or "YY" for year followed by "WW" for week on underside of part.
DESCRIPTION
The AZ10/100EL32 is an integrated /2 divider. The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flop will attain a random logic state; the reset allows for the synchronization of multiple EL32's in a system. The EL32 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the device. For single-ended input applications, the VBB reference should be connected to one side of the CLK/CLK differential input pair. The input signal is then fed to the other CLK/CLK input. The VBB pin should be used only as a bias for the EL32 as its sink/source capability is limited. When used, the VBB pin should be bypassed to ground via a 0.01F capacitor. NOTE: Specifications in ECL/PECL tables are valid when thermal equilibrium is established. LOGIC DIAGRAM AND PINOUT ASSIGNMENT
RESET 1
8
VCC
PIN DESCRIPTION PIN CLK, CLK RESET VBB Q, Q VCC VEE FUNCTION Clock Inputs Asynchronous Reset Reference Voltage Output Data Outputs Positive Supply Negative Supply
R CLK 2 /2 CLK 3 6 Q 7 Q
VBB
4
5
VEE
1630 S. STAPLEY DR., SUITE 127 * MESA, ARIZONA 85204 * USA * (480) 962-5881 * FAX (480) 890-2541 www.azmicrotek.com
AZ10EL32 AZ100EL32
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol VCC VI VEE VI IOUT TA TSTG Characteristic PECL Power Supply (VEE = 0V) PECL Input Voltage (VEE = 0V) ECL Power Supply (VCC = 0V) ECL Input Voltage (VCC = 0V) Output Current --- Continuous --- Surge Operating Temperature Range Storage Temperature Range Rating 0 to +8.0 0 to +6.0 -8.0 to 0 -6.0 to 0 50 100 -40 to +85 -65 to +150 Unit Vdc Vdc Vdc Vdc mA C C
10K ECL DC Characteristics (VEE = -4.75V to -5.5V, VCC = GND)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. Characteristic
1
Output HIGH Voltage Output LOW Voltage1 Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current 0.5 0.5 Output Reference -1430 -1300 -1380 Voltage Power Supply Current 25 30 Each output is terminated through a 50 resistor to VCC - 2V.
Min -1080 -1950 -1230 -1950
-40C Typ
Max -890 -1650 -890 -1500 150
Min -1020 -1950 -1170 -1950
0C Typ
Max -840 -1630 -840 -1480 150 -1270
Min -980 -1950 -1130 -1950 0.5 -1350
25C Typ
Max -810 -1630 -810 -1480 150 -1250
Min -910 -1950 -1060 -1950 0.5 -1310
85C Typ
Max -720 -1595 -720 -1445 150 -1190
Unit mV mV mV mV A A mV mA
25
30
25
30
25
30
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. 2. Characteristic
1,2
Output HIGH Voltage Output LOW Voltage1,2 Input HIGH Voltage1 Input LOW Voltage1 Input HIGH Current Input LOW Current 0.5 0.5 0.5 Output Reference 3570 3700 3620 3730 3650 Voltage Power Supply Current 25 30 25 30 For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3920 3050 3770 3050
-40C Typ
Max 4110 3350 4110 3500 150
Min 3980 3050 3830 3050
0C Typ
Max 4160 3370 4160 3520 150
Min 4020 3050 3870 3050
25C Typ
Max 4190 3370 4190 3520 150 3750
Min 4090 3050 3940 3050 0.5 3690
85C Typ
Max 4280 3405 4280 3555 150 3810
Unit mV mV mV mV A A mV mA
25
30
25
30
100K ECL DC Characteristics (VEE = -4.2V to -5.5V, VCC = GND)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. Characteristic
1
Output HIGH Voltage Output LOW Voltage1 Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current 0.5 0.5 Output Reference -1380 -1260 -1380 Voltage Power Supply Current 25 30 Each output is terminated through a 50 resistor to VCC - 2V.
Min -1085 -1830 -1165 -1810
-40C Typ -1005 -1695
Max -880 -1555 -880 -1475 150
Min -1025 -1810 -1165 -1810
0C Typ -955 -1705
Max -880 -1620 -880 -1475 150 -1260
Min -1025 -1810 -1165 -1810 0.5 -1380
25C Typ -955 -1705
Max -880 -1620 -880 -1475 150 -1260
Min -1025 -1810 -1165 -1810 0.5 -1380
85C Typ -955 -1705
Max -880 -1620 -880 -1475 150 -1260
Unit mV mV mV mV A A mV mA
25
30
25
30
29
35
November 2006 * REV - 4
www.azmicrotek.com 2
AZ10EL32 AZ100EL32
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. 2. Characteristic
1,2
Output HIGH Voltage Output LOW Voltage1,2 Input HIGH Voltage1 Input LOW Voltage1 Input HIGH Current Input LOW Current 0.5 0.5 0.5 Output Reference 3620 3740 3620 3740 3620 Voltage Power Supply Current 25 30 25 30 For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3915 3170 3835 3190
-40C Typ 3995 3305
Max 4120 3445 4120 3525 150
Min 3975 3190 3835 3190
0C Typ 4045 3295
Max 4120 3380 4120 3525 150
Min 3975 3190 3835 3190
25C Typ 4045 3295
Max 4120 3380 4120 3525 150 3740
Min 3975 3190 3835 3190 0.5 3620
85C Typ 4045 3295
Max 4120 3380 4120 3525 150 3740
Unit mV mV mV mV A A mV mA
25
30
29
35
AC Characteristics (VEE =10E(-4.75V to -5.5V), 100E(-4.2V to -5.5V); VCC =GND or VEE =GND, VCC =10E(+4.75V to +5.5V), 100E(+4.2V to +5.5V))
Symbol fmax tPLH/tPHL VPP (AC) VCMR tr / t f 1. 2. Characteristic Maximum Toggle Frequency Propagation Delay CLK to Q Reset to Q Minimum Input Swing1 Common Mode Range
2
Min 2.2 360 390 150 VCC 2.5
-40C Typ 3.0 500 540
Max
Min 2.6
0C Typ 3.0 500 540
Max
Min 2.6
25C Typ 3.0 510 540
Max
Min 2.6
85C Typ 3.0 540 550
Max
Unit GHz
640 690 VCC 0.4
410 440 150 VCC 2.5
590 640 VCC 0.4
420 440 150 VCC 2.5
600 640 VCC 0.4
450 450 150 VCC 2.5
630 650 VCC 0.4
ps mV V
Output Rise/Fall Times Q 100 350 100 350 100 350 100 350 ps (20% - 80%) VPP is the minimum peak-to-peak differential input swing for which AC parameters are guaranteed. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that the peak-to-peak voltage is less than 1.0V and greater than or equal to VPP(min).
Figure 1: Timing Diagram
D RESET Q
November 2006 * REV - 4
www.azmicrotek.com 3
AZ10EL32 AZ100EL32 PACKAGE DIAGRAM SOIC 8
NOTES: 1. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 2. MAXIMUM MOLD PROTRUSION FOR D IS 0.15mm. 3. MAXIMUM MOLD PROTRUSION FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp Q v w y Z
MILLIMETERS MIN MAX 1.75 0.10 0.25 1.25 1.45 0.25 0.36 0.49 0.19 0.25 4.8 5.0 3.8 4.0 1.27 5.80 6.20 1.05 0.40 1.00 0.60 0.70 0.25 0.25 0.10 0.30 0.70 8O 0O
INCHES MIN MAX 0.069 0.004 0.010 0.049 0.057 0.01 0.014 0.019 0.0075 0.0100 0.19 0.20 0.15 0.16 0.050 0.228 0.244 0.041 0.016 0.039 0.024 0.028 0.01 0.01 0.004 0.012 0.028 0O 8O
November 2006 * REV - 4
www.azmicrotek.com 4
AZ10EL32 AZ100EL32 PACKAGE DIAGRAM TSSOP 8
NOTES: 1. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 2. MAXIMUM MOLD PROTRUSION FOR D IS 0.15mm. 3. MAXIMUM MOLD PROTRUSION FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp v w y Z
MILLIMETERS MIN MAX 1.10 0.05 0.15 0.80 0.95 0.25 0.25 0.45 0.15 0.28 2.90 3.10 2.90 3.10 0.65 4.70 5.10 0.94 0.40 0.70 0.10 0.10 0.10 0.35 0.70 6O 0O
November 2006 * REV - 4
www.azmicrotek.com 5
AZ10EL32 AZ100EL32
Arizona Microtek, Inc. reserves the right to change circuitry and specifications at any time without prior notice. Arizona Microtek, Inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Arizona Microtek, Inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Arizona Microtek, Inc. does not convey any license rights nor the rights of others. Arizona Microtek, Inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the Arizona Microtek, Inc. product could create a situation where personal injury or death may occur. Should Buyer purchase or use Arizona Microtek, Inc. products for any such unintended or unauthorized application, Buyer shall indemnify and hold Arizona Microtek, Inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Arizona Microtek, Inc. was negligent regarding the design or manufacture of the part.
November 2006 * REV - 4
www.azmicrotek.com 6


▲Up To Search▲   

 
Price & Availability of AZ10EL32T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X