Part Number Hot Search : 
16M186 1DQ05 NTXV1 CSP14 100HS EL2CR5 EM316OS LT1057
Product Description
Full Text Search
 

To Download AV4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
@@
AV4403
TO-92 Plastic-Encapsulate Transistors
AV4403
FEATURES Power dissipation PCM : 0.625 Collector current ICM : -0.6 Collector-base voltage V(BR)CBO : -40
TRANSISTORPNP (c) TO 92
W Tamb=25ae(c)
1.EMILTTER
A
2.BASE
V
3. COLLECTOR
Operating and storage junction temperature range T J T stg: -55aeto +150ae
123
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage
unless
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) VCE(sat) VBE(sat)
otherwise
Test
specified(c)
MIN -40 -40 -5 -0.1 -0.1 -0.1 100 300 -0.4 -0.95 V V MAX UNIT V V V |I A |I A |I A
conditions
Ic=-100|I , IE=0 A IC= -1mA , IE=-100|I A, IB=0 IC=0
VCB=-35 V , IE=0 VCE=-35 V , IB=0 VEB=-4V , IC=0
VCE=-2 V, IC=- 150m A IC=-150 mA, IB=-15m A IC= -150 mA, IB=-15m A VCE= -10V, IC= -20mA
Transition frequency
f
T
200
MHz
f = 100MHz
Copyright @vic Electronics Corp.
1
@@ Website http://www.avictek.com
@vic
@@
AV4403
Typical Characteristics
Copyright @vic Electronics Corp.
2
@@ Website http://www.avictek.com
@vic
@@
AV440
3
Typical Characteristics
Copyright @vic Electronics Corp.
3
@@ Website http://www.avictek.com
@vic
@@
AV4403
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
Copyright @vic Electronics Corp.
4
@@
Website http://www.avictek.com
C


▲Up To Search▲   

 
Price & Availability of AV4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X