Part Number Hot Search : 
30KP66A NFSW757D TL081MD BU401 SP708SCU 13001B CYTMA448 TMA54
Product Description
Full Text Search
 

To Download AV100-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Transducer AV 100-2000
For the electronic measurement of voltages : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high voltage) and the secondary circuit (electronic circuit).
VPN = 2000 V
Electrical data
VPN VPmax Primary nominal r.m.s. voltage Primary voltage measuring range Non-measurable overload Primary input resistance Measuring resistance @ VC=11.4V @ VC=22.8V Secondary nominal r.m.s. current Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 min Max Common mode voltage and R.m.s. voltage for partial discharge extinction @ 10pC 2000 V 30001) V 4500 (1s/h) VDC 17.8M RM min RM max 0 47 0 184 50 mA DC 12 .. 24 V 50+IS mA 6.5 kV U HT+ + U HT- 4.2 k VDC UHT+ - U HT- VPMAX 2.2 kV
Features
* Insulated plastic case recognized
according to UL 94-V0
VP
RP RM
* Included primary resistor.
ISN VC IC Vd
Advantages
* * * * * * *
Low power Excellent accuracy Very good linearity Low thermal drift Low response time High bandwidth High immunity to external interference * Low disturbance in common mode.
Ve
Accuracy - Dynamic performance data
XG XG XG Overall Accuracy @ VPN , TA = + 25C Overall Accuracy @ VPN , TA = - 25 .. + 70C Overall Accuracy @ VPN , TA = - 40 .. + 85C Linearity @ TA = 25C Offset current @ VP = 0, TA = 25C Response time @ 10 % of VPN Frequency bandwidth (- 3 dB) 0.7 1.5 1.7 < 0.1 0.15 < 12 DC .. 13 % % % % mA s kHz
Applications
* AC variable speed drives and servo
motor drives
L
IO tr f
* Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies
(UPS)
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standards - 40 .. + 85 C - 50 .. + 90 C 375 g EN 50155 (01.12.02) EN 50124-1 (01.03.01) NFF16101/2 (01.10.88)
* Power supplies for welding
applications .
Note :
1)
Up to 2200 Vpk, 500 ms every 60 minutes & 2600 Vpk, 500 ms,12 times/year. 030805/2
LEM Components
Dimensions AV 100-2000 (in mm. 1 mm = 0.0394 inch)
Front view Left view
HT+
HT+ M -
Secondary terminals
Terminal + : Supply voltage +12 .. 24 V Terminal M : Measure Terminal - : Supply voltage - 12 .. 24V
Connection
AV 100-2000
Top view Mechanical characteristics
* General tolerance * Transducer fastening
1 mm 2 holes 6.5 mm Distance between holes 124mm * Fastening & connection of primary 2 x M5 * Fastening & connection of secondary 3 x M5 or 3 Faston 6.35 x 0.8mm Output connections must be made with screened cables * Recommended fastening torque 2.2 Nm or 1.62 Lb - Ft.
Remarks
* IS is positive when VP is applied on terminal +HT. * This is a standard model. For different versions, please
contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of AV100-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X