Part Number Hot Search : 
30BCA 2764A EM78P468 2SC4507 MC660L 1N5243 W91510 1N4741A
Product Description
Full Text Search
 

To Download ATS616LSGTN-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
The ATS616 gear-tooth sensor is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to low operating speeds. Each sensor module consists of a high-temperature plastic shell that holds together a samarium-cobalt magnet, a pole piece, and a differential open-collector Hall IC that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The gear-sensing technology used for this sensor module is Hall-effect based. The sensor incorporates a dual-element Hall IC that switches in response to differential magnetic signals created by ferrous targets. The sophisticated processing circuitry contains an A-to-D converter that self-calibrates (normalizes) the internal gain of the device to minimize the effect of air-gap variations. The patented peakdetecting filter circuit eliminates magnet and system offsets and has the ability to discriminate relatively fast changes such as those caused by tilt, gear wobble, and eccentricities. This easy-to-integrate solution provides first-tooth detection and stable operation to extremely low rpm. The ATS616 can be used as a replacement for the ATS612LSB, eliminating the external peak-holding capacitor needed by the ATS612LSB. The ATS616 is ideal for use in systems that gather speed, position, and timing information using gear-tooth-based configurations. This device is particularly suited to those applications that require extremely accurate duty cycle control or accurate edge-detection, such as automotive camshaft sensing. TheATS616 is provided in a 4-pin SIP that is Pb (lead) free, with a 100% matte tin plated leadframe.
Package SG, 4-pin SIP
12
34
1. VCC 2. VOUT 3. Test Pin (Tie to GND) 4. GND
Features and Benefits
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..................................... 26.5 V* Reverse-Supply Voltage, VRCC ........................ -18 V Output Off Voltage, VOUTOFF ............................ 24 V Continuous Output Current, IOUT ...................25 mA Reverse-Output Current, IROUT.......................50 mA Operating Temperature Ambient, TA , Range L................ -40C to 150C Maximum Junction, TJ(max)........................165C Storage Temperature, TS .................. -65C to 170C *See Power Derating section. * Self-calibrating for tight timing accuracy * First-tooth detection * Immunity to air gap variation and system offsets * Eliminates effects of signature tooth offsets * Integrated capacitor provides analog peak and valley information * Extremely low timing-accuracy drift with temperature changes * Large air gap capability * Small, integrated package * Optimized magnetic circuit * Undervoltage lockout (UVLO) * Wide operating voltage range
Use the following complete part numbers when ordering:
Part Number ATS616LSGTN-T Package 4-pin plastic SIP Packing* 13-in. reel, 800 pieces/reel
*Contact Allegro for additional packaging and handling options.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
ATS616LSG-DS, Rev. 1
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
Functional Block Diagram
VCC Voltage Regulator Power-On Logic Tooth and Valley Comparator VOUT Hall Amp Gain Track and Hold Reference Generator Hall Amp Current Limit
UVLO
Track and Hold
GND (Recommended)
TEST
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
2
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
OPERATING CHARACTERISTICS over operating voltage and temperature range, unless otherwise noted
Characteristic
ELECTRICAL CHARACTERISTICS Supply Voltage2 Power-On State Undervoltage Lockout Threshold Output On Voltage Supply Zener Clamp Voltage Output Zener Clamp Voltage Supply Zener Current Output Zener Current Output Current Limit Output Leakage Current Supply Current Power-On Time Output Rise Time3 Output Fall Time3 PERFRORMANCE CHARACTERISTICS Operating Air Gap Range Operating Magnetic Flux Density Differential4 Operating Frequency Initial Calibration Cycle5
Symbol
Test Condition
Min.
Typ.1
Max.
Units
VCC POS VCC(UV)
Operating, TJ < 165C VCC = 0 5 V VCC = 0 5 V; VCC = 5 0 V
3.5 - - - 28 30 - - 25 - 3 - - -
- HIGH - 200 - - - - 45 - 6 80 0.3 0.2
24 - 3.5 400 - - 15 3 55 15 12 500 5.0 5.0
V V V mV V V mA mA mA A mA s s s
VOUT(SAT) IOUT = 20 mA VZsupply VZoutput IZsupply IZoutput IOUTM IOUTOFF ICC tPO tr tf ICC = 16 mA, TA = 25C IOUT = 3 mA, TA = 25C VS = 28 V VOUT = 30 V VOUT = 12 V VOUT = 24 V VCC > VCC(min) VCC > 5 V RLOAD = 500 , CS = 10 pF RLOAD = 500 , CS = 10 pF
AG BAG(p-p) ncal ndis E BApp
Operating within specification, Target Speed > 10 rpm Operating within specification, Target Speed > 10 rpm
0.4 60 10
- - - 1 64 0.5 - -
2.5 - 10 000 1 64 0.75 1.5 50
mm G Hz Edge Edge () () G
Output edges before calibration is completed, at fsig < 100 Hz Output falling edges for startup calibration to be complete Target Speed = 1000 rpm, BAG(p-p) > 100 G Target Speed = 1000 rpm, BAG(p-p) > 60 G Output switching only; may not meet data sheet specifications
1 64 - - -
Calibration Mode Disable Relative Timing Accuracy, Sequential Allowable User Induced Differential Offset4
1Typical 2
data is at VCC = 8 V and TA = 25C. Performance may vary for individual units, within the specified maximum and minimum limits. Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section. 3 C is the probe capacitance of the oscilloscope used to make the measurement. S 4 10 G = 1 mT (millitesla), exactly. 5Non-uniform magnetic profiles may require additional edges before calibration is complete.
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
3
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor Reference Target (Gear) Information
REFERENCE TARGET 60+2 Characteristics Outside Diameter Face Width Circular Tooth Length Signature Region Circular Tooth Length Circular Valley Length Tooth Whole Depth Material Symbol Do F t Test Conditions Outside diameter of target Breadth of tooth, with respect to sensor Length of tooth, with respect to sensor; measured at Do Length of signature tooth, with respect to sensor; measured at Do Length of valley, with respect to sensor; measured at Do Low Carbon Steel Typ. 120 6 3 Units mm mm mm Symbol Key
Branded Face of Sensor
tV
ODO
tSIG tv ht
15
mm
3 3 -
mm mm -
Signature Region
Pin 4
Pin 1
Branded Face of Sensor
Reference Target 60+2
Figure 1. Configuration with Radial-Tooth Reference Target
For the generation of adequate magnetic field levels, the following recommendations should be followed in the design and specification of targets: * 2 mm < tooth width, t < 4 mm * Valley width, tv > 2 mm * Valley depth, ht > 2 mm * Tooth thickness, F 3 mm * Target material must be low carbon steel
Although these parameters apply to targets of traditional geometry (radially oriented teeth with radial sensing, shown in figure 1), they also can be applied in applications using stamped targets (an aperture or rim gap punched out of the target material) and axial sensing. For stamped geometries with axial sensing, the valley depth, ht, is intrinsically infinite, so the criteria for tooth width, t, valley width, tv, tooth material thickness, F, and material specification need only be considered for reference. For example, F can now be < 3 mm.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
t,t
F ht
Air Gap
SI G
4
ATS616LSG-DS, Rev. 1
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
Characteristic Data
Supply Current (Off) versus Supply Voltage
Supply Current (On) versus Supply Voltage
9 8 7
9 8 7 6 5 4 3 2 1 0 0 5 10 15 VCC (V) 20 25 30 0 5 10 15 VCC (V) 20 25 30
ICCOFF (mA)
ICCON (mA)
6 5 4 3 2 1 0
TA (C) -40 25 85 150
TA (C) -40 25 85 150
Supply Current (Off) versus Ambient Temperature
Supply Current (On) versus Ambient Temperature
9 8 7
9 8 7
ICCOFF (mA)
6 5 4 3 2 1 0 -50 0 50 TA (C) 100 150 200
ICCON (mA)
VCC (V) 3.5 5.0 12 24
6 5 4 3 2 1 0 -50 0 50 TA (C) 100 150 200
VCC (V) 3.5 5.0 12 24
Output Voltage (On) versus Ambient Temperature
350 300
Output Leakage Current versus Ambient Temperature
1.2 1.0 0.8
VOUT(SAT) (mV)
250 200 150 100 50 0 -50 0 50 TA (C) 100 150 200
20
IOUTOFF (A)
ISINK(mA)
VOUT (V) 10
0.6 0.4 0.2 0 -50 0 50 TA (C) 100 150 200
Continued on the next page.
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
5
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor Characteristic Data (continued)
Relative Timing Accuracy versus Air Gap
Sequential Tooth Falling Edge 1000 rpm 1.5 1.0 1.5 1.0
Relative Timing Accuracy versus Air Gap
Sequential Tooth Rising Edge 1000 rpm
Edge Position ()
Edge Position ()
0.5 0.0 -0.5 -1.0 -1.5
TA (C)
-40 0 25 85 125 150
0.5 0.0 -0.5 -1.0 -1.5
TA (C)
-40 0 25 85 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
AG (mm)
AG (mm)
Relative Timing Accuracy versus Air Gap
Signature Tooth Falling Edge 1000 rpm 1.5 1.0 1.5 1.0
Relative Timing Accuracy versus Air Gap
Signature Tooth Rising Edge 1000 rpm
Edge Position ()
0.5 0.0 -0.5 -1.0 -1.5
Edge Position ()
TA (C)
-40 0 25 85 125 150
TA (C) 0.5 0.0 -0.5 -1.0 -1.5
-40 0 25 85 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
AG (mm)
AG (mm)
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
6
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor Characteristic Data (continued)
Relative Timing Accuracy versus Ambient Temperature
Sequential Tooth Falling Edge 0.5 mm 1.5 1.0
Relative Timing Accuracy versus Ambient Temperature
Signature Tooth Falling Edge 0.5 mm 1.5 1.0
Edge Position ()
0.5 0.0 -0.5 -1.0 -1.5
Edge Position ()
rpm
10 100 500 1000 1500 2000
rpm 0.5 0.0 -0.5 -1.0 -1.5
10 100 500 1000 1500 2000
-50
0
50
100
150
200
-50
0
50
100
150
200
TA (C)
TA (C)
Relative Timing Accuracy versus Ambient Temperature
Sequential Tooth Rising Edge 0.5 mm 1.5 1.0
Relative Timing Accuracy versus Ambient Temperature
Signature Tooth Rising Edge 0.5 mm 1.5 1.0
Edge Position ()
0.5 0.0 -0.5 -1.0 -1.5
-50
Edge Position ()
rpm
10 100 500 1000 1500 2000
rpm 0.5 0.0 -0.5 -1.0 -1.5
10 100 500 1000 1500 2000
0
50
100
150
200
-50
0
50
100
150
200
TA (C)
TA (C)
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
7
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic Package Thermal Resistance Symbol RJA Test Conditions* Single-sided PCB with copper limited to solder pads Two-sided PCB with copper limited to solder pads and 3.57 in.2 (23.03 cm2) of copper area each side, connected to GND pin Value 126 84 Units C/W C/W
*Additional information is available on the Allegro Web site.
25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 20 40
Power Derating Curve TJ(max) = 165C; ICC = ICC(max)
VCC(max)
Maximum Allowable VCC (V)
(RJA = 84 C/W) (RJA = 126 C/W)
VCC(min)
60 80 100 120 140 160 180
Temperature (C)
1900 1800 1700 1600 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 20
Maximum Power Dissipation, PD(max) TJ(max) = 165C; VCC = VCC(max); ICC = ICC(max)
Power Dissipation, PD (m W)
(R
J
A
(R
=
J
84
A
=1
C
26
/W
C
)
/W
)
40
60
80 100 120 Temperature (C)
140
160
180
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
8
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
Functional Description
Assembly Description. The ATS616 gear-tooth sensor is a
Hall IC/magnet configuration that is fully optimized to provide digital detection of gear tooth edges. This sensor is packaged in a molded miniature plastic body that has been optimized for size, ease of assembly, and manufacturability. High operating temperature materials are used in all aspects of construction. After proper power is applied to the component, the sensor is capable of instantly providing digital information that is representative of the profile of a rotating gear. No additional optimization or processing circuitry is required. This ease of use should reduce design time and incremental assembly costs for most applications.
Sensing Technology. The gear tooth sensor module contains a single-chip differential Hall effect sensor IC, a samarium cobalt magnet, and a flat ferrous pole piece (figure 2). The Hall IC consists of 2 Hall elements (spaced 2.2 mm apart) located so as to measure the magnetic gradient created by the passing of a ferrous object. The two elements measure the magnetic gradient and convert it to an analog voltage that is then processed in order to provide a digital output signal.
rejection circuitry. The Hall transducers and signal processing electronics are integrated on the same silicon substrate, using a proprietary BiCMOS process.
Internal Electronics. The processing circuit uses a patented
peak detection scheme to eliminate magnet and system offsets. This technique allows dynamic coupling and filtering of offsets without the power-up and settling time disadvantages of classical high-pass filtering schemes. The peak signal of every tooth and valley is detected by the filter and is used to provide an instant reference for the operate and release point comparator. In this manner, the thresholds are adapted and referenced to individual signal peaks and valleys, providing immunity to zero line variation from installation inaccuracies (tilt, rotation, and off-center placement), as well as for variations caused by target and shaft eccentricities. The peak detection concept also allows extremely low speed operation for small value filter capacitors. The ATS616 also includes self-calibration circuitry that is engaged at power on. The signal amplitude is measured, and then the device gain is normalized. In this manner switchpoint drift versus air gap is minimized, and excellent timing accuracy can be achieved. The AGC (Automatic Gain Control) circuitry, in conjunction with a unique hysteresis circuit, also eliminates the effect of gear edge overshoot as well as increases the immunity to false switching caused by gear tooth anomalies at close air gaps. The
B+ Differential Magnetic Flux BOP BOP BRP BRP B- VCC Device Output VOUT VOUT(sat)
The Hall IC is self-calibrating and also possesses a temperature compensated amplifier and offset cancellation circuitry. Its voltage regulator provides supply noise rejection throughout the operating voltage range. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset
Target (Gear) Element Pitch Hall Element 2 South Pole Hall Element 1 Hall IC Pole Piece (Concentrator) Back-biasing Magnet North Pole (Pin n >1 Side) Case (Pin 1 Side)
0
Dual-Element Hall Effect Device
Figure 2. Relative motion of the target is detected by the dual Hall elements mounted on the Hall IC.
Figure 3. The peaks in the resulting differential signal are used to set the operate, BOP , and release, BRP , switchpoints.
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
9
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
AGC circuit sets the gain of the device after power-on. Up to a 0.25 mm air gap change can occur after calibration is complete without significant performance impact.
Superior Performance. The ATS616 peak-detecting differential
gear-tooth sensor module has several advantages over conventional Hall-effect gear-tooth sensors. The signal-processing techniques used in the ATS616 solve the catastrophic issues that affect the functionality of conventional digital gear-tooth sensors, such as the following: * Temperature drift. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset rejection circuitry. * Timing accuracy variation due to air gap. The accuracy variation caused by air gap changes is minimized by the self-calibration circuitry. A 2x-to-3x improvement can be seen. * Dual edge detection. Because this device switches based on the positive and negative peaks of the signal, dual edge detection is guaranteed. * Tilted or off-center installation. Traditional differential sensors can switch incorrectly due to baseline changes versus air gap caused by tilted or off-center installation. The peak detector circuitry references the switchpoint from the peak and is immune to this failure mode. There may be a timing accuracy shift caused by this condition. * Large operating air gaps. Large operating air gaps are achievable with this device due to the sensitive switchpoints after power-on (dependent on target dimensions, material, and speed). * Immunity to magnetic overshoot. The patented adjustable hysteresis circuit makes the ATS616 immune to switching on magnetic overshoot within the specified air gap range. * Response to surface defects in the target. The gain-adjust circuitry reduces the effect of minor gear anomalies that would normally cause false switching. * Immunity to vibration and backlash. The gain-adjust circuitry keeps the hysteresis of the device roughly proportional to the peak-to-peak signal. This allows the device to have good immunity to vibration even when operating at close air gaps. * Immunity to gear run out. The differential sensor configuration eliminates the baseline variations caused by gear run out.
Differential vs. Single-Element Sensing. The differential
classical single-element gear-tooth sensor. The single-element configuration commonly used (Hall-effect sensor mounted on the face of a simple permanent magnet) requires the detection of a small signal (often <100 G) that is superimposed on a large back-biased field, often 1500 G to 3500 G. For most gear/target configurations, the back-biased field values change due to concentration effects, resulting in a varying baseline with air gap, valley widths, eccentricities, and vibration (figure 4). The differential configuration (figure 5) cancels the effects of the back-biased field and avoids many of the issues presented by the single Hall element design.
Figure 4. Affect of varying valley widths on single-element sensors.
Hall-effect configuration is superior in most applications to the
Figure 4. Affect of varying air gaps on differential sensors.
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
10
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
Peak Detecting vs. AC-Coupled Filters. High-pass filtering
(normal ac coupling) is a commonly used technique for eliminating circuit offsets. However, ac coupling has errors at power-on because the filter circuit needs to hold the circuit zero value even though the circuit may power-on over a large signal. Such filtering techniques can only perform properly after the filter has been allowed to settle, which typically takes longer than 1s. Also, high-pass filter solutions cannot easily track rapidly changing baselines, such as those caused by eccentricities. (The term baseline refers to a 0 G differential field, where each Hall-effect element is subject to the same magnetic field strength; see figure 3.) In contrast, peak detecting designs switch at the change in slope of the differential signal, and so are baseline-independent both at power-on and while running.
Peak Detecting vs. Zero-Crossing Reference. The usual dif-
is below the minimum operating voltage, VCC(UV) , the device is off and stays off, irrespective of the state of the magnetic field. This prevents false signals, which may be caused by undervoltage conditions (especially during power-up), from appearing at the output.
Output. The device output is an open-collector stage capable of
sinking up to 20 mA. An external pull-up (resistor) must be supplied to a supply voltage of not more than 24 V.
Output Polarity. The output of the unit will switch from low to
ferential zero-crossing sensors are susceptible to false switching due to off-center and tilted installations that result in a shift of the baseline that changes with air gap. The track-and-hold peak detection technique ignores baseline shifts versus air gaps and provides increased immunity to false switching. In addition, using track-and-hold peak detection techniques, increased air gap capabilities can be expected because peak detection utilizes the entire peak-to-peak signal range, as compared to zero-crossing detectors, which switch at half the peak-to-peak signal.
Power-On Operation. The device powers-on in the Off state
high as the leading edge of a tooth passes the branded face of the sensor in the direction indicated in figure 6. This means that in such a configuration, the output voltage will be high when the sensor is facing a tooth. If the target rotation is in the opposite direction relative to the sensor, the output polarity will be opposite as well, with the unit switching from low to high as the leading edge passes the unit.
Rotating Target
Branded Face of Sensor
1
4
(output voltage high), irrespective of the magnetic field condition. The power-up time of the circuit is no greater than 500 s. The circuit is then ready to accurately detect the first target edge that results in a high-to-low transition of the device output.
Undervoltage Lockout (UVLO). When the supply voltage, VCC ,
Figure 6. This left-to-right (pin 1 to pin 4) direction of target rotation results in a high output signal when a tooth of the target gear is nearest the branded face of the sensor. A right-to-left (pin 4 to pin 1) rotation inverts the output signal polarity.
Target Mechanical Profile
Signature Tooth B+ BIN
Target Magnetic Profile
Sensor Output Switch State Sensor Output Electrical Profile Target Motion from Pin 1 to Pin 4 Sensor Output Electrical Profile Target Motion from Pin 4 to Pin 1
V+ VOUT
On
Off
On
Off
On
Off
On
Off
On
Off
On Off On Off On Off
V+ VOUT
Figure 7. The magnetic profile reflects the geometry of the target, allowing the device to present an accurate digital output response.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
11
ATS616LSG-DS, Rev. 1
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
Power Derating
The device must be operated below the maximum junction temperature of the device, TJ(max). Under certain combinations of peak conditions, reliable operation may require derating supplied power or improving the heat dissipation properties of the application. This section presents a procedure for correlating factors affecting operating TJ. (Thermal data is also available on the Allegro MicroSystems Web site.) The Package Thermal Resistance, RJA, is a figure of merit summarizing the ability of the application and the device to dissipate heat from the junction (die), through all paths to the ambient air. Its primary component is the Effective Thermal Conductivity, K, of the printed circuit board, including adjacent devices and traces. Radiation from the die through the device case, RJC, is relatively small component of RJA. Ambient air temperature, TA, and air motion are significant external factors, damped by overmolding. The effect of varying power levels (Power Dissipation, PD), can be estimated. The following formulas represent the fundamental relationships used to estimate TJ, at PD. PD = VIN x IIN T = PD x RJA TJ = TA + T (1) (2) (3) A worst-case estimate, PD(max), represents the maximum allowable power level (VCC(max), ICC(max)), without exceeding TJ(max), at a selected RJA and TA.
Example: Reliability for VCC at TA = 150C, package SG, using minimum-K PCB. Observe the worst-case ratings for the device, specifically: RJA = 126C/W, TJ(max) = 165C, VCC(max) = 24 V, and ICC(max) = 12 mA. Calculate the maximum allowable power level, PD(max). First, invert equation 3: Tmax = TJ(max) - TA = 165 C - 150 C = 15 C This provides the allowable increase to TJ resulting from internal power dissipation. Then, invert equation 2: PD(max) = Tmax / RJA = 15C / 126C/W = 119 mW Finally, invert equation 1 with respect to voltage: VCC(est) = PD(max) / ICC(max) = 119 mW / 12 mA = 9.92 V The result indicates that, at TA, the application and device can dissipate adequate amounts of heat at voltages VCC(est). Compare VCC(est) to VCC(max). If VCC(est) VCC(max), then reliable operation between VCC(est) and VCC(max) requires enhanced RJA. If VCC(est) VCC(max), then operation between VCC(est) and VCC(max) is reliable under these conditions. This value applies only to the voltage drop across the ATS616 chip. If a protective series diode or resistor is used, the effective maximum supply voltage is increased. For example, when a standard diode with a 0.7 V drop is used: VCC(max) = 9.9 V + 0.7 V = 10.6 V
For example, given common conditions such as: TA= 25C, VCC = 12 V, ICC = 4 mA, and RJA = 140C/W, then: PD = VCC x ICC = 12 V x 4 mA = 48 mW T = PD x RJA = 48 mW x 140C/W = 7C TJ = TA + T = 25C + 7C = 32C
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
12
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
Sensor Evaluation: EMC (Electromagnetic Compatibility)
Characterization Only Test Name* Reference Specification
ESD - Human Body Model AEC-Q100-002 ESD - Machine Model AEC-Q100-003 Conducted Transients ISO 7637-1 Direct RF Injection ISO 11452-7 Bulk Current Injection ISO 11452-4 TEM Cell ISO 11452-3 *Please contact Allegro MicroSystems for EMC performance
Mechanical Information
Component
Sensor Package Material Leads
aTemperature bIndustry
Material
Thermoset Epoxy Copper
Description
Maximum Temperature
Value
170Ca 0.016 in. thick
excursions of up to 225C for 2 minutes or less are permitted. accepted soldering techniques are acceptable for this package as long as the indicated maximum temperature is not exceeded. Additional soldering information is available on the Allegro Web site.
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
13
ATS616LSG
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor Package SG Module
5.5 .217
.0866 2.2 NOM 8.0 .315
C B
5.8
.228 2.9 .114
E1
E2
4.7
.185
A 1.7 .067 1 2 3 4
0.38 .015
1.08 .043 0.4 .016
20.95 .825
15.3 .602
A
D
0.6 .024 1.27 .050 Preliminary dimensions, for reference only Untoleranced dimensions are nominal. Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only Dimensions exclusive of mold flash, burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown A Dambar removal protrusion
B Metallic protrusion, electrically connected to pin 4 and substrate (both sides) C Active Area Depth D Thermoplastic Molded Lead Bar for alignment during shipment
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use. Copyright (c) 2005 Allegro MicroSystems, Inc.
ATS616LSG-DS, Rev. 1
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
14


▲Up To Search▲   

 
Price & Availability of ATS616LSGTN-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X