Part Number Hot Search : 
TLOH16TP 2J473K UF1003E ZJ24B 00402 AD9050 LW010BK 10M20
Product Description
Full Text Search
 

To Download ATS612JSB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ATS612JSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
1 2 3 4
The ATS612JSB gear-tooth sensor is a peak detecting device that uses automatic gain control to provide extremely accurate gear edge detection down to low operating speeds. Each sensor subassembly consists of a high-temperature plastic shell that holds together a samarium-cobalt magnet, a pole piece, and a differential open-collector Hall IC that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The gear-sensing technology used for this sensor subassembly is Hall-effect based. The sensor incorporates a dual-element Hall IC that switches in response to differential magnetic signals created by ferrous targets. The sophisticated processing circuitry contains a 5-bit A/D converter that self-calibrates (normalizes) the internal gain of the device to minimize the effect of air-gap variations. The patented peak-detecting filter circuit eliminates magnet and system offsets and has the ability to discriminate relatively fast changes such as those caused by tilt, gear wobble, and eccentricities yet provides stable operation to extremely low RPM. These sensor systems are ideal for use in gathering speed, position, and timing information using gear-tooth-based configurations. The ATS612JSB is particularly suited to those applications that require extremely accurate duty cycle control or accurate edge detection similar to crank shaft applications. The lower vibration sensitivity also makes this device extremely useful for transmission speed sensing. ATS612JSB: Large- or small-tooth gear-position sensing -- crank angle, transmission speed, cam angle.
Data Sheet 27627.109
Pin 1 = Supply Pin 2 = Output Pin 3 = Capacitor Pin 4 = Ground
Dwg. AH-006
ABSOLUTE MAXIMUM RATINGS
over operating temperature range
Supply Voltage, VCC ............................... 24 V* Reverse Supply Voltage, VRCC .............. -16 V Output OFF Voltage, VOUT ....................... 24 V Continuous Output Current, IOUT ...... 25 mA Reverse Output Current, IROUT ............ 50 mA Package Power Dissipation, PD .......................................... See Graph Operating Temperature Range, TA ................................. -40C to +115C* Storage Temperature, TS .................. +170C
* Operation at increased supply voltages with external circuitry is described in Applications Information. Devices for operation at increased temperatures are available on special order. Output is current limited at 25 mA to 55 mA. Continued operation in this mode can cause excessive device heating and failure. See graph, next page.
continued next page...
Always order by complete part number: ATS612JSB .
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
s s s s s s s s
Fully Optimized Differential Digital Gear-Tooth Sensor Single-Chip Sensing IC for High Reliability Digital Output Representing Target Profile Extremely Low Timing Accuracy Drift with Temperature Large Operating Air Gaps Small Mechanical Size Optimized Magnetic Circuit Patented Peak-Detecting Filter: 80 s Typical Power-On Time <10 RPM Operation (single-tooth target) Correct First-Edge Detection Uses Small Value Ceramic Capacitors s Under-Voltage Lockout s Wide Operating Voltage Range s Defined Power-On State
ALLOWABLE PACKAGE POWER DISSIPATION IN mW
FEATURES AND BENEFITS
1000
800
600
RJA = 150C/W
400
200
0
20
40
60 80 100 120 140 AMBIENT TEMPERATURE IN C
160
180
Dwg. GH-065-7
FUNCTIONAL BLOCK DIAGRAM
1 SUPPLY
REG
UVLO
REFERENCE GENERATOR
GAIN
POWER-ON LOGIC
OUTPUT 2
X
MAGNET
E1
+ -
TRACK & HOLD
3 CAPACITOR
+ -
CURRENT LIMIT
X
E2
GROUND 4
Dwg. FH-014-1
2
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 2001 Allegro MicroSystems, Inc.
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range, C3 = 0.1 F to 0.47 F.
Characteristic Supply Voltage Power-On State Under-Voltage Lockout Under-Voltage Hysteresis Low Output Voltage Output Current Limit Output Leakage Current Supply Current Symbol VCC POS VCC(UV) VCC(hys) VOUT(SAT) IOUTM IOFF ICC Test Conditions Operating, TJ < 165C VCC = 0 5 V VCC = 0 5 V VCC(UV) - VCC(SD) IOUT = 20 mA VOUT = 12 V VOUT = 24 V Output OFF Output ON Power-On Delay Output Rise Time Output Fall Time ton tr tf VCC > 5 V RL = 500 , CL = 10 pF RL = 500 , CL = 10 pF Min. 3.6 HIGH 2.5 - - 25 - 6.0 8.0 - - - Limits Typ. Max. - HIGH - 0.2 190 45 0.2 8.2 10 80 0.2 0.2 24 HIGH 3.6 - 400 55 15 13 15 500 5.0 5.0 Units V - V V mV mA A mA mA s s s
NOTES: Typical data is at VCC = 8 V and TA = +25C and is for design information only. VCC(SD) = shutdown voltage, VCC = 5 V 0.
www.allegromicro.com
3
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
OPERATION over operating voltage and temperature range with reference target (unless otherwise specified).
Characteristic Air Gap Range Calibration Cycle Calibration Mode Disable Timing Accuracy Symbol AG ncal ndis t Test Conditions Operating, Target Speed > 20 RPM Output edges before which calibration is completed* Output falling edges for startup calibration to be complete Target Speed = 1000 RPM, 0.4 mm AG 2 mm Min. 0.4 1 64 - Limits Typ. Max. - 1 64 0.5 2.5 1 64 0.75 Units mm Edge Edges
* Non-uniform magnetic profiles may require additional output pulses before calibration is completed.
REFERENCE TARGET
Do = 120 mm
TARGET
F (THICKNESS) 3 mm
T=
3m m
E1
E2
AIR GAP
SENSOR POLE PIECE SOUTH SIGNATURE TOOTH (1)
PERMANENT MAGNET
NORTH
1
2
3
4
Dwg. MH-016-2 mm
4
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
h t =5
3 m m
mm
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
TYPICAL ELECTRICAL CHARACTERISTICS
14
13
12
12
11
SUPPLY CURRENT IN mA
10
SUPPLY CURRENT IN mA
OUTPUT ON
11
OUTPUT ON
10
9.0
V =8V CC
9.0
8.0 OUTPUT OFF
8.0
OUTPUT OFF
7.0
7.0 T = 25C A
6.0
6.0
4.0 -40
5.0
0
40
80
120
160
200
2.0
6.0
10
14
18
AMBIENT TEMPERATURE IN C
Dwg. GH-014-2
SUPPLY VOLTAGE IN VOLTS
Dwg. GH-058-1
275
OUTPUT SATURATION VOLTAGE IN mV
250
I = 20 mA OUT
225
200
175
150 -40
0
40
80
120
160
200
AMBIENT TEMPERATURE IN C
Dwg. GH-013-2
www.allegromicro.com
5
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
TYPICAL OPERATING CHARACTERISTICS (with reference target)
2.0 1000 RPM TRAILING TARGET EDGE
2.0 1000 RPM LEADING TARGET EDGE
RELATIVE ACCURACY IN DEGREES
1.6
RELATIVE ACCURACY IN DEGREES
-40C +25C +150C
1.6
-40C +25C +150C
1.2
1.2
0.8
0.8
0.4
0.4
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Dwg. GH-008-7
0 0 0.5 1.0 1.5 2.0 2.5 3.0
Dwg. GH-008-8
AIR GAP IN MILLIMETERS
AIR GAP IN MILLIMETERS
2.0 SIGNATURE TOOTH 10 RPM TRAILING TARGET EDGE
2.0 SIGNATURE TOOTH 10 RPM LEADING TARGET EDGE
RELATIVE ACCURACY IN DEGREES
RELATIVE ACCURACY IN DEGREES
1.6
-40C +25C +150C
1.6
-40C +25C +150C
1.2
1.2
0.8
0.8
0.4
0.4
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Dwg. GH-008-6
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Dwg. GH-008-5
AIR GAP IN MILLIMETERS
AIR GAP IN MILLIMETERS
6
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
TYPICAL OPERATING CHARACTERISTICS (with reference target) -- Continued
1.0 PERIODIC TOOTH 1000 RPM TRAILING TARGET EDGE
2.0 PERIODIC TOOTH 1000 RPM LEADING TARGET EDGE
RELATIVE ACCURACY IN DEGREES
RELATIVE ACCURACY IN DEGREES
0.8
-40C +25C +150C
1.6
-40C +25C +150C
0.6
1.2
0.4
0.8
0.2
0.4
0
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Dwg. GH-008-10
0
0.5
1.0
1.5
2.0
2.5
3.0
Dwg. GH-008-9
AIR GAP IN MILLIMETERS
AIR GAP IN MILLIMETERS
4.5
4.5
4.0
4.0
MAXIMUM AIR GAP IN MILLIMETERS
MAXIMUM AIR GAP IN MILLIMETERS
3.5
3.5
3.0
3.0
2.5 -40C +25C +150C
2.5
2.0
2.0
-40C +25C +150C
1.5
1.5
1.0 0 10 20 30 40 50 60 70
Dwg. GH-011-4
1.0 0 500 1000 1500 2000 2500
Dwg. GH-011-3
REFERENCE TARGET SPEED IN RPM
REFERENCE TARGET SPEED IN RPM
www.allegromicro.com
7
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
DEVICE DESCRIPTION
The ATS612JSB gear-tooth sensor system is a Hall IC/magnet configuration that is fully optimized to provide digital detection of gear-tooth edges in a small package size. This device contains self-calibrating circuitry that nulls out the effect of air gap variations on the switching accuracy of the device. A high startup hysteresis minimizes false switching caused by magnetic overshoot. The sensor is packaged in a miniature plastic housing that has been optimized for size, ease of assembly, and manufacturability. High operating temperature materials are used in all aspects of construction. The use of this sensor is simple; after correct power is applied to the component, it is capable of instantly providing digital information that is representative of the profile of a rotating gear. No additional optimization or processing circuitry is required. This ease of use should reduce design time and incremental assembly costs for most applications. Sensing Technology. This gear-tooth sensor subassembly contains a single-chip differential Hall-effect sensor IC, a samarium-cobalt magnet, and a flat ferrous pole piece. The Hall IC consists of two Hall elements located so as to measure the magnetic gradient created by the passing of a ferrous object (a gear). The two elements measure the field gradient and convert it to voltage which is then subtracted and processed in order to provide a digital output signal. The processing circuit uses a patented peak detection scheme to eliminate magnet and system offsets. This technique allows dynamic coupling and filtering of offsets without the power-up and settling time disadvantages of classical high-pass filtering schemes. The peak signal of every tooth and valley is detected by the filter and is used to provide an instant reference for the operate and release point comparator. In this manner, the thresholds are adapted and referenced to individual signal peaks and valleys, hence providing immunity to zero line variation due to installation inaccuracies (tilt, rotation, and off center placement), as well as for variations caused by target and shaft eccentricities. The peak detection concept also allows extremely low speed operation for small value filter capacitors.
OPERATE
DIFFERENTIAL MAGNETIC FLUX
OPERATE
0
RELEASE
RELEASE
V BB
OUTPUT
V OUT(SAT)
Dwg. WH-011
The ATS612JSB also includes self-calibration circuitry that is engaged at power on. The signal amplitude is measured and the device gain is normalized. In this manner, switch-point drift versus air gap is minimized and excellent timing accuracy can be achieved. The AGC circuitry, in conjunction with a unique hysteresis circuit, also eliminates the effect of gear edge overshoot as well as increases the immunity to false switching caused by gear tooth anomalies at close air gap. The AGC circuit sets the gain of the device after power on. Up to 0.25 mm air gap change can occur after calibration is complete without significant performance impact. Superior Performance. The ATS612JSB peak-detecting differential gear-tooth sensor subassembly has several advantages over conventional Hall-effect gear-tooth sensors. The signal-processing techniques used in the ATS612JSB peak-detecting differential gear-tooth sensor solve the catastrophic issues that affect the functionality of conventional digital gear-tooth sensors. * Temperature drift. Changes in temperature do not greatly affect this device due to the stable amplifier design and the offset rejection circuitry. * Timing accuracy variation due to air gap. The accuracy variation caused by air gap changes is minimized by the self calibration circuitry. A 2x-to-3x improvement can be seen. * Dual edge detection. Because this device switches from the positive and negative peaks of the signal, dual edge detection is guaranteed.
8
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
DEVICE DESCRIPTION -- Continued
* Tilted or off-center installation. Traditional differential sensors will switch incorrectly due to baseline changes versus air gap caused by tilted or off center installation. The peak detector circuitry references the switch point from the peak and is immune to this failure mode. There may be a timing accuracy shift caused by this condition. Large operating air gaps. Operating air gaps greater than 2.5 mm are easily achievable (dependent on target dimensions, material, and speed) with this device due to the sensitive switch points after start up. Immunity to magnetic overshoot. The air gapdependent hysteresis minimizes the impact of overshoot on the switching of device output. Response to surface defects in the target. The gainadjust circuitry reduces the effect of minor gear anomalies that would normally cause false switching. Immunity to vibration and backlash. The gain-adjust circuitry keeps the hysteresis of the device roughly proportional to the peak to peak signal. This allows the device to have good immunity to vibration even when operating at close air gaps. Immunity to gear run out. The differential sensor configuration eliminates the base line variations caused by gear run out.
TARGET
SINGLE ELEMENT MAGNETIC FIELD IN GAUSS
T
A
= 25C
-2000
-2500
AIR GAP = 2.5 mm
*
-3000 -3500 -4000
AIR GAP = 2.0 mm AIR GAP = 1.5 mm AIR GAP = 1.0 mm
*
AIR GAP = 0.5 mm
-4500 -5000 0 10 20 30 40 50 60
*
ANGLE OF TARGET ROTATION IN DEGREES
*
Single-element flux maps showing the impact of varying valley widths
Dwg. GH-061-1
*
TARGET
DIFFERENTIAL MAGNETIC FIELD IN GAUSS
T
A
= 25C
Differential vs. Single-Element Sensing. The differential Hall-element configuration is superior in most applications to the classical single-element gear-tooth sensor. As shown in the flux maps on the next page, the single-element configuration commonly used (Hall-effect sensor mounted on the face of a simple permanent magnet) requires the detection of a small signal (often <100G) that is superimposed on a large back-biased field, often 1500G to 3500G. For most gear/target configurations, the back-biased field values change due to concentration effects, resulting in a varying baseline with air gap, with valley widths, with eccentricities, and with vibration. The differential configuration cancels the effects of the back-biased field and avoids many of the issues presented by the single Hall element. NOTE -- 10 G = 1 mT, exactly.
1500
AIR GAP = 0.5 mm
1000
AIR GAP = 1.0 mm
500 0 -500
AIR GAP = 2.5 mm AIR GAP = 2.0 mm AIR GAP = 1.5 mm
-1000 -1500 0 10 20 30 40 50 60
ANGLE OF TARGET ROTATION IN DEGREES
Dwg. GH-061
Differential flux maps vs. air gaps
www.allegromicro.com
9
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
DEVICE DESCRIPTION -- Continued
Peak-Detecting vs. AC-Coupled Filters. High-pass filtering (normal ac coupling) is a commonly used technique for eliminating circuit offsets. AC coupling has errors at power on because the filter circuit needs to hold the circuit zero value even though the circuit may power on over a large signal. Such filter techniques can only perform properly after the filter has been allowed to settle, which is typically greater than one second. Also, high-pass filter solutions cannot easily track rapidly changing baselines such as those caused by eccentricities. Peak detection switches on the change in slope of the signal and is baseline independent at power up and during running. Peak Detecting vs. Zero-Crossing Reference. The usual differential zero-crossing sensors are susceptible to false switching due to off-center and tilted installations, which result in a shift in baseline that changes with air gap. The track-and-hold peak-detection technique ignores baseline shifts versus air gaps and provides increased immunity to false switching. In addition, using track-and-hold peak-detecting techniques, increased air gap capabilities can be expected because a peak detector utilizes the entire peak-to-peak signal range as compared to zero-crossing detectors that switch on one-half the peak-to-peak signal. NOTE -- "Baseline" refers to the zero-gauss differential where each Hall-effect element is subject to the same magnetic field strength. Power-On Operation. The device will power on in the OFF state (output high) irrespective of the magnetic field condition. The power-up time of the circuit is no greater than 500 s. The circuit is then ready to accurately detect the first target edge that results in a HIGH-to-LOW transition. Under-Voltage Lockout. When the supply voltage is below the minimum operating voltage (VCC(UV)), the device is OFF and stays OFF irrespective of the state of the magnetic field. This prevents false signals, which may be caused by under-voltage conditions (especially during turn on), from appearing at the output. Output. The device output is an open-collector stage capable of sinking up to 20mA. An external pull-up (resistor) to a supply voltage of not more than 24V must be supplied.
10
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
CRITERIA FOR DEVICE QUALIFICATION
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To become qualified, except for the destructive ESD tests, no failures are permitted. Test Method and Test Conditions JESD22-A101, TA = 85C, RH = 85% JESD22-A108, TA = 150C, TJ = 165C JESD22-A108, TA = 175C, TJ = 190C JESD22-A102, TA = 121C, 15 psig JESD22-A103, TA = 170C JESD22-A104 CDF-AEC-Q100-002 Samples Per Lot 77 77 77 77 77 77 3 per test -55C to +150C Test to failure Pin 3 > 1.5 kV All other pins > 3 kV
Qualification Test Temperature Humidity Bias Life Bias Life (Surge Operating Life) Autoclave, Unbiased High-Temperature (Bake) Storage Life Temperature Cycle ESD, Human Body Model
Test Length 1000 hrs 1000 hrs 168 hrs 96 hrs 1000 hrs 1000 cycles Pre/Post Reading
Comments Device biased for minimum power
GEAR/TARGET SYSTEM EVALUATION*
An analog map of the magnetic signal can be obtained by measuring the voltage at pin 3 (the capacitor pin) while the device is running. The peak and valley hold voltage will represent the peak-to-peak value of the signal. More accurate measurements can be taken by connecting an extremely small capacitor (0.05 F) from pin 3 to ground. After the device is powered up and has switched at least 64 times, a 1 k bleed-off resistor should be installed in parallel with the capacitor without powering down the device. If the gear is then rotated at an extremely low speed, an analog representation of the gainadjusted signal can be measured at pin 3. Note that the device should be re-powered at each air gap and the above procedure repeated for accurate measurements. In both cases, the analog signal may be compared to the typical hysteresis of the device and device performance can be estimated.
* In application, the terms "gear" and "target" are often interchanged. However, "gear" is preferred when motion is transferred.
www.allegromicro.com
11
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
APPLICATIONS INFORMATION
Recommended Evaluation Technique. The selfcalibrating feature of the ATS612JSB requires that a special evaluation technique be used to measure its highaccuracy performance capabilities. Installation inaccuracies are calibrated out at power on only; hence, it is extremely important that the device be re-powered at each air gap when gathering timing accuracy data. Self-Calibrating Functions. The ATS612JSB is designed to minimize performance variation caused by the large air gap variations resulting from installation by self-calibrating at power-on. This function should be tested using the following procedure. 1. Set the air gap to the desired value. 2. Power down and then power on the device. 3. Rotate the target at the desired speed. 4. Wait for calibration to complete (64 output pulses to occur). 5. Monitor output for correct switching and measure accuracy. 6. Repeat the above for multiple air gaps within the operating range of the device. 7. This can be repeated over the entire operating temperature range. Measurement of the effect of changing air gap after power on: 1. Set the air gap to the desired value (nominal, for example). Rotate the target at the desired speed. Apply power to the subassembly. Wait for 64 output pulses to occur. Monitor output for correct switching and measure accuracy. 2. Change the air gap by 0.25 mm. Do not re-power subassembly. Monitor the output for correct switching and measure accuracy. Gear Diameter and Pitch. Signal frequency is a direct function of gear pitch and rotational speed (RPM). The width of the magnetic signal in degrees and, hence, the signal slope created by the tooth is directly proportional to the circumference of the gear (Do). Smaller diameters limit the low-speed operation due to the slower rate of change of the magnetic signal per degree of gear rotation (here the limitation is the droop of the capacitor versus the signal change). Larger diameters limit high-speed operation due to the higher rate of change of magnetic signal per degree of rotation (here the limitation is the maximum charge rate of the capacitor versus the rate of signal change). These devices are optimized for a 50mm gear diameter (signal not limited by tooth width), 0.22 F capacitor, and speeds of 10 RPM to 8000 RPM. For very large diameter gears (diameter >200 mm), the devices must be configured with a lower value capacitor, but not less than 0.1 F. This allows for a range of 5:1 in gear diameters. Air Gap and Tooth Geometry. Operating specifications are impacted by tooth width (T), valley width (pc - T) and depth (ht), gear material, and gear face thickness (F). The target can be a gear or a specially cut shaft-mounted tone wheel made of stamped ferrous metal. In general, the following gear or target guidelines must be followed to achieve greater than 2mm air gap from the face of unit: Tooth width, T .............................. >2 mm Valley width, pc - T ...................... >2 mm (Whole) depth, ht ......................... >3 mm Gear material ............................... low-carbon steel Gear face width (thickness), F ..... >3 mm Deviation from these guidelines will result in a reduction of air gap and a deterioration in timing accuracy.
12
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
APPLICATIONS INFORMATION -- Continued
Operation with Fine-Pitch gears. For targets with a circular pitch of less than 4mm, a performance improvement can be observed by rotating the front face of the sensor subassembly. This sensor rotation decreases the effective sensor-to-sensor spacing and increases the capability of detecting fine tooth or valley configurations, provided that the Hall elements are not rotated beyond the width of the target.
2.235 COS (mm) 0.088 COS (inch)
1 to pin 4), the output of the device will switch from LOW to HIGH as the leading edge of the target passes the subassembly, which means that the output will be HIGH when the unit is facing a tooth.
1 2 3 4
2.235 mm 0.088"
TARGET FACE WIDTH, F >2.235 SIN (mm) >0.088 SIN (inch)
A
Signal Timing Accuracy. The magnetic field profile width is defined by the sensor element spacing and narrows in degrees as the target diameter increases. This results in improved timing accuracy performance for larger gear diameters (for the same number of gear teeth). Valley-to-tooth transistions will generally provide better accuracy than tooth-to-valley transitions for large-tooth or large-valley configurations. For highest accuracy, targets greater than 100mm in diameter should be used. Signal Duty Cycle. For repetitive target structures, precise duty cycle is maintained over the operating air gap and temperature range due to an extremely good symmetry in the magnetic switch points and the internal self calibration of the device. For irregular tooth geometries, there will be a small but measureable change in pulse width versus air gap. Output Polarity. The output of the device will switch from HIGH to LOW as the leading edge of the target passes the subassembly in the direction indicated below (pin 4 to pin 1), which means that the output will be LOW when the unit is facing a tooth. If rotation is in the opposite direction (pin
A
Dwg. MH-018-1
Dwg. AH-006-1
Power Supply Protection. The sensor contains an onchip voltage regulator and can operate over a wide supply voltage range. For devices that need to operate from an unregulated power supply, transient protection should be added externally. For applications using a regulated supply, external EMI/RFI protection is often required. Insufficient protection can result in unexplained pulses on the output line, providing inaccurate sensing information to the user. The filter capacitor and EMI protection circuitry can easily be added to a PC board for use with these devices. Provisions have been made for simple mounting of a board on the back of the unit.
4 3 2 1
Dwg. AH-007
www.allegromicro.com
13
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
APPLICATIONS INFORMATION -- Continued
Operation From a Regulated Power Supply. These devices require minimal protection circuitry during operation from a low-voltage regulated line. The on-chip voltage regulator provides immunity to power supply variations between 3.6V and 24V. However, even while operating from a regulated line, some supply and output filtering is required to provide immunity to coupled and injected noise on the supply line. A basic RC low-pass circuit (R1C1) on the supply line and an optional output capacitor (C2) is recommended for operation in noisy environments. Because the device has an open-collector output, an output pull-up resistor (RL) must be included either at the sensor output (pin 2) or by the signal processor input.
SUPPLY RL OUTPUT C2 100 pF
sufficiently high reverse breakdown capabilities so as to withstand the most negative transient. The current-limiting resistor (RZ) and the Zener diode should be sized for power dissipation requirements.
SUPPLY RL OUTPUT C2 100 pF
2.5 k RZ 0.033 F CS 6.8 V
20 R1
C1 0.033 F
0.22 F C3
1
2
3
4
Vcc
X
20 R1 C1 0.033 F 0.22 F C3
X
+ -
1
2
3
4
Dwg. EH-008A
Vcc
X
X
+ -
Dwg. EH-008-1A
Capacitor Requirements. The choice of the capacitor at pin 3 (C3) defines the minimum operating speed of the target. This capacitor (0.1 F minimum) is required to stabilize the internal amplifiers as well as to eliminate the signal offsets. Typically, a 0.22 F low-leakage ceramic capacitor is recommended. Values greater than 0.47 F should not be used as this may cause high-speed performance degradation. Capacitor leakage current at pin 3 will cause degradation in the low-speed performance of the device. Excess capacitor leakage can result in the sensor changing output state without movement of the gear tooth being sensed. In addition to the capacitor leakage, it is extremely important to minimize the leakage at the PC board and between the pins of the sensor. Up to 50nA of external leakage can be tolerated at the capacitor pin node to ground. Choice of low-leakage-current potting compounds and the use of clean PC board techniques are extremely important. Additional applications Information on gear-tooth and other Hall-effect sensors is provided in the Allegro Electronic Data Book AMS-702 or Application Note 27701.
Operation From an Unregulated Power Supply. In automotive applications, where the device receives its power from an unregulated supply such as the battery, full protection is generally required so that the device can withstand the many supply-side transients. Specifications for such transients vary between car manufacturers, and protection-circuit design should be optimized for each application. In the circuit below, a simple Zener-controlled regulator is constructed using discrete components. The RC low-pass filter on the supply line (R1C1) and a lowvalue supply bypass capacitor (CS) can be included, if necessary, so as to minimize susceptibility to EMI/RFI. The npn transistor should be chosen with sufficiently high forward breakdown voltage so as to withstand supply-side transients. The series diode should be chosen with
14
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
MECHANICAL INFORMATION
Component Sensor Face Plastic Housing Material Thermoset epoxy Thermoplastic PBT, 30% glass filled -- Copper 90/10 tin/lead solder plate -- Function Maximum temperature 264 psi deflection temp. (DTUL) 66 psi deflection temp. (DTUL) Approximate melting temperature -- -- -- -- Units 170C* 204C 216C 225C UL94V-0 -- 8N
Flame Class Rating Leads Lead Finish Lead Pull
*Temperature excursions to 225 C for 2 minutes or less are permitted. All industry-accepted soldering techniques are permitted for these subassemblies provided the indicated maximum temperature for each component (e.g., sensor face, plastic housing) is not exceeded. Reasonable dwell times, which do not cause melting of the plastic housing, should be used.
Sensor Location (in millimeters) (sensor location relative to package center is the design objective)
2.235 1.1
Lead Cross Section (in millimeters)
0.48 0.36 0.41
NOM.
0.1
0.44 0.35 0.38
NOM.
A
Dwg. MH-018 mm
0.0076 MIN. PLATING THICKNESS
Dwg. MH-019A mm
A
www.allegromicro.com
15
ATS612JSB DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
DIMENSIONS IN MILLIMETERS
1.27
TYP
8.8 7.0 3 4 0.41
7.0
1 0.38
2
3.9 3.0 NOM
0.9 DIA
A
8.09 2.0 8.96
Dwg. MH-017-1B mm
Tolerances, unless otherwise specified: 1 place 0.1 mm, 2 places 0.05 mm.
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support appliances, devices, or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringements of patents or other rights of third parties that may result from its use.
16
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of ATS612JSB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X