Part Number Hot Search : 
MIC94031 9C512 ES5CB BAV70TC VSYTSF FAN8200 XC3064A BR102
Product Description
Full Text Search
 

To Download ATH15T05-9SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 15Amps
ATH15
Total Power: Input Voltages: No. of Outputs:
66W 3.3V, 5V, 12V Single
Electrical Specs
Input
3.0 - 3.6V 4.5 - 5.5V 10.8 - 13.2V Under Voltage Lockout with hysterisis Efficiency up to 95% Input Range
Output
Overall Regulation Noise/Ripple Remote sense Transient Response 1% of Vo Typ 30mV Typ (2.5Vo and below) 1% Vo Typ (Vo > 2.5V) Up to 300mV max 100mV typical for 3.3Vo for 50% to 100% IO,MAX step change 70us recovery time (Co = 330uF) 175% IO,MAX typical (autorecovery)
Special Features
* * * * * * * * * * * Point-of-Load Alliance product Open frame TH or SMT termination Auto-TrackTM Sequencing Margin Up/Down Controls Remote sense compensation Output Voltage Adjust (Resistor Programming) Under Voltage Lockout Pre-Biased start-up2 Output On/Off Inhibit -40C to +85C Ambient Air Operation Non Isolated module
Over Current Protection
Control
Inhibit Control Negative Logic (OPEN = Normal Operation) (GROUND = Function Active) See output range on page 2 5% VO,NOM (See Note 5)
Output Voltage Adjust Output Margin Output Auto-TrackTM
Environmental
Ambient air operating temperature range: -40C to +85C Storage temperature: -40C to +125C Demonstrated MTBF: 2.9M Hrs Specifications subject to change without notice
Safety
UL, cUL 60950 Recognition EN 60950 through TUV or VDE (Pending)
2
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698
EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355
ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Fwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426
Ordering Information
Input Voltage 3.0V to 3.6V 4.5V to 5.5V 10.8V to 13.2V Output Voltage 0.8V to 2.5V 0.8V to 3.6V 1.2V to 5.5V Output3 Current 15A 15A 12A Efficiency4 Model Number
93% 95% 94%
ATH15T033 - 9(S)(J) ATH15T05 - 9(S)(J) ATH12K12 - 9(S)(J)
OPTIONS: "-9J" - Output Trim, TH termination, Tray Packaging "-9SJ" - Output Trim, SMT termination, Tray Packaging "-9S" - Output Trim, SMT Ternination, T&R packaging
Pin Assignments
Single Output GND Vin Inhibit Vo Adjust Vo Sense Vout GND Track Margin Down Margin Up : : : : : : : : : : PINS 1 2 3 4 5 6 7 8 9 10
Notes: 1. Nominal values apply with sense pins connected to +Vout and Ground Return with other control pins unconnected. 2. Pre-Bias startup capability exists for 3.3Vin and 5Vin devices. 3. Output derating applies at elevated ambient temperature. 4. Typical efficiency taken at 10A load, 2.5V output (3.3Vin device); 10A load, 3.3V output (5Vin device); 8A load, 5V output (12Vin device). 5. Consult the technical reference notes when available. 6. Mechanical Dimensions are nominal values. 7. Auto-TrackTM is a trademark of Texas Instruments. 8. Specification subject to change without notice.
* Astec reserves the right to make changes to the information contained herein without notice and assumes no liability as a result of its use or application. (REV03: OCTOBER 21, 2004)
Through-hole and SMT Outline [in (mm)]
www.astecpower.com
3


▲Up To Search▲   

 
Price & Availability of ATH15T05-9SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X