Part Number Hot Search : 
SMAJ530 A63L7336 2SK2360 CHP222PT STRFNFCA 10116 HER303 STRFNFCA
Product Description
Full Text Search
 

To Download ATFS40-CI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Designed to Store Configurator Programs for Field Programmable System Level * * * * * * * *
Integrated Circuits (FPSLICs) In-System Programmable (ISP) via 2-wire Bus Spare Memory Available for System Parameters Storage Low-power CMOS EEPROM Process Available in 6 mm x 6 mm x 1 mm 8-lead LAP Package (Pin Compatible Across Product Family) Emulation of Atmel's AT24CXXX Serial EEPROMs Available in 3.3V 10% LV Low-power Standby Mode High-reliability - Endurance: 100,000 Write Cycles - Data Retention: 90 Years for Industrial Parts (at 85C) and 190 Years for Commercial Parts (at 70C)
Support Device ATFS05 ATFS10 ATFS40 Advance Information
Description
The FPSLIC Support Devices provide an easy-to-use, cost-effective configuration memory for programming Field Programmable System Level Integrated Circuits by using a simple serial-access procedure to configure one or more FPSLIC devices. See Table 1 for a list of supported FPSLIC devices. The FPSLIC Support Device can be programmed with industry-standard programmers, Atmel's ATDH2200E Programming Kit or Atmel's ATDH2225 ISP Cable. Table 1. ATFS FPSLIC Support Devices
FPSLIC Device AT94K05 AT94K10 AT94K40 FPSLIC Support Device ATFS05 ATFS10 ATFS40 Configuration Data 226520 Bits 430488 Bits 815382 Bits Spare Memory 35624 Bits 93800 Bits 233194 Bits
Pin Configurations
8-lead LAP
DATA CLK RESET/OE CE
1 2 3 4
8 7 6 5
VCC SER_EN CEO (A2) GND
Rev. 3017C-FPSLI-07/02
1
Block Diagram
SER_EN
PROGRAMMING MODE LOGIC
PROGRAMMING DATA SHIFT REGISTER
ROW ADDRESS COUNTER ROW DECODER
EEPROM CELL MATRIX
POWER ON RESET
BIT COUNTER TC
COLUMN DECODER
CLK
RESET/OE
CE
CEO(A2)
DATA
Device Description
The control signals for the FPSLIC Support Device (CE, RESET/OE and CCLK) interface directly with the FPSLIC control signals. All FPSLIC devices can control the entire configuration process and retrieve data from the FPSLIC Support Device without requiring an external intelligent controller. The RESET/OE and CE pins control the tri-state buffer on the DATA output pin and enable the address counter. When RESET/OE is driven Low, the configuration EEPROM resets its address counter and tri-states its DATA pin. The CE pin also controls the output of the FPSLIC Support Device. If CE is held High after the RESET/OE reset pulse, the counter is disabled and the DATA output pin is tri-stated. When OE is subsequently driven High, the counter and the DATA output pin are enabled. When RESET/OE is driven Low again, the address counter is reset and the DATA output pin is tri-stated, regardless of the state of CE. When the FPSLIC Support Device has driven out all of its data and CEO is driven Low, the device tri-states the DATA pin to avoid contention with other FPSLIC Support Devices. Upon power-up, the address counter is automatically reset.
2
ATFS05/10/40
3017C-FPSLI-07/02
ATFS05/10/40
Pin Description
8 LAP Pin 1 2 3 Name DATA CLK RESET/OE I/O I/O I I Description Tri-state DATA output for configuration. Open-collector bi-directional pin for programming. Clock input. Used to increment the internal address and bit counter for reading and programming. Output Enable (active High) and RESET (active Low) when SER_EN is High. A Low level on RESET/OE resets both the address and bit counters. A High level (with CE Low) enables the data output driver. Chip Enable input (active Low). A Low level (with OE High) allows DCLK to increment the address counter and enables the data output driver. A High level on CE disables both the address and bit counters and forces the device into a low-power standby mode. Note that this pin will not enable/disable the device in the 2-wire Serial Programming mode ( SER_EN Low). Ground pin. A 0.2 F decoupling capacitor between VCC and GND is recommended. I I Device selection input, A2. This is used to enable (or select) the device during programming (i.e., when SER_EN is Low). A2 has an internal pull-down resistor. Serial enable must be held High during FPSLIC loading operations. Bringing SER_EN Low enables the 2-wire Serial Programming Mode. For non-ISP applications, SER_EN should be tied to VCC. +3.3V power supply pin
4
CE
I
5 6 7
GND A2 SER_EN
8
VCC
3
3017C-FPSLI-07/02
FPSLIC Master Serial Mode Summary
The I/O and logic functions of the FPSLIC devices are established by a configuration program. The program is loaded either automatically upon power-up, or on command, depending on the state of the mode pins. In Master Mode, the FPSLIC automatically loads the configuration program from an external memory. The FPSLIC Support Device has been designed for compatibility with the Master Mode. Most connections between the FPSLIC device and the FPSLIC Support Device are simple and self-explanatory: * * * The DATA output of the FPSLIC Support Device drives DIN of the FPSLIC devices. The master FPSLIC CCLK output drives the CLK input of the FPSLIC Support Device. SER_EN must be connected to VCC (except during ISP).
Control of Configuration
Programming Mode
The programming mode is entered by bringing SER_EN Low. In this mode the chip can be programmed by the 2-wire serial bus. The programming is done at VCC supply only. Programming super voltages are generated inside the chip. The FPSLIC Support Device enters a low-power standby mode whenever CE is asserted High. In this mode, the ATFS05 consumes less than 50 A of current at 3.3V. The output remains in a high-impedance state regardless of the state of the OE input.
Standby Mode
4
ATFS05/10/40
3017C-FPSLI-07/02
ATFS05/10/40
Example Circuits
Figure 1. FPSLIC Support Device for Programming FPSLIC Devices
AT94K RESET RESET DATA0 CCLK CON INIT
FPSLIC Support Device DATA CLK CE RESET/OE SER_EN
VCC
M2 M1 M0
GND
The FPSLIC's bi-directional CON pin drives the CE input of the FPSLIC Support Device, while the RESET/OE input is driven by the FPSLIC's bi-directional INIT pin. This connection works under all normal circumstances, even when the user aborts the configuration before CON has gone High. A Low level on the RESET/OE input, during FPSLIC reset, clears the FPSLIC Support Device's internal address pointer so that the reconfiguration starts at the beginning. The spare memory can be accessed by in-system programming the ATFS through a two-wire serial interface built in the FPSLIC device. For more information, refer to the "C Code for Interfacing the FPSLIC AVR Core to AT17 Series Configuration Memories" application note, available on the Atmel web site (www.atmel.com). Figure 2. In-System Programming of FPSLIC Support Devices
VCC VCC
4.7 k9 4.7 k9
DATA 1 CLK 3
5 7 9
2 4 6 8 10
VCC
GND
AT94K RESET RESET DATA0 CCLK CON INIT
FPSLIC Support Device DATA CLK CE RESET/OE SER_EN SER_EN
M2 M1 M0
GND
5
3017C-FPSLI-07/02
Absolute Maximum Ratings*
Operating Temperature.................................. -55C to +125 C Storage Temperature ..................................... -65 C to +150C Voltage on Any Pin with Respect to Ground ..............................-0.1V to VCC +0.5V Supply Voltage (VCC ) .........................................-0.5V to +7.0V Maximum Soldering Temp. (10 sec. @ 1/16 in.)............. 260C ESD (RZAP = 1.5K, CZAP = 100 pF)................................. 2000V *NOTICE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those listed under operating conditions is not implied. Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device reliability.
Operating Conditions
ATFS05/10/40 Symbol Description Commercial VCC Industrial Supply voltage relative to GND -0C to +70C Supply voltage relative to GND -40C to +85C Min 3.0 3.0 Max 3.6 3.6 Units V V
6
ATFS05/10/40
3017C-FPSLI-07/02
ATFS05/10/40
DC Characteristics - ATFS05
VCC = 3.3V 10%
Symbol VIH VIL VOH VOL VOH VOL ICCA IL ICCS Description High-level Input Voltage Low-level Input Voltage High-level Output Voltage (IOH = -2.5 mA) Low-level Output Voltage (IOL = +3 mA) High-level Output Voltage (IOH = -2 mA) Low-level Output Voltage (IOL = +3 mA) Supply Current, Active Mode Input or Output Leakage Current (VIN = VCC or GND) Commercial Supply Current, Standby Mode Industrial 100 A -10 2.4 Industrial 0.4 5 10 50 V mA A A Commercial 0.4 V V Min 2.0 0 2.4 Max VCC 0.8 Units V V V
DC Characteristics - ATFS10/40
VCC = 3.3V 10%
Symbol VIH VIL VOH VOL VOH VOL ICCA IL ICCS Description High-level Input Voltage Low-level Input Voltage High-level Output Voltage (IOH = -2.5 mA) Low-level Output Voltage (IOL = +3 mA) High-level Output Voltage (IOH = -2 mA) Low-level Output Voltage (IOL = +3 mA) Supply Current, Active Mode Input or Output Leakage Current (VIN = VCC or GND) Commercial Supply Current, Standby Mode Industrial 100 A -10 2.4 Industrial 0.4 5 10 100 V mA A A Commercial 0.4 V V Min 2.0 0.0 2.4 Max VCC 0.8 Units V V V
7
3017C-FPSLI-07/02
AC Characteristics
CE TSCE RESET/OE TLC CLK TOE TCE DATA TOH TCAC TOH TDF THC THOE TSCE THCE
AC Characteristics When Cascading
RESET/OE
CE
CLK TCDF DATA LAST BIT TOCK CEO TOCE TOCE TOOE FIRST BIT
8
ATFS05/10/40
3017C-FPSLI-07/02
ATFS05/10/40
AC Characteristics for ATFS05
VCC = 3.3V 10%
Commercial Symbol TOE(1) TCE(1) TCAC TOH TDF(2) TLC THC TSCE THCE THOE FMAX Notes:
(1)
Industrial Min Max 55 60 80 0 Units ns ns ns ns 55 25 25 60 0 25 10 ns ns ns ns ns ns MHz
Description OE to Data Delay CE to Data Delay CLK to Data Delay Data Hold from CE, OE, or CLK CE or OE to Data Float Delay CLK Low Time CLK High Time CE Setup Time to CLK (to guarantee proper counting) CE Hold Time from CLK (to guarantee proper counting) OE High Time (guarantees counter is reset) Maximum Input Clock Frequency
Min
Max 50 60 75
0 55 25 25 35 0 25 10
1. AC test lead = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured 200 mV from steady-state active levels.
AC Characteristics for ATFS05 when Cascading
VCC = 3.3V 10%
Commercial Symbol TCDF Note:
(1)
Industrial Min Max 60 8 Units ns MHz
Description CLK to Data Float Delay Maximum Input Clock Frequency
Min
Max 60
FMAX
8
1. Float delays are measured with 5 pF AC loads. Transition is measured 200 mV from steady state active levels.
9
3017C-FPSLI-07/02
AC Characteristics for ATFS10/40
VCC = 3.3V 10%
Commercial Symbol TOE(1) TCE(1) TCAC TOH TDF(2) TLC THC TSCE THCE THOE FMAX Notes:
(1)
Industrial Min Max 55 60 60 0 Units ns ns ns ns 50 25 25 35 0 25 10 ns ns ns ns ns ns MHz
Description OE to Data Delay CE to Data Delay CLK to Data Delay Data Hold From CE, OE, or CLK CE or OE to Data Float Delay CLK Low Time CLK High Time CE Setup Time to CLK (to guarantee proper counting) CE Hold Time from CLK (to guarantee proper counting) OE High Time (guarantees counter is reset) MAX Input Clock Frequency
Min
Max 50 55 55
0 50 25 25 30 0 25 15
1. AC test load = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured 200 mV from steady state active levels.
AC Characteristics for ATFS10/40 when Cascading
VCC = 3.3V 10%
Commercial Symbol TCDF (1) FMAX Note: Description CLK to Data Float Delay MAX Input Clock Frequency 12.5 Min Max 50 10 Min Industrial Max 50 Units ns MHz
1. Float delays are measured with 5 pF AC loads. Transition is measured 200 mV from steady state active levels.
10
ATFS05/10/40
3017C-FPSLI-07/02
ATFS05/10/40
Thermal Resistance Coefficients(1)
JA [C/W] Airflow = 0 ft/min 115.71 135.71
Device ATFS05 ATFS10/40 Note:
Package Type Leadless Array Package (LAP) Leadless Array Package (LAP) 8CN4 8CN4
JC [C/W] 45 45
1. For more information refer to the "Thermal Characteristics of Atmel's Packages" application note, available on the Atmel web site.
11
3017C-FPSLI-07/02
Ordering Information
Ordering Code
Package 8CN4 8CN4 8CN4 8CN4 8CN4 8CN4
Operation Range Commercial (0C to 70C) Industrial (-40C to 85C)
ATFS05-CC ATFS10-CC ATFS40-CC ATFS05-CI ATFS10-CI ATFS40-CI
Package Type 8CN4 8-lead (6 x 6 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP)
12
ATFS05/10/40
3017C-FPSLI-07/02
ATFS05/10/40
Packaging Information
8CN4 - LAP
Marked Pin1 Indentifier
E
D
A A1
Top View
0.10 mm TYP
Side View
L1
Pin1 Corner
8
1
e
7 2
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 0.94 0.30 0.45 5.89 4.89 NOM 1.04 0.34 0.50 5.99 5.99 1.27 BSC 1.10 REF 0.95 1.25 1.00 1.30 1.05 1.35 1 1 MAX 1.14 0.38 0.55 6.09 6.09 1 NOTE
6
3
A
b
5 4
A1 b D E
e1
L
e e1 L L1
Bottom View
Note: 1. Metal Pad Dimensions.
11/14/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 8CN4, 8-lead (6 x 6 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP) DRAWING NO. 8CN4 REV. A
R
13
3017C-FPSLI-07/02
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
Atmel Programmable SLI Hotline
(408) 436-4119
e-mail
literature@atmel.com
Atmel Programmable SLI e-mail
configurator@atmel.com
Web Site
http://www.atmel.com
FAQ
Available on web site
(c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
Atmel(R) is the registered trademark of Atmel. FLEXTM is the trademark of Altera Corporation; ORCA TM is the trademark of Lucent Technologies, Inc.; SPARTAN TM and VirtexTM are the trademarks of Xilinx, Inc.; APEX TM is the trademark of MIPS Technologies; Other terms and product names may be the trademarks of others. Printed on recycled paper.
3017C-FPSLI-07/02 xM


▲Up To Search▲   

 
Price & Availability of ATFS40-CI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X