Part Number Hot Search : 
245DW CX24171 218500P G1200 KA78TXX SU169 5KP70A 01M18
Product Description
Full Text Search
 

To Download AT90SC6464C-USB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* High-performance, Low-power AVR(R) (AVR3 Core) Enhanced RISC Architecture
- 133 Powerful Instructions (Most Executed in a Single Clock Cycle) Low-power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: - ISO Mode: 2.7V to 5.5V; PC Industry Compliant - USB Mode: 3.6V to 5.5V; Compliant with USB Specification V1.1 * Available in Wafers, Modules and Industry-standard Packages
* * * *
Secure Microcontroller
AT90SC6464C-USB Summary
Memory
* 64K Bytes of EEPROM, Including 64-byte OTP Area and 64-byte Bit-addressable Area
- 1 to 128-byte Program/Erase - 2 ms Program, 2 ms Erase - Typically More than 500,000 Write/Erase Cycles - 10 Years Data Retention * 64K Bytes of Flash Program Memory - 128-byte Page Programming - Minimum 10,000 Write/Erase Cycles - 10 Years Data Retention * 3K Bytes of RAM
Peripherals
* Two I/O Ports (Configurable to Support Communication Protocols Including ISO 7816-3
and 2-wire Interfaces)
* USB Interface (4 Endpoints)
- USB V1.1 Full-speed (12 Mbps) Certified, Suspend/Resume Modes Supported - 3 Configurable Endpoints in Addition to Endpoint EP0 - 2 Endpoints with Double-buffering Capability (Ping-pong Mode) - Dynamic Pull-up Attachment DMA Controller Automatic USB/ISO Interface Detection Circuitry Two 16-bit Timers Random Number Generator (FIPS 140-1) 2-level, 8-vector Interrupt Controller Hardware DES and Triple DES DPA Resistant Checksum Accelerator Crypto-coprocessor - Pre-programmed Functions for Cryptography and Authentication Including RSA, DSA, Key Generation, ECC
* * * * * * * *
Security
* * * * *
Dedicated Hardware for Protection Against SPA/DPA Attacks Advanced Protection Against Physical Attack Environmental Protection Systems Voltage and Frequency Monitors Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
* Hardware Development Support on Voyager Emulation Platform (ATV1)
Rev. 1559BS-8/02
Note: This is a summary document. A complete document is available under NDA. For more information, please contact your local Atmel sales office.
1
Description
The AT90SC6464C-USB is a low-power, high-performance, 8-bit microcontroller, based on the new AVR3 enhanced RISC architecture, featuring Flash program memory, EEPROM data memory and a 16-bit crypto-coprocessor dedicated to performing fast encryption and authentication functions. The new AVR3 core allows linear addressing of up to 8M bytes of code and up to 16M bytes of data, and provides a number of new functional and security features. This new core executes powerful instructions in a single clock cycle, and allows the AT90SC6464C-USB to achieve throughputs close to 1 MIPS per MHz. The Harvard architecture includes 32 generalpurpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC6464C-USB includes 128K bytes of Atmel's high density, nonvolatile memory. The on-chip downloadable Flash allows the program memory to be reprogrammed in-system. This technology combined with the versatile 8-bit CPU on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications. Additional security features include power and frequency protection logic, logical scrambling on program data and addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode.
Pin Configuration
The AT90SC6464C-USB pinout conforms to the ISO 7816-2 and USB Full-speed V1.1 Interface specifications (the USB interface requires the addition of an external 4 MHz clock signal or 4 MHz crystal). A second I/O port is also provided,.
ISO 7816-2 Interface GND VCC (VBUS) IN/OUT0 (CLKEN) IN/OUT1 CLK RST USBDM USBDP XIN XOUT Note: Ground (reference voltage) Power supply input I/O for serial data Second I/O for serial data Clock signal input to internal clock operating circuit Reset signal input (a low state stops the AVR core) - - - - USB Interface with External Clock Ground (reference voltage) Power supply input (bus-powered device) Active low signal to disable/enable the clock signal source Second I/O for serial data Clock signal input to internal clock operating circuit (4 MHz) Reset signal input (a low state stops the AVR core) USB D- differential data USB D+ differential data - - USB Interface with Crystal Ground (reference voltage) Power supply input (bus-powered device) I/O for serial data Second I/O for serial data - Reset signal input (a low state stops the AVR core) USB D- differential data USB D+ differential data Crystal signal input to drive internal clock operating circuit Crystal signal output to drive internal clock operating circuit
By convention RST corresponds to RST in the ISO Interface protocol. RST in all cases, however, remains active low.
Architectural Overview
The AT90SC6464C-USB is based on the AVR (core #3) enhanced RISC architecture (see Figure 1). The fast-access register file contains 32 x 8-bit general-purpose working registers, each of which can be accessed in a single clock cycle. Furthermore, the high-performance ALU (Arithmetic Logic Unit) operates directly on the 32 generalpurpose working registers. This allows the processor to execute a complete ALU operation in a single clock cycle--two operands are output from the register file, the operation is executed, and the result is stored back in the register file, all in the same clock cycle. The ALU operations are divided into three main categories: arithmetic, logical and bit-functions.
2
AT90SC6464C-USB
1559BS-8/02
AT90SC6464C-USB
Six of the 32 general-purpose registers can be used as three 16-bit indirect address register pointers X, Y, and Z, for addressing data space and allowing efficient address calculations. As the AT90SC6464C-USB has more than 64K bytes of data space to address, registers RAMPX, RAMPY and RAMPZ are concatenated with the X, Y and Z registers respectively for indirect addressing. RAMPD is concatenated with a part of the instruction word to enable direct addressing of 16M bytes of data (using LDS or STS). EIND is concatenated with register Z to enable extended indirect jumps and calls on 4M words of code (using EIJMP or EICALL). Figure 1. The AT90SC6464C-USB AVR Enhanced RISC Architecture
Data Bus 8-bit OTP EEPROM User Memory FLASH Program Memory 16 Instruction Register 16 ALU Instruction Decoder 16 Control Lines Status Register 8 ISO 7816 I/O Port 0 ISO 7816 I/O Port 1 Timer 0 Timer 1 DES DPA Counter measures Checksum Accelerator
IN/OUT0 (CLKEN)
USB Module
USBDM USBDP CLK
Access Control
RNG Secure Control CryptoCoprocessor
GND VCC (VBUS) XIN XOUT
PC
General Purpose Registers X
Y Z
ROM
Access Control 8
RAM Data Memory Interrupt Unit
8
IN/OUT1
Reset Circuit
RST
The ALU performs arithmetic and logical operations on the contents of single registers, pairs of registers and between registers and constant values. Conventional memory addressing modes can be used to access the register file, as these registers are assigned to the 32 lowermost data space addresses. The I/O memory space contains 64 addresses for CPU peripheral functions such as control registers, timer/counters, internal and external interrupts, serial pins, and other I/O functions. The I/O memory space can be accessed directly, or as data space locations. One hundred and sixty additional peripherals registers are available. The AVR3 core uses a Harvard architecture, with separate address spaces for program memory and data memory. Different addresses are used by the same memory block if used for program or data. The FLASH program memory is accessed with single level pipelining; while one instruction is being executed, the next instruction is pre-fetched from the program memory. This mechanism allows each instruction to be executed in a single clock cycle. The EEPROM includes 64 bytes of bit-addressable memory and 64 bytes of OTP (One Time Programmable) memory. The 22-bit Program Counter (PC) on AT90SC6464C-USB can address 4M words (8M bytes) of program memory. Most AVR instructions have a single 16-bit word format. Every program memory address contains a 16-bit or 32-bit instruction. The 3K bytes of data RAM can be accessed easily through the five different addressing modes supported in the AVR architecture.
3
1559BS-8/02
A flexible interrupt controller has its control registers in the I/O space with an additional global interrupt enable bit in the status register. Each of the interrupts has a separate interrupt vector in the interrupt vector table at the beginning of the program memory. The different interrupts are prioritized according to their programmed priority level. When two interrupts with the same priority are detected at the same time, the interrupt with the lower source number is serviced first.
USB Module Functional Description
USB Hardware Block
The USB interface consists of a Serial Interface Engine (SIE) and a Universal Function Interface (UFI). The SIE performs clock/data separation, NRZI encoding and decoding, bit stuffing, CRC generation and checking, and serial-parallel data conversion. The UFI connects the USB interface to the AVR. It consists of a protocol engine and provides four configurable data transfer endpoints, each with its own DPRAM in the memory area. The data transfer type for each endpoint is configured by software. The table below indicates the size of each endpoint.
Endpoint number EP0 EP1 (Ping-pong) EP2 (Ping-pong) EP3 Note: Size (in bytes) 8 64 64 64 Recommended data transfer type CONTROL (mandatory) BULK IN BULK OUT BULK, INTERRUPT, CONTROL, ISOCHRONOUS
Ping-pong (double-buffering) mode is a special proprietary feature, transparent to the user, that allows software to read data from one bank while the hardware fills another bank, thereby saving processing and transaction time.
The bus controller manages the device addresses, monitors the status of the transaction, manages the DPRAMs and communicates with the AVR through a set of status and control registers, the UFI registers.
USB Software Block
The function controller must be implemented in the firmware of the microcontroller. This software must comply with Chapter 9 of the USB specifications V1.1. Enumerating and executing functions should be done using USB interrupts (polling is possible but is more complicated to manage).
(c) Atmel Corporation 2001. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. Corporate Headquarters, 2325 Orchard Parkway, San Jose, CA 95131, TEL (408) 441-0311, FAX (408) 487-2600 Atmel Colorado Springs, 1150 E. Cheyenne Mtn. Blvd., Colorado Springs, CO 80906, TEL (719) 576-3300, FAX (719) 540-1759 Atmel Grenoble, Avenue de Rochepleine, BP 123, 38521 Saint-Egreve Cedex, France, TEL (33) 4-7658-3000, FAX (33) 4-7658-3480 Atmel Heilbronn, Theresienstrasse 2, POB 3535, D-74025 Heilbronn, Germany, TEL (49) 71 31 67 25 94, FAX (49) 71 31 67 24 23 Atmel Nantes, La Chantrerie, BP 70602, 44306 Nantes Cedex 3, France, TEL (33) 0 2 40 18 18 18, FAX (33) 0 2 40 18 19 60 Atmel Rousset, Zone Industrielle, 13106 Rousset Cedex, France, TEL (33) 4-4253-6000, FAX (33) 4-4253-6001 Atmel Smart Card ICs, Scottish Enterprise Technology Park, East Kilbride, Scotland G75 0QR, TEL (44) 1355-357-000, FAX (44) 1355-242-743
ATMEL (R) and AVR (R) are the registered trademarks of Atmel Corporation. Other terms and product names may be the trademark of others. Printed on recycled paper.
1559BS-8/02


▲Up To Search▲   

 
Price & Availability of AT90SC6464C-USB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X