Part Number Hot Search : 
SMDA03C TS01ARE A618ERU VR203 SKY65119 74LV541U RS1JB N1053
Product Description
Full Text Search
 

To Download AT866LTS36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ANSALDO
Ansaldo Trasporti s.p.a. Unita' Semiconduttori
Via N. Lorenzi 8 - I 16152 GENOVA - ITALY Tel. int. +39/(0)10 6556549 - (0)10 6556488 Fax Int. +39/(0)10 6442510 Tx 270318 ANSUSE I -
PHASE CONTROL THYRISTOR
AT866LT
Repetitive voltage up to Mean on-state current Surge current 3600 V 2375 A 29.1 kA
FINAL SPECIFICATION
apr 97 - ISSUE : 01
Symbol
Characteristic
Conditions
Tj [C]
125 125 125
Value
Unit
BLOCKING
V V V I I
RRM RSM DRM RRM DRM
Repetitive peak reverse voltage Non-repetitive peak reverse voltage Repetitive peak off-state voltage Repetitive peak reverse current Repetitive peak off-state current V=VRRM V=VDRM
3600 3700 3600 250 250
V V V mA mA
125 125
CONDUCTING
I I I V V r
T (AV) T (AV) TSM
Mean on-state current Mean on-state current Surge on-state current I t On-state voltage Threshold voltage On-state slope resistance
180 sin, 50 Hz, Th=55C, double side cooled 180 sin, 50 Hz, Tc=85C, double side cooled sine wave, 10 ms without reverse voltage On-state current = 2000 A 25 125 125 125
2375 1935 29.1 4234 x1E3 1.85 1.2 0.325
A A kA As V V mohm
I t
T T(TO) T
SWITCHING
di/dt dv/dt td tq Q rr I rr I I
H L
Critical rate of rise of on-state current, min. Critical rate of rise of off-state voltage, min. Gate controlled delay time, typical Circuit commutated turn-off time, typical Reverse recovery charge Peak reverse recovery current Holding current, typical Latching current, typical
From 75% VDRM up to 2400 A, gate 40V 5ohm Linear ramp up to 70% of VDRM VD=100V, gate source 40V, 10 ohm , tr=.5 s dV/dt = 20 V/s linear up to 75% VDRM di/dt=-20 A/s, I= 1570 A VR= 50 V VD=5V, gate open circuit VD=12V, tp=30s
125 125 25 125 25 25
200 1000 3 400
A/s V/s s s C A
300 1000
mA mA
GATE
V I V V I V P P
GT GT GD FGM FGM RGM GM G
Gate trigger voltage Gate trigger current Non-trigger gate voltage, min. Peak gate voltage (forward) Peak gate current Peak gate voltage (reverse) Peak gate power dissipation Average gate power dissipation
VD=12V VD=12V VD=VDRM
25 25 125
3.5 400 0.25 30 10 5
V mA V V A V W W
Pulse width 100 s
150 2
MOUNTING
R R T F
th(j-h) th(c-h) j
Thermal impedance, DC Thermal impedance Operating junction temperature Mounting force Mass ORDERING INFORMATION : AT866LT S 36 standard specification
Junction to heatsink, double side cooled Case to heatsink, double side cooled
9.5 2 -30 / 125 40.0 / 50.0 1150
C/kW C/kW C kN g
VDRM&VRRM/100
AT866LT PHASE CONTROL THYRISTOR
FINAL SPECIFICATION apr 97 - ISSUE : 01
ANSALDO
DISSIPATION CHARACTERISTICS SQUARE WAVE
Th [C] 130 120 110 100 90
30
80
60
70
90 120 180 DC
60 50 0 500 1000 1500 2000 2500 3000 3500 IF(AV) [A]
PF(AV) [W] 8000 7000
180 DC
6000 5000
60
120 90
4000
30
3000 2000 1000 0 0 500 1000 1500 2000 2500 3000 3500 IF(AV) [A]
AT866LT PHASE CONTROL THYRISTOR
FINAL SPECIFICATION apr 97 - ISSUE : 01
ANSALDO
DISSIPATION CHARACTERISTICS SINE WAVE
Th [C] 130 120 110 100 90
30
80
60
70
90
60 50 0 500 1000 1500
120
180
2000
2500
3000
3500
IF(AV) [A]
PF(AV) [W] 8000 7000 6000 5000
30 90 60 120 180
4000 3000 2000 1000 0 0 500 1000 1500 2000 2500 3000 3500 IF(AV) [A]
AT866LT PHASE CONTROL THYRISTOR
FINAL SPECIFICATION apr 97 - ISSUE : 01
ANSALDO
ON-STATE CHARACTERISTIC Tj = 125 C
SURGE CHARACTERISTIC Tj = 125 C
7000 6000
30
25 On-state Current [A] 5000 20 ITSM [kA] 0.6 1.1 1.6 2.1 2.6 3.1 3.6 4000 3000 2000 1000 0 On-state Voltage [V]
15
10
5
0 1 10 n cycles 100
TRANSIENT THERMAL IMPEDANCE DOUBLE SIDE COOLED
10.0 9.0 8.0 7.0 Zth j-h [C/kW] 6.0 5.0 4.0 3.0 2.0 1.0 0.0 0.001 0.01 0.1 t[s] 1 10 100 Cathode terminal type DIN 46244 - A 4.8 - 0.8 Gate terminal type AMP 60598 - 1 Distributed by All the characteristics given in this data sheet are guaranteed only with uniform clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 m. In the interest of product improvement ANSALDO reserves the right to change any data given in this data sheet at any time without previous notice. If not stated otherwise the maximum value of ratings (simbols over shaded background) and characteristics is reported.


▲Up To Search▲   

 
Price & Availability of AT866LTS36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X