Part Number Hot Search : 
CXD2424R T37127 41060 D5SB60 XOV576 SMBJ4 FBR1030 L31480F
Product Description
Full Text Search
 

To Download AT49F8011T-90TI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* 4.5V to 5.5V Read/Write * Access Time - 70 ns * Sector Erase Architecture
- Fourteen 32K Word (64K Byte) Sectors with Individual Write Lockout - Two 16K Word (32K Byte) Sectors with Individual Write Lockout - Two 8K Word (16K Byte) Sectors with Individual Write Lockout - Four 4K Word (8K Byte) Sectors with Individual Write Lockout Fast Word Program Time - 10 s Fast Sector Erase Time - 200 ms Dual Plane Organization, Permitting Concurrent Read while Program/Erase - Memory Plane A: Four 4K Word, Two 8K Word and Two 16K Word Sectors - Memory Plane B: Fourteen 32K Word Sectors Erase Suspend Capability - Supports Reading/Programming Data from Any Sector by Suspending Erase of Any Different Sector Low-power Operation - 40 mA Active - 10 A Standby Data Polling, Toggle Bit, Ready/Busy for End of Program Detection RESET Input for Device Initialization Sector Program Unlock Command TSOP and CBGA Package Options Top or Bottom Boot Block Configuration Available
* * * * * * * * * *
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory AT49F8011 AT49F8011T
Not Recommended for New Designs
Description
The AT49F8011(T) is a 5.0 volt 8-megabit Flash memory organized as 524,288 words of 16 bits each or 1,048,576 bytes of 8 bits each. The x16 data appears on I/O0 I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided into 22 sectors for erase operations. The device is offered in 48-pin TSOP and 48-ball CBGA packages. The device has CE, and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single 5.0V power supply, making it ideally suited for in-system programming.
Pin Configurations
Pin Name A0 - A18 CE OE WE RESET RDY/BUSY I/O0 - I/O14 I/O15 (A-1) BYTE NC DC Function Addresses Chip Enable Output Enable Write Enable Reset READY/BUSY Output Data Inputs/Outputs I/O15 (Data Input/Output, Word Mode) A-1 (LSB Address Input, Byte Mode) Selects Byte or Word Mode No Connect Don't Connect
1264D-FLASH-5/03
1
TSOP Top View Type 1
A15 A14 A13 A12 A11 A10 A9 A8 NC NC WE RESET NC NC RDY/BUSY A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 A16 BYTE GND I/O15/A-1 I/O7 I/O14 I/O6 I/O13 I/O5 I/O12 I/O4 VCC I/O11 I/O3 I/O10 I/O2 I/O9 I/O1 I/O8 I/O0 OE GND CE A0
CBGA Top View
1 A
A3 A7 RDY/BUSY WE A17 A6 A5 I/O0 I/O8 I/O9 I/O1 NC A18 NC I/O2 I/O10 I/O11 I/O3 RESET NC NC I/O5 I/O12 VCC I/O4 A9 A8 A10 A11 I/O7 I/O14 I/O13 I/O6 A13 A12 A14 A15 A16 BYTE I/O15 /A-1 VSS
2
3
4
5
6
B
A4
C
A2
D
A1
E
A0
F
CE
G
OE
H
VSS
The device powers on in the read mode. Command sequences are used to place the device in other operation modes such as program and erase. The device has the capability to protect the data in any sector. Once the data protection for a given sector is enabled, the data in that sector cannot be changed using input levels between ground and VCC. The device is segmented into two memory planes. Reads from memory plane B may be performed even while program or erase functions are being executed in memory plane A and vice versa. This operation allows improved system performance by not requiring the system to wait for a program or erase operation to complete before a read is performed. To further increase the flexibility of the device, it contains an Erase Suspend feature. This feature will put the Erase on hold for any amount of time and let the user read data from or program data to any of the remaining sectors within the same memory plane. There is no reason to suspend the erase operation if the data to be read is in the other memory plane. The end of a program or an Erase cycle is detected by the Ready/Busy pin, Data polling, or by the toggle bit. A six byte command (bypass unlock) sequence to remove the requirement of entering the three byte program sequence is offered to further improve programming time. After entering the six byte code, only single pulses on the write control lines are required for writing into the device. This mode (single pulse byte/word program) is exited by powering down the device, or by pulsing the RESET pin low for a minimum of 50ns and then bringing it back to VCC. Erase and Erase Suspend/Resume commands will not work while in this mode; if entered they will result in data being programmed into the device. It is not recommended that the six byte code reside in the software of the final product but only exist in external programming code. The BYTE pin controls whether the device data I/O pins operate in the byte or word configuration. If the BYTE pin is set at logic "1", the device is in word configuration, I/O0-I/O15 are active and controlled by CE and OE. If the BYTE pin is set at logic "0", the device is in byte configuration, and only data I/O pins I/O0-I/O7 are active and controlled by CE and OE. The data I/O pins I/O8-I/O14 are tri-stated, and the I/O15 pin is used as an input for the LSB (A-1) address function.
2
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
Block Diagram
I/O0 - I/O15/A-1
OUTPUT BUFFER
INPUT BUFFER
OUTPUT MULTIPLEXER
A0 - A18
INPUT BUFFER
DATA REGISTER
IDENTIFIER REGISTER
STATUS REGISTER
COMMAND REGISTER
ADDRESS LATCH DATA COMPARATOR
CE WE OE RESET BYTE
RDY/BUSY WRITE STATE MACHINE
Y-DECODER
Y-GATING
PROGRAM/ERASE VOLTAGE SWITCH
VCC GND X-DECODER
PLANE B SECTORS
PLANE A SECTORS
Device Operation
READ: The AT49F8011(T) is accessed like an EPROM. When CE and OE are low and WE is high, the data stored at the memory location determined by the address pins are asserted on the outputs. The outputs are put in the high impedance state whenever CE or OE is high. This dual-line control gives designers flexibility in preventing bus contention. COMMAND SEQUENCES: When the device is first powered on it will be reset to the read or standby mode depending upon the state of the control line inputs. In order to perform other device functions, a series of command sequences are entered into the device. The command sequences are shown in the Command Definitions table (I/O8 - I/O15 are don't care inputs for the command codes). The command sequences are written by applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Standard microprocessor write timings are used. The address locations used in the command sequences are not affected by entering the command sequences. RESET: A RESET input pin is provided to ease some system applications. When RESET is at a logic high level, the device is in its standard operating mode. A low level on the RESET input halts the present device operation and puts the outputs of the device in a high impedance state. When a high level is reasserted on the RESET pin, the device returns to the Read or Standby mode, depending upon the state of the control inputs. By applying a 12V 0.5V input signal to the RESET pin any sector can be reprogrammed even if the sector lockout feature has been enabled (see Sector Programming Lockout Override section).
3
1264D-FLASH-5/03
ERASURE: Before a byte/word can be reprogrammed, it must be erased. The erased state of memory bits is a logical "1". The entire device can be erased by using the Chip Erase command or individual sectors can be erased by using the Sector Erase commands. CHIP ERASE: The entire device can be erased at one time by using the 6-byte chip erase software code. After the chip erase has been initiated, the device will internally time the erase operation so that no external clocks are required. The maximum time to erase the chip is tEC. If the sector lockout has been enabled, the Chip Erase will not erase the data in the sector that has been locked; it will erase only the unprotected sectors. After the chip erase, the device will return to the read or standby mode. SECTOR ERASE: As an alternative to a full chip erase, the device is organized into 22 sectors that can be individually erased. The Sector Erase command is a six bus cycle operation. The sector address is latched on the falling WE edge of the sixth cycle while the 30H data input command is latched on the rising edge of WE. The sector erase starts after the rising edge of WE of the sixth cycle. The erase operation is internally controlled; it will automatically time to completion. The maximum time to erase a section is tSEC. When the sector programming lockout feature is not enabled, the sector will erase (from the same sector erase command). Once a sector has been protected, data in the protected sectors cannot be changed unless the RESET pin is taken to 12V 0.5V. An attempt to erase a sector that has been protected will result in the operation terminating in 2 s. BYTE/WORD PROGRAMMING: Once a memory block is erased, it is programmed (to a logical "0") on a byte-by-byte or on a word-by-word basis. Programming is accomplished via the internal device command register and is a 4-bus cycle operation. The device will automatically generate the required internal program pulses. Any commands written to the chip during the embedded programming cycle will be ignored. If a hardware reset happens during programming, the data at the location being programmed will be corrupted. Please note that a data "0" cannot be programmed back to a "1"; only erase operations can convert "0"s to "1"s. Programming is completed after the specified tBP cycle time. The DATA polling feature or the toggle bit feature may be used to indicate the end of a program cycle. SECTOR PROGRAMMING LOCKOUT: Each sector has a programming lockout feature. This feature prevents programming of data in the designated sectors once the feature has been enabled. These sectors can contain secure code that is used to bring up the system. Enabling the lockout feature will allow the boot code to stay in the device while data in the rest of the device is updated. This feature does not have to be activated; any sector's usage as a write protected region is optional to the user. Once the feature is enabled, the data in the protected sectors can no longer be erased or programmed when input levels of 5.5V or less are used. Data in the remaining sectors can still be changed through the regular programming method. To activate the lockout feature, a series of six program commands to specific addresses with specific data must be performed. Please refer to the Command Definitions table. SECTOR LOCKOUT DETECTION: A software method is available to determine if programming of a sector is locked out. When the device is in the software product identification mode (see Software product Identification Entry and Exit sections) a read from address location 00002H within a sector will show if programming the sector is locked out. If the data on I/O0 is low, the sector can be programmed; if the data on I/O0 is high, the program lockout feature has been enabled and the sector cannot be programmed. The software product identification exit code should be used to return to standard operation. SECTOR PROGRAMMING LOCKOUT OVERRIDE: The user can override the sector programming lockout by taking the RESET pin to 12V 0.5V. By doing this protected data can be altered through a chip erase, sector erase or byte/word programming. When the RESET pin is brought back to TTL levels the sector programming lockout feature is again active. 4
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
ERASE SUSPEND/ERASE RESUME: The erase suspend command allows the system to interrupt a sector erase operation and then program or read data from a different sector within the same plane. Since this device has a dual plane architecture, there is no need to use the erase suspend feature while erasing a sector when you want to read data from a sector in the other plane. After the erase suspend command is given, the device requires a maximum time of 15 s to suspend the erase operation. After the erase operation has been suspended, the plane which contains the suspended sector enters the erase-suspend-read mode. The system can then read data or program data to any other sector within the device. An address is not required during the erase suspend command. During a sector erase suspend, another sector cannot be erased. To resume the sector erase operation, the system must write the erase resume command. The erase resume command is a one bus cycle command that does require the plane address which is determined by A18 - A16. The device also supports an erase suspend during a complete chip erase. While the chip erase is suspended, the user can read from any sector within the memory that is protected. The command sequence for a chip erase suspend and a sector erase suspend are the same. PRODUCT IDENTIFICATION: The product identification mode identifies the device and manufacturer as Atmel. It may be accessed by hardware or software operation. The hardware operation mode can be used by an external programmer to identify the correct programming algorithm for the Atmel product. For details, see Operating Modes (for hardware operation) or Software Product Identification. The manufacturer and device code is the same for both modes. DATA POLLING: The AT49F8011(T) features DATA polling to indicate the end of a program cycle. During a program cycle an attempted read of the last byte/word loaded will result in the complement of the loaded data on I/O7. Once the program cycle has been completed, true data is valid on all outputs and the next cycle may begin. During a chip or sector erase operation, an attempt to read the device will give a "0" on I/O7. Once the program or erase cycle has completed, true data will be read from the device. DATA polling may begin at any time during the program cycle. Please see "Status Bit Table" for more details. TOGGLE BIT: In addition to DATA polling the AT49F8011(T) provides another method for determining the end of a program or erase cycle. During a program or erase operation, successive attempts to read data from the same memory plane will result in I/O6 toggling between one and zero. Once the program cycle has completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may begin at any time during a program cycle. An additional toggle bit is available on I/O2 which can be used in conjunction with the toggle bit which i s avai lable on I/O6. W hile a s ector i s eras e sus pended, a read or a program operation from the suspended sector will result in the I/O2 bit toggling. Please see "Status Bit Table" for more details. RDY/BUSY: An open drain READY/BUSY output pin provides another method of detecting the end of a program or erase operation. RDY/BUSY is actively pulled low during the internal program and erase cycles and is released at the completion of the cycle. The open drain connection allows for OR-tying of several devices to the same RDY/BUSY line. HARDWARE DATA PROTECTION: Hardware features protect against inadvertent programs to the AT49F8011(T) in the following ways: (a) VCC sense: if VCC is below 3.8V (typical), the program function is inhibited. (b) VCC power on delay: once VCC has reached the VCC sense level, the device will automatically time out 10 ms (typical) before programming. (c) Program inhibit: holding any one of OE low, CE high or WE high inhibits program cycles. (d) Noise filter: pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a program cycle. INPUT LEVELS: While operating with a 4.5V to 5.5V power supply, the address inputs and control inputs (OE, CE, and WE) may be driven from 0 to 5.5V without adversely affecting the operation of the device. The I/O lines can only be driven from 0 to VCC + 0.6V. 5
1264D-FLASH-5/03
Command Definition in Hex(1)
Command Sequence Read Chip Erase Sector Erase Byte/Word Program Bypass Unlock Single Pulse Byte/Word Program Sector Lockout Erase Suspend Erase Resume Product ID Entry Product ID Exit Product ID Exit Notes:
(2) (2)
Bus Cycles 1 6 6 4 6 1 6 1 1 3 3 1
1st Bus Cycle Addr Addr 5555 5555 5555 5555 Addr 5555 xxxx PA(5) 5555 5555 xxxx Data DOUT AA AA AA AA DIN AA B0 30 AA AA F0
2nd Bus Cycle Addr Data
3rd Bus Cycle Addr Data
4th Bus Cycle Addr Data
5th Bus Cycle Addr Data
6th Bus Cycle Addr Data
2AAA 2AAA 2AAA 2AAA
55 55 55 55
5555 5555 5555 5555
80 80 A0 80
5555 5555 Addr 5555
AA AA DIN AA
2AAA 2AAA
55 55
5555 SA
(3)(4)
10 30
2AAA
55
5555
A0
2AAA
55
5555
80
5555
AA
2AAA
55
SA(3)(4)
40
2AAA 2AAA
55 55
5555 5555
90 F0
1. The DATA FORMAT in each bus cycle is as follows: I/O15 - I/O8 (Don't Care); I/O7 - I/O0 (Hex). The ADDRESS FORMAT in each bus cycle is as follows: A15 - A0 (Hex), A-1, A14 - A18 (Don't Care). 2. Either one of the Product ID Exit commands can be used. 3. SA = sector address. Any byte/word address within a sector can be used to designate the sector address (see next two pages for details). 4. When the sector programming lockout feature is not enabled, the sector will erase (from the same sector erase command). Once the sector has been protected, data in the protected sectors cannot be changed unless the RESET pin is taken to 12V 0.5V. 5. PA is the plane address (A18 - A16).
Absolute Maximum Ratings*
Temperature Under Bias............................... -55 C to +125 C Storage Temperature .................................... -65 C to +150 C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V Voltage on OE with Respect to Ground ...................................-0.6V to +13.5V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
6
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
AT49F8011 - Sector Address Table
Plane A A A A A A A A B B B B B B B B B B B B B B Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 Size (Bytes/Words) 16K/8K 32K/16K 8K/4K 8K/4K 8K/4K 8K/4K 32K/16K 16K/8K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K x8 Address Range (A18 - A-1) 000000 - 003FFF 004000 - 00BFFF 00C000 - 00DFFF 00E000 - 00FFFF 010000 - 011FFF 012000 - 013FFF 014000 - 018FFF 01C000 - 01FFFF 020000 - 02FFFF 030000 - 03FFFF 040000 - 04FFFF 050000 - 05FFFF 060000 - 06FFFF 070000 - 07FFFF 080000 - 08FFFF 090000 - 09FFFF 0A0000 - 0AFFFF 0B0000 - 0BFFFF 0C0000 - 0CFFFF 0D0000 - 0DFFFF 0E0000 - 0EFFFF 0F0000 - 0FFFFF x16 Address Range (A18 - A0) 00000 - 01FFF 02000 - 05FFF 06000 - 06FFF 07000 - 07FFF 08000 - 08FFF 09000 - 09FFF 0A000 - 0DFFF 0E000 - 0FFFF 10000 - 17FFF 18000 - 1FFFF 20000 - 27FFF 28000 - 2FFFF 30000 - 37FFF 38000 - 3FFFF 40000 - 47FFF 48000 - 4FFFF 50000 - 57FFF 58000 - 5FFFF 60000 - 67FFF 68000 - 6FFFF 70000 - 77FFF 78000 - 7FFFF
7
1264D-FLASH-5/03
AT49F8011T - Sector Address Table
Plane B B B B B B B B B B B B B B A A A A A A A A Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 16K/8K 32K/16K 8K/4K 8K/4K 8K/4K 8K/4K 32K/16K 16K/8K x8 Address Range (A18 - A-1) 000000 - 00FFFF 010000 - 01FFFF 020000 - 02FFFF 030000 - 03FFFF 040000 - 04FFFF 050000 - 05FFFF 060000 - 06FFFF 070000 - 07FFFF 080000 - 08FFFF 090000 - 09FFFF 0A0000 - 0AFFFF 0B0000 - 0BFFFF 0C0000 - 0CFFFF 0D0000 - 0DFFFF 0E0000 - 0E3FFF 0E4000 - 0EBFFF 0EC000 - 0EDFFF 0EE000 - 0EFFFF 0F0000 - 0F1FFF 0F2000 - 0F3FFF 0F4000 - 0FBFFF 0FC000 - 0FFFFF x16 Address Range (A18 - A0) 00000 - 07FFF 08000 - 0FFFF 10000 - 17FFF 18000 - 1FFFF 20000 - 27FFF 28000 - 2FFFF 30000 - 37FFF 38000 - 3FFFF 40000 - 47FFF 48000 - 4FFFF 50000 - 57FFF 58000 - 5FFFF 60000 - 67FFF 68000 - 6FFFF 70000 - 71FFF 72000 - 75FFF 76000 - 76FFF 77000 - 77FFF 78000 - 78FFF 79000 - 79FFF 7A000 - 7DFFF 7E000 - 7FFFF
8
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
DC and AC Operating Range
AT49F8011(T)-70 Operating Temperature (Case) VCC Power Supply Com. Ind. 0 C - 70 C -40 C - 85 C 4.5V to 5.5V AT49F8011(T)-90 0 C - 70 C -40 C - 85 C 4.5V to 5.5V
Operating Modes
Mode Read Program/Erase
(2)
CE VIL VIL VIH X X X X
OE VIL VIH X
(1)
WE VIH VIL X VIH X X X
RESET VIH VIH VIH VIH VIH VIH VIL
Ai Ai Ai X
I/O DOUT DIN High Z
Standby/Program Inhibit Program Inhibit Program Inhibit Output Disable Reset Product Identification
X VIL VIH X
High Z X High Z
Hardware
VIL
VIL
VIH
VIH
A1 - A18 = VIL, A9 = VH(3) A0 = VIL A1 - A18 = VIL, A9 = VH(3) A0 = VIH A0 = VIL, A1 - A18 = VIL A0 = VIH, A1 - A18 = VIL
Manufacturer Code(4) Device Code(4) Manufacturer Code(4) Device Code(4)
Software(5)
VIH
Notes:
1. 2. 3. 4. 5.
X can be VIL or VIH. Refer to AC Programming Waveforms. VH = 12.0V 0.5V. Manufacturer Code: 1FH (x8); 001FH (x16), Device Code: 00CB-AT49F8011; 004A-AT49F8011T. See details under Software Product Identification Entry/Exit.
DC Characteristics
Symbol ILI ILO ISB1 ISB2 ICC
(1)
Parameter Input Load Current Output Leakage Current VCC Standby Current CMOS VCC Standby Current TTL VCC Active Current VCC Read While Write Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
Condition VIN = 0V to VCC VI/O = 0V to VCC CE = VCC - 0.3V to VCC CE = 2.0V to VCC f = 5 MHz; IOUT = 0 mA f = 5 MHz; IOUT = 0 mA
Min
Max 10 10 10 1 40 60 0.8
Units A A A mA mA mA V V
ICCRW VIL VIH VOL VOH
2.0 IOL = 2.1 mA IOH = -400 A 2.4 0.45
V V
Note:
1. In the erase mode, ICC is 50 mA.
9
1264D-FLASH-5/03
AC Read Characteristics
AT49F8011(T)-70 Symbol tACC tCE(1) tOE(2) tDF(3)(4) tOH tRO Parameter Address to Output Delay CE to Output Delay OE to Output Delay CE or OE to Output Float Output Hold from OE, CE or Address, whichever occurred first RESET to Output Delay 0 0 0 800 Min Max 70 70 35 25 0 0 0 800 AT49F8011(T)-90 Min Max 90 90 40 25 Units ns ns ns ns ns ns
AC Read Waveforms(1)(2)(3)(4)
ADDRESS ADDRESS VALID
CE
tCE OE tOE tDF tACC tOH
RESET HIGH Z
tRO OUTPUT VALID
OUTPUT
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change without impact on tACC. 3. tDF is specified from OE or CE whichever occurs first (CL = 5 pF). 4. This parameter is characterized and is not 100% tested.
10
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
Input Test Waveforms and Measurement Level
3.0
tR, tF < 5 ns
Output Test Load
Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Typ 4 8 Max 6 12 Units pF pF Conditions VIN = 0V VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
11
1264D-FLASH-5/03
AC Byte/Word Load Characteristics
Symbol tAS, tOES tAH tCS tCH tWP tDS tDH, tOEH tWPH Parameter Address, OE Set-up Time Address Hold Time Chip Select Set-up Time Chip Select Hold Time Write Pulse Width (WE or CE) Data Set-up Time Data, OE Hold Time Write Pulse Width High Min 10 50 0 0 100 50 10 50 Max Units ns ns ns ns ns ns ns ns
AC Byte/Word Load Waveforms
WE Controlled
CE Controlled
12
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
Program Cycle Characteristics
Symbol tBP tAS tAH tDS tDH tWP tWPH tEC tSEC Parameter Byte/Word Programming Time Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Write Pulse Width Write Pulse Width High Chip Erase Cycle Time Sector Erase Cycle Time 200 0 50 50 10 100 50 10 Min Typ 10 Max 50 Units s ns ns ns ns ns ns seconds ms
Program Cycle Waveforms
PROGRAM CYCLE
OE
CE
tWP tWPH tBP
WE
tAS tAH
5555
tDH
2AAA 5555 ADDRESS 5555
A0 -A18
tDS
DATA
AA
55
A0
INPUT DATA
AA
Sector or Chip Erase Cycle Waveforms
OE
(1) (4)
CE
tWP tWPH
(4)
WE
tAS tAH
5555
tDH
2AAA 5555 5555 2AAA Note 2
A0-A18
tDS
tEC
55 WORD 1 80 WORD 2 AA WORD 3 55 WORD 4 Note 3 WORD 5
DATA
AA WORD 0
Notes:
1. OE must be high only when WE and CE are both low. 2. For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased. (See note 3 under command definitions.) 3. For chip erase, the data should be 10H, and for sector erase, the data should be 30H. 4. The tWPH time between the 5th and 6th bus cycle should be a minimum of 150 ns.
13
1264D-FLASH-5/03
Data Polling Characteristics(1)
Symbol tDH tOEH tOE tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay
(2)
Min 10 10
Typ
Max
Units ns ns ns
Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See tOE spec in AC Read Characteristics.
0
ns
Data Polling Waveforms
A0-A18
Toggle Bit Characteristics(1)
Symbol tDH tOEH tOE tOEHP tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay OE High Pulse Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See tOE spec in AC Read Characteristics.
(2)
Min 10 10
Typ
Max
Units ns ns ns
150 0
ns ns
Toggle Bit Waveforms(1)(2)(3)
Notes:
1. Toggling either OE or CE or both OE and CE will operate toggle bit. The tOEHP specification must be met by the toggling input(s). 2. Beginning and ending state of I/O6 will vary. 3. Any address location may be used but the address should not vary.
14
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
Software Product Identification Entry(1)
LOAD DATA AA TO ADDRESS 5555
Sector Lockout Enable Algorithm(1)
LOAD DATA AA TO ADDRESS 5555
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA 90 TO ADDRESS 5555
LOAD DATA 80 TO ADDRESS 5555
ENTER PRODUCT IDENTIFICATION MODE(2)(3)(5)
LOAD DATA AA TO ADDRESS 5555
Software Product Identification Exit(1)(6)
LOAD DATA AA TO ADDRESS 5555 OR LOAD DATA F0 TO ANY ADDRESS
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA 55 TO ADDRESS 2AAA
EXIT PRODUCT IDENTIFICATION MODE(4)
LOAD DATA 40 TO ADDRESS 5555
PAUSE 200 s(2)
LOAD DATA F0 TO ADDRESS 5555
Notes:
EXIT PRODUCT IDENTIFICATION MODE(4)
1. Data Format: I/O15 - I/O8 (Don't Care); I/O7 - I/O0 (Hex) Address Format: A15 - A0 (Hex), A-1, and A15 - A18 (Don't Care). 2. Sector lockout feature enabled.
Notes:
1. Data Format: I/O15 - I/O8 (Don't Care); I/O7 - I/O0 (Hex) Address Format: A15 - A0 (Hex), A-1, and A15 - A18 (Don't Care). 2. A1 - A18 = VIL. Manufacture Code is read for A0 = VIL; Device Code is read for A0 = VIH. 3. The device does not remain in identification mode if powered down. 4. The device returns to standard operation mode. 5. Manufacturer Code: 1FH (x8); 001FH (x16) 6. Device Code:00CBH - AT49BV8011; 004AH - AT49BV8011T. 7. Either one of the Product ID Exit commands can be used.
15
1264D-FLASH-5/03
Status Bit Table
Status Bit I/O 7 Read Address In While Plane A Plane B Plane A I/O 6 Plane B Plane A I/O 2 Plane B
Programming in Plane A Programming in Plane B
I/O7 DATA
DATA I/O7
TOGGLE DATA
DATA TOGGLE
1 DATA
DATA 1
Erasing in Plane A Erasing in Plane B
0 DATA
DATA 0
TOGGLE DATA
DATA TOGGLE
TOGGLE DATA
DATA TOGGLE
Erase Suspended & Read Erasing Sector Erase Suspended & Read Non-Erasing Sector
1 DATA
1 DATA
1 DATA
1 DATA
TOGGLE DATA
TOGGLE DATA
Erase Suspended & Program Erasing Sector Erase Suspended & Program Non-Erasing Sector in Plane A Erase Suspended & Program Non-Erasing Sector in Plane B
1 I/O7
1 DATA
1 TOGGLE
1 DATA
TOGGLE TOGGLE
TOGGLE DATA
DATA
I/O7
DATA
TOGGLE
DATA
TOGGLE
16
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
AT49F8011(T) Ordering Information
tACC (ns) 70 ICC (mA) Active 40 40 90 40 40 70 40 40 90 40 40 Standby 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 Ordering Code AT49F8011-70CC AT49F8011-70TC AT49F8011-70CI AT49F8011-70TI AT49F8011-90CC AT49F8011-90TC AT49F8011-90CI AT49F8011-90TI AT49F8011T-70CC AT49F8011T-70TC AT49F8011T-70CI AT49F8011T-70TI AT49F8011T-90CC AT49F8011T-90TC AT49F8011T-90CI AT49F8011T-90TI Package 48C3 48T 48C3 48T 48C3 48T 48C3 48T 48C3 48T 48C3 48T 48C3 48T 48C3 48T Operation Range Commercial (0 C to 70 C) Industrial (-40 C to 85 C) Commercial (0 C to 70 C) Industrial (-40 C to 85 C) Commercial (0 C to 70 C) Industrial (-40 C to 85 C) Commercial (0 C to 70 C) Industrial (-40 C to 85 C)
Package Type
48C3 48T 48-ball, Plastic Chip-Size Ball Grid Array Package (CBGA) 48-lead, Thin Small Outline Package (TSOP)
17
1264D-FLASH-5/03
Packaging Information
48C3 - CBGA
48C3, 48-ball (6 x 8 Array), 0.80 mm Pitch, 8 x 8 x 1.2 mm Chip-scale Ball Grid Array Package (CBGA) Dimensions in Millimeters and (Inches)*
8.10 (0.319) 7.90 (0.311)
A1 ID
8.10 (0.319) 7.90 (0.311)
0.30 (0.012)MIN 2.00(0.079)REF
6 5
4.00(0.157)
4 3 2 1
1.20 (0.047) MAX
A B C
0.80(0.0315) BSC NON-ACCUMULATIVE
D
5.60(0.220)
E F G H
1.20(0.047) REF 0.80(0.0315) BSC NON-ACCUMULATIVE 0.45 (0.018) DIA BALL TYP
*Controlling dimension: millimeters
REV. A
04/11/2001
18
AT49F8011(T)
1264D-FLASH-5/03
AT49F8011(T)
48T - TSOP
PIN 1
0 ~ 8
c
Pin 1 Identifier D1 D
L
e
b
L1
E
A2
A
SEATING PLANE
GAGE PLANE
A1
SYMBOL A A1 A2 Notes: 1. This package conforms to JEDEC reference MO-142, Variation DD. 2. Dimensions D1 and E do not include mold protrusion. Allowable protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side. 3. Lead coplanarity is 0.10 mm maximum. D D1 E L L1 b c e
COMMON DIMENSIONS (Unit of Measure = mm) MIN - 0.05 0.95 19.80 18.30 11.90 0.50 NOM - - 1.00 20.00 18.40 12.00 0.60 0.25 BASIC 0.17 0.10 0.22 - 0.50 BASIC 0.27 0.21 MAX 1.20 0.15 1.05 20.20 18.50 12.10 0.70 Note 2 Note 2 NOTE
10/18/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 48T, 48-lead (12 x 20 mm Package) Plastic Thin Small Outline Package, Type I (TSOP) DRAWING NO. 48T REV. B
R
19
1264D-FLASH-5/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel(R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
1264D-FLASH-5/03 xM


▲Up To Search▲   

 
Price & Availability of AT49F8011T-90TI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X