Part Number Hot Search : 
C24FJ64G LCD1602A 1N1616A FOD4216S M54992 M41ST KJ04BB 2C100
Product Description
Full Text Search
 

To Download AT24C256SC-10WI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * *
Low-voltage and Standard-voltage Operation, VCC = 2.7V to 5.5V Internally Organized 16,384 x 8 and 32,768 x 8 2-wire Serial Interface Schmitt Trigger, Filtered Inputs for Noise Suppression Bi-directional Data Transfer Protocol 1 MHz (5V) and 400 kHz (2.7V) Compatibility 64-byte Page Write Mode (Partial Page Writes Allowed) Self-timed Write Cycle (5 ms Typical) High Reliability - Endurance: 1 Million Write Cycles - Data Retention: 40 Years - ESD Protection: > 4000V
Description
The AT24C128SC/256SC provides 131,072/262,144 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The devices are optimized for use in smart card applications where lowpower and low-voltage operation may be essential. The devices are available in several standard ISO 7816 smart card modules (see Ordering Information). All devices are functionally equivalent to Atmel Serial EEPROM products offered in standard IC packages (PDIP, SOIC, TSSOP, dBGA), with the exception of the slave address and Write Protect functions which are not required for smart card applications. Table 1. Pin Configurations
Pad Name VCC GND SCL SDA NC Description Power Supply Voltage Ground Serial Clock Input Serial Data Input/Output No Connect ISO Module Contact C1 C5 C3 C7 C2, C4, C6, C8
Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8) AT24C128SC AT24C256SC
Figure 1. Card Module Contact
VCC NC
1661B-SEEPR-04/04
1
Absolute Maximum Ratings*
Operating Temperature......................................-55C to +125C Storage Temperature .........................................-65C to +150C Voltage on Any Pin with Respect to Ground ........................................ -1.0V to +7.0V Maximum Operating Voltage .......................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 2. Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open-drain or opencollector devices.
Memory Organization
AT24C128SC/256SC, 128K/256K SERIAL EEPROM: The 128K/256K is internally organized as 256/512 pages of 64-bytes each. Random word addressing requires a 14/15-bit data word address.
2
AT24C128SC/AT24C256SC
1661B-SEEPR-04/04
AT24C128SC/AT24C256SC
Pin Capacitance
Table 2. Pin Capacitance (1) Applicable over recommended operating range from T A = 25C, f = 1.0 MHz, V CC = +2.7V.
Symbol Test Condition
Max 8 6
Units pF pF
Conditions VI/O = 0V VIN = 0V
CI/O CIN Note:
Input/Output Capacitance (SDA) Input Capacitance (SCL) This parameter is characterized and is not 100% tested.
DC Characteristics
Table 3. DC Characteristics (1)
Symbol VCC ICC1 ICC2 ISB Parameter Supply Voltage Supply Current Supply Current Standby Current) VCC = 5.0V VCC = 5.0V VCC = 2.7V VCC = 5.5V ILI ILO VIL VIH VOL Note: Input Leakage Current Output Leakage Current Input Low Level
(2)
Test Condition
Min 2.7
Typ
Max 5.5
Units V mA mA A
Read at 400 kHz Write at 400 kHz VIN = VCC or GND
1.0 2.0
2.0 3.0 2.0 6.0
VIN = VCC or GND VOUT = VCC or GND
0.10 0.05 -0.6 VCC x 0.7
3.0 3.0 VCC x 0.3 VCC + 0.5 0.4
A A V V V
Input High Level(2) Output Low Level VCC = 3.0V IOL = 2.1 mA
1. Applicable over recommended operating range from: TAC = 0C to +70C, VCC = +2.7V to +5.5V (unless otherwise noted). 2. VIL min and VIH max are reference only and are not tested.
3
1661B-SEEPR-04/04
AC Characteristics
Table 4. AC Characteristics(1)
2.7-volt Symbol fSCL tLOW tHIGH tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance(2) Notes: Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Clock Low to Data Out Valid Time the bus must be free before a new transmission can start(2) Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Inputs Rise Time(2) Inputs Fall Time
(2)
5.0-volt Max 400 Min Max 1000 0.4 0.4 0.9 0.05 0.5 0.25 0.25 0 100 0.3 300 0.3 100 0.25 50 5 5 1M 0.55 Units kHz s s s s s s s ns s ns s ns ms Write Cycles
Min
1.3 0.6 0.05 1.3 0.6 0.6 0 100
Stop Set-up Time Data Out Hold Time Write Cycle Time 25C, Page Mode
0.6 50
1M
1. Applicable over recommended operating range from TA = 0C to +70C, VCC = +2.7V to +5.5V, CL = 100 pF (unless otherwise noted). Test conditions are listed in Note 3. 2. This parameter is characterized and is not 100% tested. 3. AC measurement conditions: RL (connects to VCC): 1.3 k (2.7V, 5V), Input pulse voltages: 0.3VCC to 0.7VCC Input rise and fall times: 50ns Input and output timing reference voltages: 0.5V CC
4
AT24C128SC/AT24C256SC
1661B-SEEPR-04/04
AT24C128SC/AT24C256SC
Device Operation
CLOCK AND DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (refer to Data Validity timing diagram). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (refer to Start and Stop Definition timing diagram). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (refer to Start and Stop Definition timing diagram). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word. STANDBY MODE: The AT24C128SC/256SC features a low power standby mode which is enabled: a) upon power-up and b) after the receipt of the STOP bit and the completion of any internal operations. MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2wire part can be reset by following these steps: 1. Clock up to 9 cycles. 2. Look for SDA high in each cycle while SCL is high. 3. Create a start condition as SDA is high.
5
1661B-SEEPR-04/04
Timing Diagrams
Bus Timing
Figure 3. Bus Timing
Note:
SCL: Serial Clock; SDA: Serial Data I/O
Write Cycle Timing
Figure 4. Write Cycle Timing
tWR(1)
Note:
1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. SCL: Serial Clock; SDA: Serial Data I/O
Data Validity
Figure 5. Data Validity
SDA
SCL
DATA STABLE
DATA STABLE
DATA CHANGE
6
AT24C128SC/AT24C256SC
1661B-SEEPR-04/04
AT24C128SC/AT24C256SC
Start and Stop Definition
Figure 6. Start and Stop Definition
SDA
SCL
START
STOP
Output Acknowledge
Figure 7. Output Acknowledge
SCL
DATA IN
DATA OUT
START
ACKNOWLEDGE
7
1661B-SEEPR-04/04
Device Addressing
The 128K/256K EEPROM requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (refer to Figure 8). The device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. This is common to all 2-wire EEPROM devices. The next three bits of the device address word are unused. These three unused bits should be set to "0". The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the device will return to a standby state. Figure 8. Device Address
1 MSB
0
1
0
0
0
0
R/W LSB
Write Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero. The addressing device, such as a microcontroller, then must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally-timed write cycle, t WR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (refer to Figure 9). Figure 9. Byte Write
PAGE WRITE: The 128K/256K EEPROM is capable of 64-byte page writes. A page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to 63 more data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (refer to Figure 10). The data word address lower six bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than 64 data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. The address "roll over" during write is from the last byte of the current page to the first byte of the same page.
8
AT24C128SC/AT24C256SC
1661B-SEEPR-04/04
AT24C128SC/AT24C256SC
Figure 10. Page Write
Note:
1. * = DON'T CARE bit 2. = DON'T CARE bit for the 128K
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero, allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page, to the first byte of the first page. Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. The microcontroller does not respond with an input zero but does generate a following stop condition (refer to Figure 11). Figure 11. Current Address Read
S T A R T SDA LINE M S B L RA S/ C B WK DATA N O A C K R E A D S T O P
DEVICE ADDRESS
RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device
9
1661B-SEEPR-04/04
address and serially clocks out the data word. The microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 12). Figure 12. Random Read
P 0
Notes:
1. * = DON'T CARE bit 2. = DON'T CARE bit for the 128K
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (refer to Figure 13). Figure 13. Sequential Read
10
AT24C128SC/AT24C256SC
1661B-SEEPR-04/04
AT24C128SC/AT24C256SC
AT24C128SC Ordering Information
Ordering Code AT24C128SC-09AT AT24C128SC-09BT AT24C128SC-10WI Package M2 - A Module M2 - B Module 7 mil Wafer Voltage Range 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V Operation Range Commercial (0C-70C) Commercial (0C-70C) Industrial (-40C-85C)
AT24C256SC Ordering Information
Ordering Code AT24C256SC-09AT AT24C256SC-09BT AT24C256SC-10WI Package M2 - A Module M2 - B Module 7 mil Wafer Voltage Range 2.7V-5.5V 2.7V-5.5V 2.7V-5.5V Operation Range Commercial (0C-70C) Commercial (0C-70C) Industrial (-40C-85C)
Package Type(1)
Description M2 ISO 7816 Smart Card Module M2 ISO 7816 Smart Card Module with Atmel Logo
M2 - A Module M2 - B Module Note:
Formal drawings may be obtained from an Atmel sales office.
11
1661B-SEEPR-04/04
Smart Card Modules
Ordering Code: 09AT-00
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Square: 8.6 x 8.6 [mm] Thickness: 0.58 [mm] max Pitch: 14.25 [mm]
Ordering Code: 09BT-00
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Square: 8.6 x 8.6 [mm] Thickness: 0.58 [mm] max Pitch: 14.25 [mm]
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions (i.e., a punched M2 module will yield 13.0 x 11.8 mm).
12
AT24C128SC/AT24C256SC
1661B-SEEPR-04/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibil for any ity errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wit out notice, and h does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not auth orized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel(R) and combinations thereof are registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
1661B-SEEPR-04/04


▲Up To Search▲   

 
Price & Availability of AT24C256SC-10WI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X