Part Number Hot Search : 
BA20D3 SAP51 ITS4142N 75N60 EP2C5 CDRH5D28 UF2DF RCA33R
Product Description
Full Text Search
 

To Download AT17LV010-10DP-SV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* EE Programmable 1,048,576 x 1-bit Serial Memory Designed to Store Configuration * * * * * * * * * * * * *
Programs for Field Programmable Gate Arrays (FPGAs) Very Low-power CMOS EEPROM Process In-System Programmable (ISP) via Two-Wire Bus Simple Interface to SRAM FPGAs Compatible with AT40K Devices Cascadable Read-back to Support Additional Configurations or Higher-density Arrays Programmable Reset Polarity Low-power Standby Mode High-reliability - Endurance: 5,10 (4) Read Cycles Data Retention: 10 Years No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm 2 Tested up to a Total Dose of 20 krads (Si) according to MIL STD 883 Method 1019 Operating Range: 3.0V to 3.6V, -55C to +125C Available in 400 mils Wide 28 Pins DIL Flat Pack
Space FPGA Configuration EEPROM
AT17LV01010DP Advance Information
Description
The AT17LV010-10DP is a FPGA Configuration EEPROM provides an easy-to-use, cost-effective configuration memory for Field Programmable Gate Arrays. It is packaged in the 28-pin 400 mils wide FP package. Configurator uses a simple serialaccess procedure to configure one or more FPGA devices. The user can select the polarity of the reset function by programming four EEPROM bytes. The device also supports a write-protection mechanism within its programming mode.
Rev. 4265B-AERO-06/04
1
Pin Configuration
Figure 1. 28-pin Flat Pack
RESET/OE NC WP2 CE GND NC NC NC NC NC CE0 NC NC READY
1 2 3 4 5 6 7 8 9 10
28 27 26 25 24 23 22 21 20 19 18 17 16 15
NC NC WP1 CLK DATA NC NC NC NC VCC NC SER_EN NC NC
2
A717LV010-10DP
4265B-AERO-06/04
A717LV010-10DP
Block Diagram
SER_EN WP1 WP2
POWER ON RESET
READY
Device Description
The control signals for the configuration EEPROM (CE, RESET/OE and CCLK) interface directly with the FPGA device control signals. All FPGA devices can control the entire configuration process and retrieve data from the configuration EEPROM without requiring an external intelligent controller. The configuration EEPROM RESET/OE and CE pins control the tri-state buffer on the DATA output pin and enable the address counter. When RESET/OE is driven High, the configuration EEPROM resets its address counter and tri-states its DATA pin. The CE pin also controls the output of the AT17LV010-10DP configurator. If CE is held High after the RESET/OE reset pulse, the counter is disabled and the DATA output pin is tristated. When OE is subsequently driven Low, the counter and the DATA output pin are enabled. When RESET/OE is driven High again, the address counter is reset and the DATA output pin is tri-stated, regardless of the state of CE. When the configurator has driven out all of its data and CEO is driven Low, the device tri-states the DATA pin to avoid contention with other configurators. Upon power-up, the address counter is automatically reset. This is the default setting for the device. Since almost all FPGAs use RESET Low and OE High, this document will describe RESET/OE.
3
4265B-AERO-06/04
Pin Description
DATA CLK WP1
Tri-state DATA output for configuration. Open-collector bi-directional pin for programming. Clock input. Used to increment the internal address and bit counter for reading and programming. WRITE PROTECT (1). Used to protect portions of memory during programming. Disabled by default due to internal pull-down resistor. This input pin is not used during FPGA loading operations. Output Enable (active High) and RESET (active Low) when SER_EN is High. A Low level on RESET/OE resets both the address and bit counters. A High level (with CE Low) enables the data output driver. The logic polarity of this input is programmable as either RESET/OE or RESET/OE. For most applications, RESET should be programmed active Low. This document describes the pin as RESET/OE. WRITE PROTECT (2). Used to protect portions of memory during programming. Disabled by default due to internal pull-down resistor. This input pin is not used during FPGA loading operations. Chip Enable input (active Low). A Low level (with OE High) allows CLK to increment the address counter and enables the data output driver. A High level on CE disables both the address and bit counters and forces the device into a low-power standby mode. Note that this pin will not enable/disable the device in the Two-Wire Serial Programming mode (SER_EN Low). Ground pin. A 0.2 F decoupling capacitor between VCC and GND is recommended. Chip Enable Output (active Low). This output goes Low when the address counter has reached its maximum value. In a daisy chain of AT17LV010-10DP devices, the CEO pin of one device must be connected to the CE input of the next device in the chain. It will stay Low as long as CE is Low and OE is High. It will then follow CE until OE goes Low; thereafter, CEO will stay High until the entire EEPROM is read again. Device selection input, A2. This is used to enable (or select) the device during programming (i.e., when SER_EN is Low). A2 has an internal pull-down resistor. Open collector reset state indicator. Driven Low during power-up reset, released when power-up is complete. It is recommended to use a 4.7 k pull-up resistor when this pin is used. Serial enable must be held High during FPGA loading operations. Bringing SER_EN Low enables the Two-Wire Serial Programming Mode. For non-ISP applications, SER_EN should be tied to VCC. 3.3V (0.3V).
RESET/OE
WP2
CE
GND CEO
A2 READY
SER_EN
VCC
4
A717LV010-10DP
4265B-AERO-06/04
A717LV010-10DP
FPGA Master Serial Mode Summary
The I/O and logic functions of any SRAM-based FPGA are established by a configuration program. The program is loaded either automatically upon power-up, or on command, depending on the state of the FPGA mode pins. In Master mode, the FPGA automatically loads the configuration program from an external memory. The AT17LV Serial Configuration EEPROM has been designed for compatibility with the Master Serial mode. This document discusses the Atmel AT40KEL applications.
Control of Configuration
Most connections between the FPGA device and the AT17LV Serial EEPROM are simple and self-explanatory. * * * * * The DATA output of the AT17LV010-10DP configurator drives DIN of the FPGA devices. The master FPGA CCLK output drives the CLK input of the AT17LV010-10DP configurator. The CEO output of any AT17LV010-10DP configurator drives the CE input of the next configurator in a cascaded chain of EEPROMs. SER_EN must be connected to VCC (except during ISP). The READY pin is available as an open-collector indicator of the device's reset status; it is driven Low while the device is in its power-on reset cycle and released (tri-stated) when the cycle is complete.
Cascading Serial Configuration EEPROMs
For multiple FPGAs configured as a daisy-chain, or for FPGAs requiring larger configuration memories, cascaded configurators provide additional memory. After the last bit from the first configurator is read, the clock signal to the configurator asserts its CEO output Low and disables its DATA line driver. The second configurator recognizes the Low level on its CE input and enables its DATA output. After configuration is complete, the address counters of all cascaded configurators are reset if the RESET/OE on each configurator is driven to its active (Low) level. If the address counters are not to be reset upon completion, then the RESET/OE input can be tied to its inactive (High) level.
Reset PAT17LV01010DPolarity Programming Mode
The AT17LV010-10DP configurator allows the user to program the reset polarity as either RESET/OE or RESET/OE. This feature is supported by industry-standard programmer algorithms. The programming mode is entered by bringing SER_EN Low. In this mode the chip can be programmed by the Two-Wire serial bus. The programming is done at VCC supply only. Programming super voltages are generated inside the chip. The AT17LV010-10DP configurator enter a low-power standby mode whenever CE is asserted High. In this mode, the AT17LV010-10DP configurator consumes less than 100 A of current at 3.3V. The output remains in a high-impedance state regardless of the state of the OE input.
Standby Mode
5
4265B-AERO-06/04
Electrical Characteristics
Absolute Maximum Ratings*
Operating Temperature.................................. -55C to +125 C Storage Temperature ..................................... -65 C to +150C Voltage on Any Pin with Respect to Ground ..............................-0.1V to V CC +0.5V Supply Voltage (V CC) ......................................... -0.5V to +7.0V Maximum Soldering Temp. (10 sec. @ 1/16 in.)............. 260C ESD (RZAP = 1.5K, CZAP = 100 pF)................................. 2000V *NOTICE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those listed under operating conditions is not implied. Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device reliability.
Operating Conditions
3.3V Symbol VCC Description Military -55 to +125C Min 3.0 Max 3.6 Units V
DC Characteristics
VCC = 3.3V 0.3V
Symbol Description AT17LV010-10DP Min VIH VIL VOH VOL ICCA IL ICCS High-level Input Voltage Low-level Input Voltage High-level Output Voltage (IOH = -2.5 mA) Low-level Output Voltage (IOL = +3 mA) Supply Current, Active Mode Input or Output Leakage Current (VIN = VCC or GND) Supply Current, Standby Mode -10 2.0 0 2.4 0.4 10 10 200 Max VCC 0.8 Units V V V V mA A A
6
A717LV010-10DP
4265B-AERO-06/04
A717LV010-10DP
AC Characteristics
CE TSCE RESET/OE TLC CLK TOE TCE DATA TOH TCAC TOH TDF THC THOE TSCE THCE
AC Characteristics when Cascading
RESET/OE
CE
CLK TCDF DATA
LAST BIT FIRST BIT
TOCK CEO
TOCE
TOOE
TOCE
7
4265B-AERO-06/04
AC Characteristics
VCC = 3.3V 0.3V
Military Symbol TOE
(1)
Description OE to Data Delay CE to Data Delay CLK to Data Delay Data Hold from CE, OE, or CLK CE or OE to Data Float Delay CLK Low Time CLK High Time CE Setup Time to CLK (to guarantee proper counting) CE Hold Time from CLK (to guarantee proper counting) OE High Time (guarantees counter is reset) Maximum Clock Frequency
Min
Max 55 60 60
Units ns ns ns ns
TCE(1) TCAC(1) TOH TDF(2) TLC THC TSCE THCE THOE FMAX
0 50 25 25 35 0 25 10
ns ns ns ns ns ns MHz
Notes:
1. AC test lead = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured 200 mV from steady-state active levels.
AC Characteristics when Cascading
VCC = 3.3V 0.3V
Military Symbol TCDF(2) TOCK
(1)
Description CLK to Data Float Delay CLK to CEO Delay CE to CEO Delay RESET/OE to CEO Delay Maximum Clock Frequency
Min
Max 50 55 40 40 10
Units ns ns ns ns MHz
TOCE(1) TOOE FMAX
(1)
Notes:
1. AC test lead = 50 pF. 2. Float delays are measured with 5 pF AC loads. Transition is measured 200 mV from steady-state active levels.
8
A717LV010-10DP
4265B-AERO-06/04
A717LV010-10DP
Ordering Information
Memory Size 1 Mbit 1 Mbit 1 Mbit 1 Mbit Ordering Code AT17LV010-10DP-E AT17LV010-10DP-M AT17LV010-10DP-MQ AT17LV010-10DP-SV Package 28-pin Flat Pack 28-pin Flat Pack 28-pin Flat Pack 28-pin Flat Pack Operation Range Engineering Samples Standard Mil. Temperature QML Q QML V
9
4265B-AERO-06/04
Packaging Information
DP (FP28.4)
10
A717LV010-10DP
4265B-AERO-06/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel, the Atmel logo, and combinations thereof are registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names in this document may be the trademarks of others. Printed on recycled paper.
4265B-AERO-06/04 xM


▲Up To Search▲   

 
Price & Availability of AT17LV010-10DP-SV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X