Part Number Hot Search : 
MMBT555 C1454 PB1004G C4064 T1063 MUR3020 CMF211 5236B
Product Description
Full Text Search
 

To Download AT1504R-GRE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT1504
Preliminary Product Information FET BIAS CONTROLLER Features
Provides bias for GaAs and HEMT FETs Drives up to four FETs Dynamic FET protection Drain current set by external resistor Regulated negative rail generator requires only 2 external capacitors Choice in drain voltage Wide supply voltage range SSOP surface mount package
Description
The AT1504 is designed to meet the bias requirements of GaAs and HEMT FETs commonly used in satellite receiver LNBs, PMR, cellular telephones etc. with a minimum of external components. With the addition of two capacitors and resistors the devices provide drain voltage and current control for a number of external grounded source FETs. The AT1504 is available in SSOP16 pin packages respectively for the minimum in devices size. Device operating temperature is -40 to 70C to suit a wide range of environmental conditions.
Applications
Satellite receiver LNBs Private mobile radio (PMR) Cellular telephones
Block Diagram
Aimtron reserves the right without notice to change this circuitry and specifications.
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 1
AT1504
Preliminary Product Information FET BIAS CONTROLLER
Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin name D1 G1 D2 G2 GND NC CN CP VOUT ICTL1 ICTL2 G4 D4 G3 D3 VCC Function 1st Drain output voltage Pin 1st Gate output voltage Pin 2nd Drain output voltage Pin 2nd Gate output voltage Pin Ground Pin No connect Pin Negative OSC output Pin Positive OSC output Pin Negative voltage output Pin VD1/VD2 Current set Resistor connect Pin VD3/VD4 Current set Resistor connect Pin 4th Gate output voltage Pin 4th Drain output Pin 3rd Gate output voltage Pin 3rd Drain output voltage Pin Supply voltage Pin
Pin Configuration
Ordering Information Part number
AT1504R AT1504R_GRE
Package
SSOP16 SSOP16,Green
Marking
AT1504R AT1504R, date code with one bottom line
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 2
AT1504
Preliminary Product Information FET BIAS CONTROLLER
Absolute maximum ratings (Ta = 25oC)
Parameter Power supply voltage Supply Current Drain Current Operating temperature Storage temperature Power dissipation Symbol VCC ICC VD Topr Tstg Pd Limits -0.6~15 100 0~15 -40~+70 -50~+85 500 unit V mA mA o C o C mW
Recommended operating conditions (Ta = 25oC)
Parameter Power supply voltage Symbol VCC Limits 5~12 unit V
Electrical characteristics
(Unless otherwise stated, Ta=25C, VCC=5V, ID=10mA, RCTL1=33k, RCTL2 =33k) Parameter Symbol Min. Typ. Max. Unit Conditions Supply Voltage VCC 5 -12 V --10 mA ID1 to ID4=0 Supply Current ICC --50 mA ID1 to ID4=10mA -3.5 -3 -2 V IOUT= 0 Negative Voltage VOUT ---2 V IOUT= -200A Drain Output Noise Voltage END --0.02 VPP CG=4.7nF, CD=10nF Gate Output Noise Voltage ENG --0.005 VPP CG=4.7nF, CD=10nF Oscillator Freq. fo 200 350 800 kHz DRAIN Drain Current ID 8 10 12 mA Drain Current Charge with VCC -0.02 -%/V VCC=5 to 12V IDV Drain Current Charge with Tj %/ Tj=-40 to +70C -0.05 -IDT Drain Voltage VD 2 2.2 2.4 V Drain Voltage Charge with VCC VDV -0.5 -%/V VCC=5 to 12V Drain Voltage Charge with Tj -50 -ppm Tj=-40 to +70C VDT GATE Gate Output Current Range IGO -30 -2000 A ID1 to ID4=12mA -3.5 --2 V IG1 to IG4=0 Gate Output Low Voltage VOL ID1 to ID4=12mA -3.5 --2 V IG1 to IG4= -10A Gate Output High Voltage VOH ID1 to ID4= 8mA 0 -1 V IG1 to IG4= 0
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 3
AT1504
Preliminary Product Information FET BIAS CONTROLLER
Typical Application Circuit
Typical Characteristics
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 4
AT1504
Preliminary Product Information FET BIAS CONTROLLER
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 5
AT1504
Preliminary Product Information FET BIAS CONTROLLER
Package Outlines : 16-pin SSOP
SYMBOL A A1 A2 b C D ZD E E1 L e y
MILLIMETERS MIN TYP MAX 1.35 1.60 1.75 0.10 0.15 0.25 1.50 0.20 0.30 0.18 0.25 4.80 4.85 5.00 0.20 5.79 5.99 6.20 3.81 3.91 3.99 0.41 0.71 1.27 0.64 0.076 0 8
MIN 0.053 0.004 0.008 0.007 0.189 0.228 0.150 0.016 0
INCHES TYP 0.063 0.006 0.191 0.008 0.236 0.154 0.028 0.025 -
MAX 0.069 0.010 0.059 0.012 0.010 0.197 0.244 0.157 0.050 0.003 8
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 886-3-563-0878 http://www.aimtron.com.tw Fax: 886-3-563-0879 Email: service@aimtron.com.tw 6


▲Up To Search▲   

 
Price & Availability of AT1504R-GRE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X