Part Number Hot Search : 
800N06N M54HC 265010 LA38B SHM40 TPF4805S GP15A RLR2905
Product Description
Full Text Search
 

To Download AT-2201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Attenuator, 30 dB, 4-Bit DC-2.0 GHz
Features
* * * * * * * Attenuation 2-dB Steps to 30 dB High Accuracy Low Intermodulation Product: +50 dBm IP3 Low DC Power Consumption: 50 W SOIC-16 Plastic Package Tape and Reel Packaging Available Temperature Stability +/-0.15 dB: -40C to +85C
AT-220 V5
Functional Schematic
RF1
16
GND
15
GND
14
GND
13
GND GND
12 11
GND
10
RF2
9
16 dB
8 dB
4 dB
2 dB
Description
M/A-COM's AT-220 is a 4-bit, 2-dB step GaAs MMIC digital attenuator in a low cost SOIC 16-lead surface mount plastic package. The AT-220 is ideally suited for use where high accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include radio and cellular equipment, wireless LANs, GPS equipment and other Gain/Level Control circuits. The AT-220 is fabricated with a monolithic GaAs MMIC using a mature 1-micron process. The process features full chip passivation for increased performance and reliability.
1
2
3
4
5
6
7
8
VC1
VC1
VC2
VC2
VC3
VC3
VC4
VC4
Pin Configuration
Pin No.
1 2 3
Function
VC1 VC1 VC2 VC2 VC3 VC3 VC4 VC4
Pin No.
9 10 11 12 13 14 15 16
Function
RF2 GND GND GND GND GND GND RF1
Ordering Information
Part Number
AT-220 PIN AT-220TR*
4 5
Package
SOIC 16-Lead Plastic Package 1000 piece reel
6 7 8
* Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 1
Parameter
Input Power: 50 MHz 500-2000 MHz Control Voltage Operating Temperature Storage Temperature
Absolute Maximum
+27 dBm +34 dBm -8.5 V VC 5V -40C to +85C -65C to +150C
1. Exceeding any one or combination of these limits may cause permanent damage to this device.
1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Digital Attenuator, 30 dB, 4-Bit DC-2.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / -5 V, Z0 = 50
Parameter
Insertion Loss (reference state)
AT-220 V5
Test Conditions
Frequency
DC - 0.5 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 1.0 GHz DC - 2.0 GHz
Units
dB dB dB
Min
-- -- --
Typ
1.5 1.6 1.8
Max
1.7 1.8 2.1
Attenuation Accuracy 2 VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression IP2 IP3 Control Current 2. 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In-Band Input Power Input Power Measured Relative to Input Power (For two-tone input power up to +5 dBm) Measured Relative to Input Power (For two-tone input power up to +5 dBm) |VC| = 5 V
(0.15 dB + 3% of Atten Setting in dB) dB (0.30 dB + 4% of Atten Setting in dB) dB Ratio -- -- -- -- -- -- -- -- -- -- -- 1.2:1 12 18 25 20 28 45 68 40 50 -- -- -- -- -- -- -- -- -- -- 100
-- -- -- 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz 0.05 GHz 0.5 - 2.0 GHz
nS nS mV dBm dBm dBm dBm dBm dBm A
Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
SOIC-16
Truth Table 3
Control Inputs
VC4 VC4 VC3 1 0 1 1 1 0 3. 0 1 0 0 0 1 1 1 0 1 1 0 VC3 0 0 1 0 0 1 VC2 1 1 1 0 1 0 VC2 0 0 0 1 0 1 VC1 1 1 1 1 0 0 VC1 Attenuation (dB) 0 0 0 0 1 1
Reference State
2 dB 4 dB 8 dB 16 dB 30 dB
0 = -0.2 V to 0 V, 1 = -8 V to -5 V.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
Digital Attenuator, 30 dB, 4-Bit DC-2.0 GHz
Typical Performance Curves
Insertion Loss
3
AT-220 V5
Attenuation
0
-5
2
-10
-15
1
+25C -40C +85C
-20
-25
0 0.0
-30
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
VSWR
2.0
IL 2 dB 4 dB 8 dB 16 dB
Attenuation Accuracy
1.5
AttenDev 2 AttenDev4 Attendev8 AttenDev16 AttenDev30
1.8
1.0
1.6
0.5
0.0
1.4
-0.5
1.2
-1.0
1.0 0.0
0.5
1.0
1.5
2.0
-1.5 0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of AT-2201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X